Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR110 Datasheet(PDF) 1 Page - First Components International

Part # FR110
Description  1.0 Amp FAST RECOVERY PLASTIC RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FR110 Datasheet(HTML) 1 Page - First Components International

  FR110 Datasheet HTML 1Page - First Components International FR110 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Features
Mechanical Dimensions
Maximum Ratings
Peak Repetitive Reverse Voltage...V
RRM
RMS Reverse Voltage...V
R(rms)
DC Blocking Voltage...V
DC
FR10 . . . 110 Series
Average Forward Rectified Current...I
F(av)
T
A = 55°C
Non-Repetitive Peak Forward Surge Current...I
FSM
@ Rated Current & Temp
Operating & Storage Temperature Range...T
J, TSTRG
Maximum Forward Voltage @ 1.0A...V
F
Maximum DC Reverse Current...I
R
@25°C
@ Rated DC Blocking Voltage
@ 100°C
Typical Junction Capacitance...C
J (Note 1)
Maximum Reverse Recovery Time...t
RR
Page 4-6
FR10
FR11
FR12
FR14
FR16
FR18
FR110
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
50
100
200
400
600
800
1000
Data Sheet
1.0 Amp FAST RECOVERY
PLASTIC RECTIFIERS
Units
............................................. 1.0 ...............................................
............................................. 50 ...............................................
........................................ -65 to 150 .........................................
............................................. 1.3 ...............................................
............................................. 5.0 ...............................................
............................................. 100 ...............................................
............................................. 15 ...............................................
Volts
Volts
Volts
Amps
Amps
°C
Volts
µAmps
µAmps
pF
ns
n 1.0 AMP OPERATION @ T
A = 55°C, WITH
NO THERMAL RUNAWAY
n MEETS UL SPECIFICATION 94V-0
150
150
150
150
250
500
500
n FAST SWITCHING FOR
HIGH EFFICIENCY
n HIGH SURGE CAPABILITY
.205
.160
1.00 Min.
.031 typ.
.080
.107
JEDEC
D0-41
Electrical Characteristics


Similar Part No. - FR110

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
FR1101C-2005-M-TR STANLEY-FR1101C-2005-M-TR Datasheet
649Kb / 18P
   Lead-free soldering compatible
FR1101C-M-TR STANLEY-FR1101C-M-TR Datasheet
684Kb / 18P
   Lead-free soldering compatible
logo
List of Unclassifed Man...
FR1101F ETC2-FR1101F Datasheet
157Kb / 2P
   Series Right Angle AlInGaP SMT LED
logo
STANLEY ELECTRIC CO.,LT...
FR1101F STANLEY-FR1101F Datasheet
245Kb / 16P
   Single Color High Brightness Type
FR1104B STANLEY-FR1104B Datasheet
259Kb / 18P
   Single Color High Brightness Type
More results

Similar Description - FR110

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
1N4933 FCI-1N4933 Datasheet
113Kb / 2P
   1.0 Amp FAST RECOVERY PLASTIC RECTIFIERS
FR10G FCI-FR10G Datasheet
416Kb / 2P
   1.0 Amp FAST RECOVERY PLASTIC RECTIFIERS
BA157 FCI-BA157 Datasheet
128Kb / 2P
   1.0 Amp FAST RECOVERY PLASTIC RECTIFIERS
logo
DIYI Electronic Technol...
1F1 DYELEC-1F1 Datasheet
522Kb / 2P
   1.0 AMP. Fast Plastic silicon Recovery Rectifiers
logo
Bytes
BA157 BYTES-BA157 Datasheet
152Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
FR101 BYTES-FR101 Datasheet
152Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
RL101F BYTES-RL101F Datasheet
152Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
F1T1 TSC-F1T1_10 Datasheet
526Kb / 2P
   1.0 AMP. Fast Recovery Rectifiers
F1T1 TSC-F1T1_1 Datasheet
247Kb / 2P
   1.0 AMP. Fast Recovery Rectifiers
FR101 TSC-FR101_1 Datasheet
262Kb / 2P
   1.0 AMP. Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com