Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBR5030 Datasheet(PDF) 1 Page - First Components International

Part # FBR5030
Description  50 Amp SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FBR5030 Datasheet(HTML) 1 Page - First Components International

  FBR5030 Datasheet HTML 1Page - First Components International FBR5030 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Features
Mechanical Dimensions
Maximum Ratings
Peak Repetitive Reverse Voltage...V
RRM
Working Peak Reverse Voltage...V
RWM
DC Blocking Voltage...V
DC
RMS Reverse Voltage...V
R(rms)
FBR5030 . . . 5060 Series
Average Forward Rectified Current...I
O
@ T
C = 110°C VR (equiv.) < = 0.2VR(DC)
Non-Repetitive Peak Forward Surge Current...I
FSM
@RatedLoadConditions,½SineWave,SinglePhase,60Hz
Operating & Storage Temperature Range...T
J, TSTRG
Maximum Forward Voltage...V
F
@ I
F = 25 Amps
Maximum DC Reverse Current...I
R
@ Rated DC Blocking Voltage
T
C = 25°C
T
C =125°C
FBR5030 FBR5035 FBR5040 FBR5045 FBR5050 FBR5060
30
35
40
45
50
60
30
35
40
45
50
60
30
35
40
45
50
60
21
24
28
31
35
42
Data Sheet
50 Amp SCHOTTKY
BARRIER RECTIFIERS
Units
............................................. 50 ...............................................
............................................. 500 ...............................................
........................................ -65 to 150 .........................................
............................................. 5.0 ...............................................
Volts
Volts
Volts
Volts
Amps
Amps
°C
Volts
mAmps
mAmps
Page 7-42
n HIGH CURRENT CAPABILITY
WITH LOW V
F
n HIGH EFFICIENCY w/LOW POWER LOSS
n HIGH SURGE VOLTAGE AND
TRANSIENT PROTECTION
n MEETS UL SPECIFICATION 94V-0
< ........................ .60 ........................ >
< ........ .70 ......... >
< ........................ 100 ........................ >
< .......... 150 ........ >
JEDEC
T0-3P
1
3
Case
2
1
3
2
Common Anode Suffix ‘‘A’’
CASE
1
3
2
Common Cathode Suffix ‘‘C’’
CASE
Electrical Characteristics


Similar Part No. - FBR5030

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FBR50 FCI-FBR50 Datasheet
5Mb / 2P
   30 Amp SCHOTTKY BARRIER RECTIFIERS
logo
EIC discrete Semiconduc...
FBR5000 EIC-FBR5000 Datasheet
21Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
FBR5000 EIC-FBR5000 Datasheet
52Kb / 2P
   FAST RECOVERY
FBR5000 EIC-FBR5000 Datasheet
81Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
Rev. 03:November 20, 2008
FBR5000W EIC-FBR5000W Datasheet
47Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
More results

Similar Description - FBR5030

ManufacturerPart #DatasheetDescription
logo
Bytes
SR220 BYTES-SR220 Datasheet
153Kb / 2P
   2.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR3020 BYTES-SR3020 Datasheet
156Kb / 2P
   30.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SR1502 TSC-SR1502_10 Datasheet
499Kb / 2P
   15.0 AMP. Schottky Barrier Rectifiers
logo
Tiger Electronic Co.,Lt...
1N5817 TGS-1N5817 Datasheet
274Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
DIOTEC Electronics Corp...
12SK40 DEC-12SK40 Datasheet
422Kb / 2P
   12 AMP SCHOTTKY BARRIER RECTIFIERS
SK102 DEC-SK102 Datasheet
424Kb / 2P
   1 AMP SCHOTTKY BARRIER RECTIFIERS
logo
UNIOHM CORPORATION
1S20 UNIOHM-1S20 Datasheet
66Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Bytes
1N5817 BYTES-1N5817 Datasheet
152Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Formosa MS
SR320 FORMOSA-SR320 Datasheet
33Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
1S20 FORMOSA-1S20 Datasheet
33Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com