Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBR3035 Datasheet(PDF) 2 Page - First Components International

Part # FBR3035
Description  30 Amp SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FBR3035 Datasheet(HTML) 2 Page - First Components International

  FBR3035 Datasheet HTML 1Page - First Components International FBR3035 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet
30 Amp SCHOTTKY
BARRIER RECTIFIERS
Page 7-37
Ratingsat
25 Deg. C ambient
temperature
unless otherwise
specified.
Single Phase Half
Wave, 60 Hz
Resistive or
Inductive Load.
For Capacitive
Load, Derate
Current by 20%.
Reverse Voltage (V)
Typical Reverse Characteristics
FBR3030..45
Reverse Voltage (V)
Forward Current Derating Curve
Number of Cycles @ 60 Hz
Peak Forward Surge Current
Case Temperature (oC)
Typical Junction Capacitance
Forward Voltage (V)
Typical Forward Characteristics
Reverse Voltage (V)
Typical Reverse Characteristics
FBR3050..60
FBR3030...3045
FBR3050...3060


Similar Part No. - FBR3035

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FBR30 FCI-FBR30 Datasheet
5Mb / 2P
   30 Amp SCHOTTKY BARRIER RECTIFIERS
FBR30100 FCI-FBR30100 Datasheet
131Kb / 2P
   30 Amp 90 & 100V SCHOTTKY BARRIER RECTIFIERS
FBR3090 FCI-FBR3090 Datasheet
131Kb / 2P
   30 Amp 90 & 100V SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - FBR3035

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SBR30200RF SECOS-SBR30200RF_11 Datasheet
366Kb / 2P
   30 Amp Schottky Barrier Rectifiers
SBRS3080F SECOS-SBRS3080F_15 Datasheet
269Kb / 2P
   30 Amp Schottky Barrier Rectifiers
logo
DIOTEC Electronics Corp...
SK3040C DEC-SK3040C Datasheet
429Kb / 2P
   30 AMP SCHOTTKY BARRIER RECTIFIERS
SBDT-3000-1B DEC-SBDT-3000-1B Datasheet
431Kb / 2P
   30 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Digitron Semiconductors
SD41 DIGITRON-SD41 Datasheet
117Kb / 2P
   30 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SBRS3080F SECOS-SBRS3080F Datasheet
269Kb / 2P
   30 Amp Schottky Barrier Rectifiers
logo
First Components Intern...
FBR30 FCI-FBR30 Datasheet
5Mb / 2P
   30 Amp SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SBR30150RF SECOS-SBR30150RF_15 Datasheet
271Kb / 2P
   30 Amp Schottky Barrier Rectifiers
SBR30150RF SECOS-SBR30150RF_11 Datasheet
271Kb / 2P
   30 Amp Schottky Barrier Rectifiers
SBR30100RF SECOS-SBR30100RF_15 Datasheet
254Kb / 2P
   30 Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com