Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP4T6310 Datasheet(PDF) 3 Page - M-pulse Microwave Inc.

Part # MP4T6310
Description  3 Volt, Low Noise High fT Silicon Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPLUSE [M-pulse Microwave Inc.]
Direct Link  http://www.mpulsemw.com
Logo MPLUSE - M-pulse Microwave Inc.

MP4T6310 Datasheet(HTML) 3 Page - M-pulse Microwave Inc.

  MP4T6310 Datasheet HTML 1Page - M-pulse Microwave Inc. MP4T6310 Datasheet HTML 2Page - M-pulse Microwave Inc. MP4T6310 Datasheet HTML 3Page - M-pulse Microwave Inc. MP4T6310 Datasheet HTML 4Page - M-pulse Microwave Inc. MP4T6310 Datasheet HTML 5Page - M-pulse Microwave Inc. MP4T6310 Datasheet HTML 6Page - M-pulse Microwave Inc. MP4T6310 Datasheet HTML 7Page - M-pulse Microwave Inc. MP4T6310 Datasheet HTML 8Page - M-pulse Microwave Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3 Volt, Low Noise High fT Silicon Transistor
Specification Subject to Change Without Notice
M-Pulse Microwave____________________________________________________________________________________
3
576 Charcot Avemue, San Jose, California 95131
Tel (408) 432-1480
Fax (408)) 432-3440
MP4T6310 Series
MP4T631035
Typical Scattering Parameters in the MIcro-X Package
VCE = 3 Volts, IC = 2 mA
Frequency
S11E
S21E
S12E
S22E
(MHz)
Mag.
Angle
Mag.
Angle
Mag.
Angle
Mag
Angle
500
0.744
-37.9
4.174
137.0
0.088
63.8
0.841
-31.2
1000
0.524
-69.7
3.435
109.7
0.136
51.4
0.645
-48.2
1500
0.357
-94.3
2.771
89.9
0.169
45.5
0.531
-57.9
2000
0.255
-118.6
2.308
75.0
0.201
41.2
0.463
-67.5
2500
0.188
-142.6
1.977
62.3
0.228
37.3
0.415
-75.2
3000
0.139
-171.1
1.709
51.5
0.254
33.8
0.393
-81.9
3500
0.130
168.9
1.587
41.9
0.281
29.1
0.360
91.2
4000
0.133
140.6
1.448
33.1
0.299
25.8
0.342
-97.9
4500
0.156
122.4
1.369
23.1
0.323
21.8
0.324
-107.8
5000
0.180
105.0
1.296
15.5
0.342
17.9
0.308
-115.4
5500
0.204
89.7
1.239
7.9
0.362
14.3
0.299
-123.5
6000
0.228
78.9
1.194
0.7
0.379
10.7
0.292
-132.8
VCE = 3 Volts, IC = 4 mA
Frequency
S11E
S21E
S12E
S22E
(MHz)
Mag.
Angle
Mag.
Angle
Mag.
Angle
Mag
Angle
500
0.558
-54.5
6.582
127.1
0.074
61.9
0.727
-37.0
1000
0.324
-92.2
4.537
98.8
0.114
54.8
0.523
-49.9
1500
0.217
-119.0
3.299
82.1
0.149
51.4
0.437
-56.5
2000
0.169
-150.7
2.635
69.2
0.184
47.4
0.387
-65.3
2500
0.147
172.8
2.204
58.0
0.215
43.3
0.353
-72.2
3000
0.141
148.6
1.888
48.1
0.244
39.4
0.330
-78.6
3500
0.145
134.2
1.719
39.3
0.274
34.5
0.315
-88.4
4000
0.167
115.0
1.562
30.9
0.296
30.7
0.305
-95.7
4500
0.196
103.5
1.465
21.3
0.322
26.2
0.288
-106.1
5000
0.223
90.9
1.381
13.9
0.343
22.0
0.275
-114.0
5500
0.251
79.0
1.314
6.4
0.365
17.8
0.267
-122.7
6000
0.275
69.7
1.260
-1.4
0.383
14.1
0.262
-132.5
VCE = 3 Volts, IC = 6 mA
Frequency
S11E
S21E
S12E
S22E
(MHz)
Mag.
Angle
Mag.
Angle
Mag.
Angle
Mag
Angle
500
0.429
-67.5
7.855
120.2
0.067
62.5
0.656
-39.5
1000
0.244
-107.3
4.871
93.9
0.107
57.9
0.466
-49.4
1500
0.178
-136.4
3.445
78.8
0.144
54.7
0.397
-54.9
2000
0.160
-168.7
2.722
66.7
0.179
50.3
0.354
-63.5
2500
0.158
163.5
2.264
56.0
0.212
45.9
0.326
-70.3
3000
0.166
138.7
1.933
46.4
0.241
41.5
0.306
-76.9
3500
0.170
126.8
1.753
37.9
0.273
36.5
0.295
-87.3
4000
0.192
109.9
1.584
29.8
0.294
32.8
0.289
-94.3
4500
0.221
100.9
1.490
20.2
0.322
28.1
0.275
-106.0
5000
0.250
89.2
1.403
13.0
0.344
23.8
0.263
-114.7
5500
0.280
77.8
1.333
5.3
0.367
19.4
0.255
-124.2
6000
0.304
68.6
1.276
-2.4
0.385
15.7
0.254
-134.7


Similar Part No. - MP4T6310

ManufacturerPart #DatasheetDescription
logo
M-pulse Microwave Inc.
MP4T6325 MPLUSE-MP4T6325 Datasheet
199Kb / 8P
   3 Volt, General Purpose Low Noise High fT Silicon Transistor
MP4T632500 MPLUSE-MP4T632500 Datasheet
199Kb / 8P
   3 Volt, General Purpose Low Noise High fT Silicon Transistor
MP4T632533 MPLUSE-MP4T632533 Datasheet
199Kb / 8P
   3 Volt, General Purpose Low Noise High fT Silicon Transistor
MP4T632535 MPLUSE-MP4T632535 Datasheet
199Kb / 8P
   3 Volt, General Purpose Low Noise High fT Silicon Transistor
MP4T632539 MPLUSE-MP4T632539 Datasheet
199Kb / 8P
   3 Volt, General Purpose Low Noise High fT Silicon Transistor
More results

Similar Description - MP4T6310

ManufacturerPart #DatasheetDescription
logo
M-pulse Microwave Inc.
MP4T6325 MPLUSE-MP4T6325 Datasheet
199Kb / 8P
   3 Volt, General Purpose Low Noise High fT Silicon Transistor
MP4T6825 MPLUSE-MP4T6825 Datasheet
199Kb / 10P
   Low Current 8 Volt, Low Noise High fT Silicon Transistor
MP4T243 MPLUSE-MP4T243 Datasheet
88Kb / 7P
   Silicon Bipolar High fT Low Noise Medium Power 12 Volt Transistors
logo
AVAGO TECHNOLOGIES LIMI...
MGA-85563 AVAGO-MGA-85563 Datasheet
206Kb / 13P
   3-volt Low Noise Amplifier
logo
M-pulse Microwave Inc.
MP4T645 MPLUSE-MP4T645 Datasheet
106Kb / 8P
   Silicon Bipolar High fT Low Noise Microwave Transistors
logo
Advanced Power Technolo...
MMBR911LT1 ADPOW-MMBR911LT1 Datasheet
148Kb / 6P
   NPN SILICON LOW NOISE, HIGH-FREQUENCY TRANSISTOR
logo
Motorola, Inc
MRF5811LT1 MOTOROLA-MRF5811LT1 Datasheet
155Kb / 8P
   LOW NOISE HIGH-FREQUENCY TRANSISTOR NPN SILICON
logo
Central Semiconductor C...
CMPT2484 CENTRAL-CMPT2484 Datasheet
77Kb / 2P
   NPN SILICON LOW NOISE TRANSISTOR
logo
Leshan Radio Company
MMBT5087LT1 LRC-MMBT5087LT1 Datasheet
165Kb / 6P
   Low Noise Transistor(PNP Silicon)
logo
Motorola, Inc
MBC13900 MOTOROLA-MBC13900 Datasheet
813Kb / 26P
   NPN Silicon Low Noise Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com