Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP4T324333 Datasheet(PDF) 4 Page - M-pulse Microwave Inc.

Part # MP4T324333
Description  Bipolar High fT Low Voltage NPN Silicon Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPLUSE [M-pulse Microwave Inc.]
Direct Link  http://www.mpulsemw.com
Logo MPLUSE - M-pulse Microwave Inc.

MP4T324333 Datasheet(HTML) 4 Page - M-pulse Microwave Inc.

  MP4T324333 Datasheet HTML 1Page - M-pulse Microwave Inc. MP4T324333 Datasheet HTML 2Page - M-pulse Microwave Inc. MP4T324333 Datasheet HTML 3Page - M-pulse Microwave Inc. MP4T324333 Datasheet HTML 4Page - M-pulse Microwave Inc. MP4T324333 Datasheet HTML 5Page - M-pulse Microwave Inc. MP4T324333 Datasheet HTML 6Page - M-pulse Microwave Inc. MP4T324333 Datasheet HTML 7Page - M-pulse Microwave Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Bipolar High fT Low Voltage NPN Silicon Transistors
V4.00
Specification Subject to Change Without Notice
M-Pulse
Microwave____________________________________________________________________________________
4
576 Charcot Avemue, San Jose, California 95131
Tel (408) 432-1480
Fax (408)) 432-3440
MP4T3243 Series
Typical Scattering Parameters in the Micro-X Package (Cont’d)
MP4T324335
VCE = 3 Volts, IC = 40 mA
Frequency
S11E
S21E
S12E
S22E
(MHz)
Mag.
Angle
Mag.
Angle
Mag.
Angle
Mag
Angle
1000
0.675
164
2.678
73.3
0.139
66.2
0.424
176.6
2000
0.692
143
1.528
54.1
0.244
55.0
0.470
158.6
3000
0.707
121
1.230
37.7
0.368
45.9
0.455
141.6
4000
0.719
104
1.095
20.8
0.463
31.5
0.481
128.1
5000
0.749
86
1.035
6.5
0.537
20.4
0.504
113.3
6000
0.763
66
1.017
-7.8
0.629
8.4
0.523
99.2
MP4T324335
VCE = 3 Volts, IC = 60 mA
Frequency
S11E
S21E
S12E
S22E
(MHz)
Mag.
Angle
Mag.
Angle
Mag.
Angle
Mag
Angle
1000
0.685
164
2.678
73.1
0.140
68.1
0.446
173.9
2000
0.698
143
1.528
54.2
0.251
56.1
0.492
156.8
3000
0.719
122
1.245
37.7
0.380
45.6
0.480
139.4
4000
0.727
104
1.103
20.7
0.474
31.0
0.502
125.4
5000
0.754
86
1.045
6.5
0.549
19.8
0.520
110.6
6000
0.767
67
1.025
-7.9
0.641
7.4
0.540
96.0
Typical Performance Curves
DC SAFE OPERATING RANGE at 25
°c
10
200
0
2
4
6
COLLECTOR EMITTER VOLTAGE (Volts)
110
100
50
20
80
NOMINAL POWER DERATING CURVES
0
100
200
300
400
500
600
700
800
900
1000
-25
0
25
50
75
100
125
150
175
200
AMBIENT TEMP (C)
MP4T324300 CHIP
ON 25
°C HEAT SINK
MP4T324300 CHIP
ON 25
°C HEAT SINK
MP4T324335 MICRO-X
MP4T324335 MICRO-X
MP4T324333 SOT-23
MP4T324333 SOT-23


Similar Part No. - MP4T324333

ManufacturerPart #DatasheetDescription
logo
M-pulse Microwave Inc.
MP4T243 MPLUSE-MP4T243 Datasheet
88Kb / 7P
   Silicon Bipolar High fT Low Noise Medium Power 12 Volt Transistors
MP4T24300 MPLUSE-MP4T24300 Datasheet
88Kb / 7P
   Silicon Bipolar High fT Low Noise Medium Power 12 Volt Transistors
MP4T24335 MPLUSE-MP4T24335 Datasheet
88Kb / 7P
   Silicon Bipolar High fT Low Noise Medium Power 12 Volt Transistors
MP4T6310 MPLUSE-MP4T6310 Datasheet
184Kb / 8P
   3 Volt, Low Noise High fT Silicon Transistor
MP4T631000 MPLUSE-MP4T631000 Datasheet
184Kb / 8P
   3 Volt, Low Noise High fT Silicon Transistor
More results

Similar Description - MP4T324333

ManufacturerPart #DatasheetDescription
logo
M-pulse Microwave Inc.
MP4T645 MPLUSE-MP4T645 Datasheet
106Kb / 8P
   Silicon Bipolar High fT Low Noise Microwave Transistors
logo
Broadcom Corporation.
AT-30511 BOARDCOM-AT-30511 Datasheet
278Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistors
logo
AVAGO TECHNOLOGIES LIMI...
AT-30511 AVAGO-AT-30511 Datasheet
278Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistors
logo
M-pulse Microwave Inc.
MP4T6365 MPLUSE-MP4T6365 Datasheet
109Kb / 8P
   Low OperatingVoltage, High fT Bipolar Microwave Transistors
logo
Unisonic Technologies
13002AH UTC-13002AH_15 Datasheet
152Kb / 4P
   NPN SILICON BIPOLAR TRANSISTORS FOR LOW AMPLIFICATION
13003BS UTC-13003BS_15 Datasheet
162Kb / 4P
   NPN SILICON BIPOLAR TRANSISTORS FOR LOW AMPLIFICATION
13003DF UTC-13003DF_15 Datasheet
148Kb / 3P
   NPN SILICON BIPOLAR TRANSISTORS FOR LOW AMPLIFICATION
13003DH UTC-13003DH_15 Datasheet
159Kb / 4P
   NPN SILICON BIPOLAR TRANSISTORS FOR LOW AMPLIFICATION
3003BS UTC-3003BS_15 Datasheet
150Kb / 3P
   NPN SILICON BIPOLAR TRANSISTORS FOR LOW AMPLIFICATION
13003BDG UTC-13003BDG_15 Datasheet
144Kb / 4P
   NPN SILICON BIPOLAR TRANSISTORS FOR LOW AMPLIFICATION
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com