Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP4T64535 Datasheet(PDF) 5 Page - M-pulse Microwave Inc.

Part # MP4T64535
Description  Silicon Bipolar High fT Low Noise Microwave Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPLUSE [M-pulse Microwave Inc.]
Direct Link  http://www.mpulsemw.com
Logo MPLUSE - M-pulse Microwave Inc.

MP4T64535 Datasheet(HTML) 5 Page - M-pulse Microwave Inc.

  MP4T64535 Datasheet HTML 1Page - M-pulse Microwave Inc. MP4T64535 Datasheet HTML 2Page - M-pulse Microwave Inc. MP4T64535 Datasheet HTML 3Page - M-pulse Microwave Inc. MP4T64535 Datasheet HTML 4Page - M-pulse Microwave Inc. MP4T64535 Datasheet HTML 5Page - M-pulse Microwave Inc. MP4T64535 Datasheet HTML 6Page - M-pulse Microwave Inc. MP4T64535 Datasheet HTML 7Page - M-pulse Microwave Inc. MP4T64535 Datasheet HTML 8Page - M-pulse Microwave Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Silicon Bipolar High fT Low Noise Microwave Transistors
MP4T645 Series
Specification Subject to Change Without Notice
M-Pulse Microwave____________________________________________________________________________________
5
576 Charcot Avemue, San Jose, California 95131
Tel (408) 432-1480
Fax (408)) 432-3440
MP4T645 Series
Typical Performance Curves
NOMINAL POWER DERATING CURVES
0
50
100
150
200
250
300
350
400
450
500
0
25
50
75
100
125
150
175
AMBIENT TEMP (C)
MP4T64500 Chip on
Infinite Heat Sink
MP4T64535 in
Micro-X Package
MP4T64533 in
SOT-23 Package
NOMINAL GAIN vs FREQUENCY at
VCE = 8 VOLTS, IC = 10 mA (MP4T64535)
0
4
8
12
16
20
24
1
10
FREQUENCY (GHz)
GTU (MAX)
|S21E|2
2
5
NOMINAL COLLECTOR-BASE CAPACITANCE vs
COLLECTOR-BASE VOLTAGE (MP4T64535)
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.55
0.6
1
10
100
COLLECTOR-BASE VOLTAGE
(VCB) (Volts)
NOMINAL GAIN vs COLLECTOR CURRENT at
f = 1.5 GHz, VCE = 8 Volts (MP4T64535)
6
7
8
9
10
11
12
13
14
15
1
10
100
COLLECTOR CURRENT (mA)
GTU (MAX)
|S21E|2
MAG


Similar Part No. - MP4T64535

ManufacturerPart #DatasheetDescription
logo
M-pulse Microwave Inc.
MP4T6310 MPLUSE-MP4T6310 Datasheet
184Kb / 8P
   3 Volt, Low Noise High fT Silicon Transistor
MP4T631000 MPLUSE-MP4T631000 Datasheet
184Kb / 8P
   3 Volt, Low Noise High fT Silicon Transistor
MP4T631033 MPLUSE-MP4T631033 Datasheet
184Kb / 8P
   3 Volt, Low Noise High fT Silicon Transistor
MP4T631035 MPLUSE-MP4T631035 Datasheet
184Kb / 8P
   3 Volt, Low Noise High fT Silicon Transistor
MP4T631039 MPLUSE-MP4T631039 Datasheet
184Kb / 8P
   3 Volt, Low Noise High fT Silicon Transistor
More results

Similar Description - MP4T64535

ManufacturerPart #DatasheetDescription
logo
M-pulse Microwave Inc.
2N2857 MPLUSE-2N2857 Datasheet
127Kb / 4P
   Silicon Bipolar Low Noise microwave Transistors
MP42001 MPLUSE-MP42001 Datasheet
131Kb / 7P
   Silicon Bipolar Low Noise Microwave Transistors
MP42141 MPLUSE-MP42141 Datasheet
128Kb / 5P
   Silicon Bipolar Low Noise Microwave Transistors
MP4T6365 MPLUSE-MP4T6365 Datasheet
109Kb / 8P
   Low OperatingVoltage, High fT Bipolar Microwave Transistors
MP4T243 MPLUSE-MP4T243 Datasheet
88Kb / 7P
   Silicon Bipolar High fT Low Noise Medium Power 12 Volt Transistors
MP4T3243 MPLUSE-MP4T3243 Datasheet
87Kb / 7P
   Bipolar High fT Low Voltage NPN Silicon Transistors
MPSIG001 MPLUSE-MPSIG001 Datasheet
136Kb / 4P
   Low OperatingVoltage, High fT SiGe Microwave Transistors
logo
List of Unclassifed Man...
BRF610 ETC1-BRF610 Datasheet
32Kb / 4P
   NPN LOW NOISE SILICON MICROWAVE TRANSISTOR
B12V105 ETC-B12V105 Datasheet
48Kb / 8P
   NPN LOW NOISE SILICON MICROWAVE TRANSISTOR
B12V114 ETC1-B12V114 Datasheet
42Kb / 7P
   NPN LOW NOISE SILICON MICROWAVE TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com