Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP4T24300 Datasheet(PDF) 5 Page - M-pulse Microwave Inc.

Part # MP4T24300
Description  Silicon Bipolar High fT Low Noise Medium Power 12 Volt Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPLUSE [M-pulse Microwave Inc.]
Direct Link  http://www.mpulsemw.com
Logo MPLUSE - M-pulse Microwave Inc.

MP4T24300 Datasheet(HTML) 5 Page - M-pulse Microwave Inc.

  MP4T24300 Datasheet HTML 1Page - M-pulse Microwave Inc. MP4T24300 Datasheet HTML 2Page - M-pulse Microwave Inc. MP4T24300 Datasheet HTML 3Page - M-pulse Microwave Inc. MP4T24300 Datasheet HTML 4Page - M-pulse Microwave Inc. MP4T24300 Datasheet HTML 5Page - M-pulse Microwave Inc. MP4T24300 Datasheet HTML 6Page - M-pulse Microwave Inc. MP4T24300 Datasheet HTML 7Page - M-pulse Microwave Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Moderate Power High fT NPN Silicon Transistor
MP4T243 Series
V2.00
Specification Subject to Change Without Notice
M-Pulse Microwave____________________________________________________________________________________
5
576 Charcot Avemue, San Jose, California 95131
Tel (408) 432-1480
Fax (408)) 432-3440
Typical Performance Curves
DC SAFE OPERATING RANGE AT 25
°C
20
40
60
80
100
120
140
160
180
200
0
2
4
6
8
10
12
14
COLLECTOR EMITTER
VOLTAGE (Volts)
MP4T24300
Chip on 25C
Heat Sink
MP4T24335
Micro-X
NOMINAL COLLECTOR-BASE CAPACITANCE vs
COLLECTOR-BASE VOLTAGE (MP4T24335)
0.4
0.5
0.6
0.7
0.8
0.9
1
1
10
100
COLLECTOR-BASE VOLTAGE
(Volts)
POWER DERATING CURVES
0
100
200
300
400
500
600
700
800
900
1000
-25
0
25
50
75
100
125
150
175
200
AMBIENT TEMP (C)
MP4T24300
Chip on 25C
Heat Sink
MP4T24335
Micro-X
NOMINAL GAIN vs FREQUENCY at VCE = 12 Volts
and IC = 20 mA (MA4T24335)
0
2
4
6
8
10
12
14
16
1
10
FREQUENCY (GHz)
GTU (MAX)
|S21|2


Similar Part No. - MP4T24300

ManufacturerPart #DatasheetDescription
logo
M-pulse Microwave Inc.
MP4T3243 MPLUSE-MP4T3243 Datasheet
87Kb / 7P
   Bipolar High fT Low Voltage NPN Silicon Transistors
MP4T324300 MPLUSE-MP4T324300 Datasheet
87Kb / 7P
   Bipolar High fT Low Voltage NPN Silicon Transistors
MP4T324333 MPLUSE-MP4T324333 Datasheet
87Kb / 7P
   Bipolar High fT Low Voltage NPN Silicon Transistors
MP4T324335 MPLUSE-MP4T324335 Datasheet
87Kb / 7P
   Bipolar High fT Low Voltage NPN Silicon Transistors
MP4T6310 MPLUSE-MP4T6310 Datasheet
184Kb / 8P
   3 Volt, Low Noise High fT Silicon Transistor
More results

Similar Description - MP4T24300

ManufacturerPart #DatasheetDescription
logo
M-pulse Microwave Inc.
MP4T645 MPLUSE-MP4T645 Datasheet
106Kb / 8P
   Silicon Bipolar High fT Low Noise Microwave Transistors
MP4T6310 MPLUSE-MP4T6310 Datasheet
184Kb / 8P
   3 Volt, Low Noise High fT Silicon Transistor
MP4T6825 MPLUSE-MP4T6825 Datasheet
199Kb / 10P
   Low Current 8 Volt, Low Noise High fT Silicon Transistor
MP4T3243 MPLUSE-MP4T3243 Datasheet
87Kb / 7P
   Bipolar High fT Low Voltage NPN Silicon Transistors
2N2857 MPLUSE-2N2857 Datasheet
127Kb / 4P
   Silicon Bipolar Low Noise microwave Transistors
MP42141 MPLUSE-MP42141 Datasheet
128Kb / 5P
   Silicon Bipolar Low Noise Microwave Transistors
MP42001 MPLUSE-MP42001 Datasheet
131Kb / 7P
   Silicon Bipolar Low Noise Microwave Transistors
MP4T6325 MPLUSE-MP4T6325 Datasheet
199Kb / 8P
   3 Volt, General Purpose Low Noise High fT Silicon Transistor
MP4T6365 MPLUSE-MP4T6365 Datasheet
109Kb / 8P
   Low OperatingVoltage, High fT Bipolar Microwave Transistors
logo
ON Semiconductor
BD237 ONSEMI-BD237 Datasheet
68Kb / 4P
   Plastic Medium Power Bipolar Transistors
November, 2005 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com