Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP4T24335 Datasheet(PDF) 3 Page - M-pulse Microwave Inc.

Part # MP4T24335
Description  Silicon Bipolar High fT Low Noise Medium Power 12 Volt Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPLUSE [M-pulse Microwave Inc.]
Direct Link  http://www.mpulsemw.com
Logo MPLUSE - M-pulse Microwave Inc.

MP4T24335 Datasheet(HTML) 3 Page - M-pulse Microwave Inc.

  MP4T24335 Datasheet HTML 1Page - M-pulse Microwave Inc. MP4T24335 Datasheet HTML 2Page - M-pulse Microwave Inc. MP4T24335 Datasheet HTML 3Page - M-pulse Microwave Inc. MP4T24335 Datasheet HTML 4Page - M-pulse Microwave Inc. MP4T24335 Datasheet HTML 5Page - M-pulse Microwave Inc. MP4T24335 Datasheet HTML 6Page - M-pulse Microwave Inc. MP4T24335 Datasheet HTML 7Page - M-pulse Microwave Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Moderate Power High fT NPN Silicon Transistor
MP4T243 Series
V2.00
Specification Subject to Change Without Notice
M-Pulse Microwave____________________________________________________________________________________
3
576 Charcot Avemue, San Jose, California 95131
Tel (408) 432-1480
Fax (408)) 432-3440
Electrical Specifications @ 25
°C
Parameter
Condition
Symbol
Min
Typical
Max
Units
Collector Cut-off Current
VCB = 15 volts
ICBO
10
µA
IE = 0
µA
Emitter Cut-off Current
VEB = 1 volt
IEBO
1
µA
IC = 0
µA
Forward Current Gain
VCE = 8 volts
hFE
20
90
250
IC = 50 mA
Collector Base
VCB = 10 volts
CCB
0.60
0.08
pF
Junction Capacitance
IE = 0
µA
f = 1 MHz
Typical Scattering Parameters in the MIcro-X Package
MP4T24335
VCE = 12 Volts, IC = 10 mA
Frequency
S11E
S21E
S12E
S22E
(MHz)
Mag.
Angle
Mag.
Angle
Mag.
Angle
Mag
Angle
1000
0.598
-157
3.610
84.4
0.114
27.6
0.378
-73.4
2000
0.612
177
2.373
64.6
0.127
27.3
0.286
-90.7
3000
0.549
153
1.658
44.2
0.146
29.4
0.253
-113.2
4000
0.709
133
1.355
26.1
0.173
30.9
0.269
-138.5
5000
0.794
115
1.182
9.1
0.207
30.2
0.314
-162.2
6000
0.899
96
1.063
-7.4
0.246
27.1
0.367
170.8
7000
1.013
75
0.973
-24.0
0.296
21.5
0.439
157.0
8000
1.108
53
0.878
-41.0
0.360
13.4
0.559
135.6
9000
1.161
30
0.773
-58.8
0.438
2.5
0.757
116.4
10000
1.161
13
0.677
-73.2
0.500
9.2
0.949
103.4
11000
1.161
13
0.677
-73.2
0.500
9.4
0.949
103.6
VCE = 12 Volts, IC = 20 mA
Frequency
S11E
S21E
S12E
S22E
(MHz)
Mag.
Angle
Mag.
Angle
Mag.
Angle
Mag
Angle
1000
0.574
-153
4.510
90.3
0.103
32.1
0.330
-78.0
2000
0.591
170
2.433
64.3
0.126
30.1
0.239
-100.4
3000
0.635
147
1.777
45.3
0.150
32.9
0.205
-126.2
4000
0.696
128
1.465
27.5
0.181
32.1
0.217
-151.3
5000
0.788
110
1.298
11.1
0.215
29.4
0.262
-169.0
6000
0.890
51
1.180
-5.3
0.246
25.8
0.301
-167.7
7000
1.018
72
1.090
-23.1
0.285
19.6
0.366
156.2
8000
1.106
50
1.000
-40.9
0.347
12.1
0.457
134.3
9000
1.165
27
0.875
-60.0
0.399
6.3
0.625
115.1
10000
1.147
6
0.723
-79.5
0.485
13.5
0.847
101.7
11000
1.147
6
0.723
-79.5
0.485
13.5
0.847
101.7


Similar Part No. - MP4T24335

ManufacturerPart #DatasheetDescription
logo
M-pulse Microwave Inc.
MP4T3243 MPLUSE-MP4T3243 Datasheet
87Kb / 7P
   Bipolar High fT Low Voltage NPN Silicon Transistors
MP4T324300 MPLUSE-MP4T324300 Datasheet
87Kb / 7P
   Bipolar High fT Low Voltage NPN Silicon Transistors
MP4T324333 MPLUSE-MP4T324333 Datasheet
87Kb / 7P
   Bipolar High fT Low Voltage NPN Silicon Transistors
MP4T324335 MPLUSE-MP4T324335 Datasheet
87Kb / 7P
   Bipolar High fT Low Voltage NPN Silicon Transistors
MP4T6310 MPLUSE-MP4T6310 Datasheet
184Kb / 8P
   3 Volt, Low Noise High fT Silicon Transistor
More results

Similar Description - MP4T24335

ManufacturerPart #DatasheetDescription
logo
M-pulse Microwave Inc.
MP4T645 MPLUSE-MP4T645 Datasheet
106Kb / 8P
   Silicon Bipolar High fT Low Noise Microwave Transistors
MP4T6310 MPLUSE-MP4T6310 Datasheet
184Kb / 8P
   3 Volt, Low Noise High fT Silicon Transistor
MP4T6825 MPLUSE-MP4T6825 Datasheet
199Kb / 10P
   Low Current 8 Volt, Low Noise High fT Silicon Transistor
MP4T3243 MPLUSE-MP4T3243 Datasheet
87Kb / 7P
   Bipolar High fT Low Voltage NPN Silicon Transistors
2N2857 MPLUSE-2N2857 Datasheet
127Kb / 4P
   Silicon Bipolar Low Noise microwave Transistors
MP42141 MPLUSE-MP42141 Datasheet
128Kb / 5P
   Silicon Bipolar Low Noise Microwave Transistors
MP42001 MPLUSE-MP42001 Datasheet
131Kb / 7P
   Silicon Bipolar Low Noise Microwave Transistors
MP4T6325 MPLUSE-MP4T6325 Datasheet
199Kb / 8P
   3 Volt, General Purpose Low Noise High fT Silicon Transistor
MP4T6365 MPLUSE-MP4T6365 Datasheet
109Kb / 8P
   Low OperatingVoltage, High fT Bipolar Microwave Transistors
logo
ON Semiconductor
BD237 ONSEMI-BD237 Datasheet
68Kb / 4P
   Plastic Medium Power Bipolar Transistors
November, 2005 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com