Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SYPS-3-12W-75 Datasheet(PDF) 1 Page - Mini-Circuits

Part # SYPS-3-12W-75
Description  Power Splitter/Combiner
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SYPS-3-12W-75 Datasheet(HTML) 1 Page - Mini-Circuits

  SYPS-3-12W-75 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3 Way-0° 75
20 to 1200 MHz
Power Splitter/Combiner
Surface Mount
SYPS-3-12W-75+
CASE STYLE: AH202
PRICE: $ 9.95 ea. QTY (1-9)
SYPS-3-12W-75
INSERTION LOSS
5.0
5.5
6.0
6.5
0
200
400
600
800
1000
1200
FREQUENCY (MHz)
S-1
S-2
S-3
SYPS-3-12W-75
ISOLATION
15
20
25
30
35
0
200
400
600
800
1000
1200
FREQUENCY (MHz)
1-2
1-3
2-3
SYPS-3-12W-75
VSWR
1.0
1.1
1.2
1.3
1.4
0
200
400
600
800
1000
1200
FREQUENCY (MHz)
#S-VSWR
#1-VSWR
#2-VSWR
#3-VSWR
Demo Board MCL P/N: TB-361
Suggested PCB Layout (PL-229)
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
Features
• CATV
SUM PORT
8
PORT 1
1
PORT 2
4
PORT 3
5
GROUND
2,3,6,7
• low insertion loss 0.7 dB typ.
• good isolation, 25 dB typ.
• wide frequency band, 20 to 1200 MHz, usable 5-1300 MHz
• low amplitude unbalance, 0.1 dB typ.
• low phase unbalance, 0.5 deg. typ.
Applications
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
Power Input (as a splitter)
1W max.
Internal Dissipation
0.15 W max.
Outline Drawing
Splitter Electrical Specifications
INTERNET
http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits®
Mini-Circuits ISO 9001 & ISO 14001 Certified
REV. A
M102713
ED-12377/2
SYPS-3-12W-75
HY/TD/CP
060117
Typical Performance Data
electrical schematic
FREQUENCY
(MHz)
ISOLATION
(dB)
INSERTION LOSS (dB)
ABOVE 4.8 dB
PHASE
UNBALANCE
(deg.)
AMPLITUDE
UNBALANCE
(dB)
Typ.
Min.
Typ.
Max.
Max.
Max.
20-860
25
18
0.7
1.5
3
0.4
860-1200
20
17
1.2
2.2
5
0.8
FREQ.
(MHz)
INSERTION
LOSS
(dB)
AMPLITUDE
UNBALANCE
(dB)
ISOLATION
(dB)
PHASE
UNBALANCE
(deg.)
VSWR
S-1
S-2
S-3
1-2
1-3
2-3
S
1
2
3
A
B
C
D
E
F
G
H
.375
.500
.25
.020
0.35
.050
.140
.180
9.53 12.70
6.35
0.51
8.89
1.27
3.56
4.57
J
K
L
M
N
P
Q
R
wt
.320
.360
.450
.320
.360
.135
.240
.280 grams
8.13
9.14 11.43
8.13
9.14
3.43
6.10
7.11
0.80
20.00
5.42
5.42
5.42
0.01
31.70
31.86 31.88
0.11
1.18
1.25
1.24
1.25
50.00
5.34
5.34
5.34
0.00
31.00
31.40 31.37
0.04
1.12
1.23
1.22
1.22
100.00
5.31
5.31
5.30
0.01
29.59
30.25 30.23
0.12
1.09
1.21
1.20
1.20
200.00
5.32
5.32
5.30
0.02
27.42
28.52 28.48
0.23
1.06
1.18
1.17
1.18
300.00
5.36
5.35
5.35
0.02
25.66
27.13 27.11
0.22
1.03
1.16
1.15
1.16
400.00
5.42
5.38
5.38
0.04
24.31
26.11 26.09
0.36
1.03
1.13
1.13
1.14
500.00
5.48
5.42
5.44
0.06
23.23
25.33 25.33
0.27
1.03
1.11
1.12
1.13
600.00
5.57
5.49
5.51
0.07
22.24
24.62 24.63
0.34
1.03
1.10
1.11
1.12
700.00
5.67
5.57
5.59
0.10
21.32
23.89 23.93
0.23
1.05
1.12
1.11
1.11
800.00
5.80
5.65
5.67
0.14
20.56
23.31 23.36
0.17
1.09
1.14
1.13
1.11
900.00
5.94
5.77
5.78
0.17
20.07
23.04 23.12
0.12
1.13
1.19
1.15
1.12
1000.00
6.10
5.88
5.89
0.22
20.01
23.44 23.49
0.38
1.16
1.24
1.20
1.14
1080.00
6.24
5.96
5.96
0.28
20.34
24.35 24.41
0.72
1.17
1.27
1.24
1.16
1140.00
6.33
6.02
6.02
0.31
20.77
25.33 25.33
1.01
1.17
1.30
1.27
1.18
1200.00
6.41
6.06
6.05
0.36
21.16
25.88 25.76
1.60
1.17
1.32
1.29
1.19
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS
Compliance. See our web site for RoHS Compliance
methodologies and qualifications.


Similar Part No. - SYPS-3-12W-75

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SYPS-3-12W MINI-SYPS-3-12W Datasheet
177Kb / 1P
   Power Splitter/Combiner
SYPS-3-12W++ MINI-SYPS-3-12W+ Datasheet
177Kb / 1P
   Power Splitter/Combiner
More results

Similar Description - SYPS-3-12W-75

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LRPS-2-1J MINI-LRPS-2-1J Datasheet
282Kb / 1P
   Power Splitter/Combiner
LRPS-2-11A MINI-LRPS-2-11A Datasheet
297Kb / 1P
   Power Splitter/Combiner
LRPS-2-980 MINI-LRPS-2-980 Datasheet
261Kb / 1P
   Power Splitter/Combiner
QCN-5D MINI-QCN-5D Datasheet
283Kb / 1P
   Power Splitter/Combiner
QCN-25D MINI-QCN-25D Datasheet
282Kb / 1P
   Power Splitter/Combiner
QCN-27D MINI-QCN-27D Datasheet
294Kb / 1P
   Power Splitter/Combiner
BP4U1 MINI-BP4U1 Datasheet
279Kb / 1P
   Power Splitter/Combiner
LRPS-3-850 MINI-LRPS-3-850 Datasheet
238Kb / 1P
   Power Splitter/Combiner
SBA-2-20 MINI-SBA-2-20 Datasheet
258Kb / 1P
   Power Splitter/Combiner
SBTC-2-15-75LX MINI-SBTC-2-15-75LX Datasheet
331Kb / 1P
   Power Splitter/Combiner
SBTCJ-122-75X MINI-SBTCJ-122-75X Datasheet
372Kb / 2P
   Power Splitter/Combiner
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com