Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP674AS Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP674AS
Description  12-bit Sampling A/D Converters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP674AS Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP674AS Datasheet HTML 6Page - Sipex Corporation SP674AS Datasheet HTML 7Page - Sipex Corporation SP674AS Datasheet HTML 8Page - Sipex Corporation SP674AS Datasheet HTML 9Page - Sipex Corporation SP674AS Datasheet HTML 10Page - Sipex Corporation SP674AS Datasheet HTML 11Page - Sipex Corporation SP674AS Datasheet HTML 12Page - Sipex Corporation SP674AS Datasheet HTML 13Page - Sipex Corporation SP674AS Datasheet HTML 14Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
12
Conversion Length
A conversion start transition latches the state of
A
0 as shown in Figure 8 and Table 1. The latched
state determines if the conversion stops with 8–
bits (A
0 high) or continues for 12–bits (A0 low).
If all 12–bits are read following an 8–bit conver-
sion, the three LSB’s will be a logic “0” and DB
3
will be a logic “1”. A
0 is latched because it is also
involved in enabling the output buffers as ex-
plained elsewhere. No other control inputs are
latched.
Stand–Alone Operation
The simplest interface is a control line connected
to R/C. The other controls must be tied to known
states as follows: CE and 12/8 are wired high, A
0
and CS are wired low. The output data arrives in
words of 12–bits each. The limits on R/C duty
cycle are shown in Figures 9 and 10. The duty
cycle may be within and including the extremes
shown in the specifications. In general, data may
be read when R/C is high unless STS is also high,
indicating a conversion is in progress.
Reading Output Data
The output data buffers remain in a high imped-
ance state until the following four conditions are
met: R/C is high, STS is low, CE is high and CS
is low. The data lines become active in response
to these four conditions, and output data accord-
ing to the conditions of the control lines 12/8 and
A
0. The timing diagram for this process is shown
in Figure 11. When 12/8 is high, all 12 data
outputs become active simultaneously and the
A
0 input is ignored. The 12/8 input is usually tied
high or low; it is TTL/CMOS compatible. When
12/8 is low, the output is separated into two 8–bit
bytes as shown below:
BYTE 1
BYTE2
xxxx xxxx
xxxx 0000
MSB
LSB
This configuration makes it easy to connect to an
8–bit address bus as shown in Figure 7. The A
0
control can be connected to the least significant
bit of the data bus in order to store the output data
into two consecutive memory locations. When
A
0 is pulled low, the 8 MSB’s are enabled only.
When A
0 is high, the 8 MSB’s are disabled, bits
4 through 7 are forced to a zero and the four
LSB’s are enabled. The two byte format is “left
justified data” as shown above and can be con-
sidered to have a decimal point or binary to the
left of byte 1.
A
0 may be toggled without damage to the con-
verter at any time. Break–before–make action is
guaranteed between the two data bytes. This
assures that the outputs which are strapped to-
gether in Figure 11 will never be enabled at the
same time.
In Figure 11, it can be seen that a read operation
usually begins after the conversion is complete
and STS is low. If earlier access is needed, the
read can begin no later than the addition of times
t
DD and tHS before STS goes low.
Figure 7. Interfacing SPx74A to 8–Bit Interface Bus
28
27
26
25
24
23
22
21
20
19
18
17
16
15
STS
DB11 (MSB)
DB0 (LSB)
DIG
COM
SPx74A
2
4
A0
ADDRESS BUS
A0
12/8
DATA
BUS


Similar Part No. - SP674AS

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP674BA SIPEX-SP674BA Datasheet
172Kb / 15P
   12-Bit Sampling A/D Converters
SP674BB SIPEX-SP674BB Datasheet
172Kb / 15P
   12-Bit Sampling A/D Converters
SP674BJ SIPEX-SP674BJ Datasheet
172Kb / 15P
   12-Bit Sampling A/D Converters
SP674BK SIPEX-SP674BK Datasheet
172Kb / 15P
   12-Bit Sampling A/D Converters
SP674BS SIPEX-SP674BS Datasheet
172Kb / 15P
   12-Bit Sampling A/D Converters
More results

Similar Description - SP674AS

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8503 SIPEX-SP8503 Datasheet
167Kb / 12P
   12-Bit Sampling A/D Converters
SP8603 SIPEX-SP8603 Datasheet
205Kb / 11P
   12-Bit Sampling A/D Converters
SP574B SIPEX-SP574B Datasheet
172Kb / 15P
   12-Bit Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-118 ETC-ADS-118 Datasheet
139Kb / 8P
   12-Bit, 5MHz, Low-Power Sampling A/D Converters
ADS-112 ETC-ADS-112 Datasheet
73Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-112 MURATA-PS-ADS-112 Datasheet
156Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS119 ETC-ADS119 Datasheet
134Kb / 8P
   12-Bit, 10MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-235 MURATA-PS-ADS-235 Datasheet
406Kb / 8P
   12-Bit, 5MHz and 9MHz Sampling A/D Converters
logo
Linear Technology
LTC1273 LINER-LTC1273_15 Datasheet
327Kb / 24P
   12-Bit, 300ksps Sampling A/D Converters with Reference
LTC1273 LINER-LTC1273_1 Datasheet
321Kb / 24P
   12-Bit, 300ksps Sampling A/D Converters with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com