Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M65533FP Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M65533FP
Description  TRIPLE 10-BIT VIDEO D-A CONVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M65533FP Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M65533FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M65533FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M65533FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M65533FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M65533FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M65533FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M65533FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M65533FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M65533FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MITSUBISHI
M65533FP
3ch 8-bit 80MHz A/D Converters
MITSUBISHI Analog ICs
(
/
)
16
3-0
1600
3.15
3.30
3.45
2.4
Vdd
0
0.8
6.25
6.25
5
V
5
Absolute Maximum Ratings (Ta = 25°C, unless otherwise noted.)
Symbol
Parameter
Condition
Ratings
Unit
DVdd
Digital Supply Voltage
AVdd
Analog Supply Voltage
VID
Digital Input Voltage
IOUT
Analog Output Current
Pd
Power Dissipation
Topr
Operating Temperature
Tstg
Storage Temperature
V
V
V
mA
mW
°C
°C
0 to 4.0
0 to 4.0
0 to 4.0
-30 to 0
0 to +70
-40 to +150
In current measurement, (+) and (-) is corresponding to an inflow and an outflow current, respectively.
Recommended Operating Conditions (Ta = 25°C, unless otherwise noted.)
Symbol
Parameter
Limits
Min.
Typ.
Max.
Unit
Vdd
Supply Voltage
V
VIH
Digital Input Voltage (High)
VIL
Digital Input Voltage (Low)
V
tWH
tWL
tsu
th
Clock Pulse Width (High)
Clock Pulse Width (Low)
Set-up Time
Hold Time
ns
ns
ns
ns
4
Vdd((I/O)
I/O Supply Voltage
V
0 to 6.0
4.75
5.0
5.25
Vdd(I/O)
Supply Voltage(I/O)
V
-
-
-
-
-
-
-
-
-
-


Similar Part No. - M65533FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65530FP MITSUBISHI-M65530FP Datasheet
1Mb / 7P
   TRIPLE 10-BIT VIDEO D-A CONVERTER
More results

Similar Description - M65533FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65530FP MITSUBISHI-M65530FP Datasheet
1Mb / 7P
   TRIPLE 10-BIT VIDEO D-A CONVERTER
logo
Cadeka Microcircuits LL...
TMC3003 CADEKA-TMC3003 Datasheet
200Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Fairchild Semiconductor
TMC3033 FAIRCHILD-TMC3033 Datasheet
119Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Cadeka Microcircuits LL...
TMC3033 CADEKA-TMC3033 Datasheet
216Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Fairchild Semiconductor
TMC1203 FAIRCHILD-TMC1203 Datasheet
88Kb / 16P
   Triple Video A/D Converter
logo
Cadeka Microcircuits LL...
TMC1203 CADEKA-TMC1203 Datasheet
193Kb / 16P
   Triple Video A/D Converter 8-Bit, 50Msps
logo
Fairchild Semiconductor
TMC3003 FAIRCHILD-TMC3003 Datasheet
96Kb / 12P
   Triple Video D/A Converter
logo
Sony Corporation
CXD2310AR SONY-CXD2310AR Datasheet
302Kb / 16P
   10-bit 20MSPS Video A/D Converter
CXD2311AR SONY-CXD2311AR Datasheet
307Kb / 16P
   10-bit 20MSPS Video A/D Converter
CXD3300R SONY-CXD3300R Datasheet
220Kb / 17P
   10-bit 20MSPS Video A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com