Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB2902HQ Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TB2902HQ
Description  Maximum Power 41 W BTL4-ch Audio Power IC
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB2902HQ Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TB2902HQ Datasheet HTML 4Page - Toshiba Semiconductor TB2902HQ Datasheet HTML 5Page - Toshiba Semiconductor TB2902HQ Datasheet HTML 6Page - Toshiba Semiconductor TB2902HQ Datasheet HTML 7Page - Toshiba Semiconductor TB2902HQ Datasheet HTML 8Page - Toshiba Semiconductor TB2902HQ Datasheet HTML 9Page - Toshiba Semiconductor TB2902HQ Datasheet HTML 10Page - Toshiba Semiconductor TB2902HQ Datasheet HTML 11Page - Toshiba Semiconductor TB2902HQ Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
TB2902HQ
2004-08-18
8
Byte 4
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
At “Bit
= 1” Condition
0
0
0
0
0
0
0
1
Ch4 Short to GND
0
0
0
0
0
0
1
0
Ch4 2 Short to VCC
0
0
0
0
0
1
0
0
Ch4 Open load or Offset Detected
0
0
0
0
1
0
0
0
Ch4 Short load
0
0
0
1
0
0
0
0
Ch4 Diagnosis condition (bit
= 1: permanent, 0: turn-on)
0
0
1
0
0
0
0
0
Ch4 Current Detection (at IB2 D2
= 1 = enable only)
(IB2
− D7 = 0: bit = 1: <250 mA, 0: >500 mA)
(IB2
− D7 = 1: bit = 1: <100 mA, 0: >300 mA)
x
x
Note 6: Short circuit protection can be operated channel by channel.
EX) If channel 1 output is shorted, channel 1 is protected but other channels are available.
Caution: sub address 0x15 (15H) is for our internal testing only. Do not apply for your using.


Similar Part No. - TB2902HQ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB2901H TOSHIBA-TB2901H Datasheet
333Kb / 17P
   Maximum Power 47 W BTL 횞 4-ch Audio Power IC
TB2901HQ TOSHIBA-TB2901HQ Datasheet
359Kb / 16P
   Maximum Power 47 W BTL 횞 4-ch Audio Power IC
TB2903HQ TOSHIBA-TB2903HQ Datasheet
338Kb / 15P
   Maximum Power 47W BTL x 4-ch Audio Power IC
TB2904HQ TOSHIBA-TB2904HQ Datasheet
272Kb / 16P
   Maximum Power 43 W BTL x 4-ch Audio Power IC
TB2905HQ TOSHIBA-TB2905HQ Datasheet
280Kb / 17P
   Class KB High-Efficiency, Low-Frequency Power Amplifier IC Maximum Power: 47 W x 4 Channels
More results

Similar Description - TB2902HQ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB2912HQ TOSHIBA-TB2912HQ Datasheet
586Kb / 40P
   Maximum Power 41 W BTL × 4-ch Audio Power IC
2006-04-28
TB2934HQ TOSHIBA-TB2934HQ Datasheet
464Kb / 39P
   Maximum Power 41 W BTL × 4-ch Audio Power IC
2006-06-14
TB2901HQ TOSHIBA-TB2901HQ Datasheet
359Kb / 16P
   Maximum Power 47 W BTL 횞 4-ch Audio Power IC
TB2901H TOSHIBA-TB2901H Datasheet
333Kb / 17P
   Maximum Power 47 W BTL 횞 4-ch Audio Power IC
TB2913HQ TOSHIBA-TB2913HQ Datasheet
328Kb / 15P
   Maximum Power 47 W BTL 횞 4-ch Audio Power IC
TB2932HQ TOSHIBA-TB2932HQ Datasheet
436Kb / 37P
   Maximum Power 49 W BTL 횞 4-ch Audio Power IC
TA8275HQ TOSHIBA-TA8275HQ Datasheet
326Kb / 16P
   Max Power 41 W BTL × 4 ch Audio Power IC
2006-04-28
TA8264AHQ TOSHIBA-TA8264AHQ Datasheet
262Kb / 14P
   Max Power 41 W BTL x 4 ch Audio Power IC
TA8271HQ TOSHIBA-TA8271HQ Datasheet
250Kb / 12P
   Max Power 41 W BTL X 4 ch Audio Power IC
TA8271H TOSHIBA-TA8271H Datasheet
191Kb / 12P
   Max Power 41 W BTL X 4 ch Audio Power IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com