Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD6NG-0515E21H30 Datasheet(PDF) 3 Page - PEAK electronics GmbH

Part # PD6NG-0515E21H30
Description  PD6NG-XXXXE2:1H30 3KV ISOLATED 1W REGULATED SINGLE OUTPUT SIP8
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

PD6NG-0515E21H30 Datasheet(HTML) 3 Page - PEAK electronics GmbH

  PD6NG-0515E21H30 Datasheet HTML 1Page - PEAK electronics GmbH PD6NG-0515E21H30 Datasheet HTML 2Page - PEAK electronics GmbH PD6NG-0515E21H30 Datasheet HTML 3Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PD6NG-XXXXE2:1H30 3KV ISOLATED 1W REGULATED SINGLE OUTPUT SIP8
External capacitance:
Pin 3 (CTRL)
These converters will work with without external
Control pin (ON/OFF)
capacitors but they are necessary in order to
Output starts at low or open and stops when high.
guarantee the full line load range. All parts have
Voltage applied via a limiting resistor and switching
been tested using the following recommended
diode. The converter is in a low power mode during
values.
the high level phase.
Connection example
Pin 8 (CS)
This pin provides a connection point to the main
reservoir capacitor. Additional capacitance can
be added from this to pin 7. Any low ESR
capacitor will improve ripple and noise in some
measure. Starting values can be in the range of
100uF.
Pin 5 (NE)
This pin is used internally and must have have no external connection.
Application Notes
Pin 3: The outside control connection. This pin provides the converter output ON/OFF,
and the control common is referred to negative input.
Pin 5: This pin belongs to the secondary side. It just avoids someone to reverses the primary
and secondary.
Pin 8: Max. 1000 uF
Specification can be changed without notice.
Copyright PEAK electronics GmbH
REV: 1 / 03.2003
Cin
10uF/100V, low ESR.
Cout
100uF/25V, low ESR.
MCU
Vcc-5V
CONVERTER
1K
1N4148
PIN 3
Converter
Cout
Cin
+ Vout
- Vout
+ Vin
- Vin


Similar Part No. - PD6NG-0515E21H30

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PD6NG-0515E21 PEAK-PD6NG-0515E21 Datasheet
82Kb / 3P
   PD6NG-XXXXE2:1 1KV ISOLATED 1W REGULATED SINGLE OUTPUT SIP8
More results

Similar Description - PD6NG-0515E21H30

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PD6NG-053R3Z21H30 PEAK-PD6NG-053R3Z21H30 Datasheet
84Kb / 3P
   PD6NG-XXXXZ2:1H30 3KV ISOLATED 1W REGULATED DUAL OUTPUT SIP8
PD10NG-053R3E21H30 PEAK-PD10NG-053R3E21H30 Datasheet
82Kb / 3P
   PD10NG-XXXXE2:1H30 3KV ISOLATED 2W REGULATED SINGLE OUTPUT SIP8
PD6NG-053R3E21 PEAK-PD6NG-053R3E21 Datasheet
82Kb / 3P
   PD6NG-XXXXE2:1 1KV ISOLATED 1W REGULATED SINGLE OUTPUT SIP8
PD10NG-053R3Z21H30 PEAK-PD10NG-053R3Z21H30 Datasheet
67Kb / 3P
   PD10NG-XXXXZ2:1H30 3KV ISOLATED 2W REGULATED DUAL OUTPUT SIP8
PD6NG-053R3Z21 PEAK-PD6NG-053R3Z21 Datasheet
66Kb / 3P
   PD6NG-XXXXZ2:1 1KV ISOLATED 1W REGULATED DUAL OUTPUT SIP8
PB47WG-1205E21H30 PEAK-PB47WG-1205E21H30 Datasheet
193Kb / 2P
   PB47WG-XXXXE2:1H30 3 KVDC ISOLATED 15 W REGULATED SINGLE OUTPUT
PD10NG-053R3E21 PEAK-PD10NG-053R3E21 Datasheet
82Kb / 3P
   PD10NG-XXXXE2:1 1KV ISOLATED 2W REGULATED SINGLE OUTPUT SIP8
P6MU-0505E PEAK-P6MU-0505E Datasheet
255Kb / 2P
   3KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP14
PB6FG-123R3E21H30 PEAK-PB6FG-123R3E21H30 Datasheet
217Kb / 2P
   3KV ISOLATED 1 W REGULATED SINGLE OUTPUT DIP16
PB10FG-1205E21H30 PEAK-PB10FG-1205E21H30 Datasheet
215Kb / 2P
   3KV ISOLATED 2 W REGULATED SINGLE OUTPUT DIP16
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com