Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P26TG-2405E21H35 Datasheet(PDF) 2 Page - PEAK electronics GmbH

Part # P26TG-2405E21H35
Description  3.5 KV ISOLATED 6 W REGULATED SINGLE OUTPUT DIP24
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P26TG-2405E21H35 Datasheet(HTML) 2 Page - PEAK electronics GmbH

  P26TG-2405E21H35 Datasheet HTML 1Page - PEAK electronics GmbH P26TG-2405E21H35 Datasheet HTML 2Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MD SERIES
P26TG-XXXXE2:1H35 3.5 KV ISOLATED 6 W REGULATED SINGLE OUTPUT DIP24
Dimensions
Derating Graph and Pinning
Temperature Derating Graph
Ambient Temperature ° C
6 W
- 40
0
40
80
100
85
Output
Pin
Connection
#
Single
2
- V Input
3
- V Input
9
NC
11
NC
14
+ V Output
16
- V Output
22
+ V Input
23
+ V Input
Specification can be changed without notice.
Copyright PEAK electronics GmbH
REV:2 / 09.2001


Similar Part No. - P26TG-2405E21H35

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P26TG-2405E21H35M PEAK-P26TG-2405E21H35M Datasheet
199Kb / 2P
   3.5 KV ISOLATED 6 W REGULATED SINGLE OUTPUT DIP24
More results

Similar Description - P26TG-2405E21H35

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P26TG-2405E41H35 PEAK-P26TG-2405E41H35 Datasheet
209Kb / 2P
   3.5 KV ISOLATED 6 W REGULATED SINGLE OUTPUT DIP24
P26TG-2405E41H35M PEAK-P26TG-2405E41H35M Datasheet
221Kb / 2P
   3.5 KV ISOLATED 6 W REGULATED SINGLE OUTPUT DIP24
P26TG-1205E21H35M PEAK-P26TG-1205E21H35M Datasheet
199Kb / 2P
   3.5 KV ISOLATED 6 W REGULATED SINGLE OUTPUT DIP24
P26TG-2405Z41H35M PEAK-P26TG-2405Z41H35M Datasheet
217Kb / 2P
   3.5 KV ISOLATED 6 W REGULATED DUAL OUTPUT DIP24
P26TG-1205Z21H35M PEAK-P26TG-1205Z21H35M Datasheet
198Kb / 2P
   3.5 KV ISOLATED 6 W REGULATED DUAL OUTPUT DIP24
P26TG-2405Z41H35 PEAK-P26TG-2405Z41H35 Datasheet
205Kb / 2P
   3.5 KV ISOLATED 6 W REGULATED DUAL OUTPUT DIP24
P26TG-1205Z21H35 PEAK-P26TG-1205Z21H35 Datasheet
204Kb / 2P
   3.5 KV ISOLATED 6 W REGULATED DUAL OUTPUT DIP24
P8TG-123R3E21H35 PEAK-P8TG-123R3E21H35 Datasheet
214Kb / 2P
   3.5 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24
P10TG-2405E41H35 PEAK-P10TG-2405E41H35 Datasheet
208Kb / 2P
   3.5 KV ISOLATED 2 W REGULATED SINGLE OUTPUT DIP24
P10TG-2405E41H35M PEAK-P10TG-2405E41H35M Datasheet
221Kb / 2P
   3.5 KV ISOLATED 2 W REGULATED SINGLE OUTPUT DIP24
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com