Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P8SG-053R6Z Datasheet(PDF) 2 Page - PEAK electronics GmbH

Part # P8SG-053R6Z
Description  1 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P8SG-053R6Z Datasheet(HTML) 2 Page - PEAK electronics GmbH

  P8SG-053R6Z Datasheet HTML 1Page - PEAK electronics GmbH P8SG-053R6Z Datasheet HTML 2Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
M5 SERIES
P8SG-XXXXZ 1 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24
Dimensions
Derating Graph and Pinning
Temperature Derating Graph
Ambient Temperature ° C
1.50 W
-25
0
40
80
100
71
Output
Safe Operating Area
Pin
Connection
#
Dual
1
+ V Input
2
- V Output
3
Common
10
Common
11
+ V Output
12
- V Input
13
- V Input
14
+ V Output
15
Common
22
Common
23
- V Output
24
+ V Input
Specification can be changed without notice.
Copyright PEAK electronics GmbH
REV:2 / 09.2001


Similar Part No. - P8SG-053R6Z

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P8SG-053R6ZH30 PEAK-P8SG-053R6ZH30 Datasheet
200Kb / 2P
   3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24
P8SG-053R6ZH30M PEAK-P8SG-053R6ZH30M Datasheet
213Kb / 3P
   3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24
P8SG-053R6ZH52 PEAK-P8SG-053R6ZH52 Datasheet
199Kb / 2P
   5.2 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24
P8SG-053R6ZM PEAK-P8SG-053R6ZM Datasheet
212Kb / 2P
   1 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24
More results

Similar Description - P8SG-053R6Z

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P8SG-053R6ZM PEAK-P8SG-053R6ZM Datasheet
212Kb / 2P
   1 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24
P8TG-123R3Z21 PEAK-P8TG-123R3Z21 Datasheet
213Kb / 2P
   1.5 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24
P8TG-243R3Z41M PEAK-P8TG-243R3Z41M Datasheet
219Kb / 2P
   1.5 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24
P8TG-123R3Z21M PEAK-P8TG-123R3Z21M Datasheet
226Kb / 2P
   1.5 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24
P8SG-0505EM PEAK-P8SG-0505EM Datasheet
209Kb / 2P
   1 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24
P8SG-0505E PEAK-P8SG-0505E Datasheet
197Kb / 2P
   1 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24
P10TG-2405Z41M PEAK-P10TG-2405Z41M Datasheet
219Kb / 2P
   1.5 KV ISOLATED 2 W REGULATED DUAL OUTPUT DIP24
P18TG-243R3Z41 PEAK-P18TG-243R3Z41 Datasheet
207Kb / 2P
   1.5 KV ISOLATED 4 W REGULATED DUAL OUTPUT DIP24
P26TG-1205Z21 PEAK-P26TG-1205Z21 Datasheet
203Kb / 2P
   1.5 KV ISOLATED 6 W REGULATED DUAL OUTPUT DIP24
P8TG-123R3Z21H35 PEAK-P8TG-123R3Z21H35 Datasheet
213Kb / 2P
   3.5 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com