Electronic Components Datasheet Search |
|
P6LU-2412EH52 Datasheet(PDF) 1 Page - PEAK electronics GmbH |
|
P6LU-2412EH52 Datasheet(HTML) 1 Page - PEAK electronics GmbH |
1 / 2 page Telefon: +49 (0) 6135 931069 Telefax: +49 (0) 6135 931070 www.peak-electronics.de info@peak-electronics.de M1 SERIES P6LU-XXXXEH52 5.2KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP7 Available Inputs: 5, 12, 24 and 48 VDC Available Outputs: 3.3, 5, 7.2, 12, 15 and 18 VDC Other specifications please enquire. Electrical Specifications (Typical at + 25° C, nominal input voltage, rated output current unless otherwise specified) Input Specifications Voltage range +/- 10 % Filter Capacitors Isolation Specifications Rated voltage 5200 VDC Leakage current 1 mA Resistance 10 9 Ohm Capacitance 80 pF typ. Output Specifications Voltage accuracy +/- 5 %, max. Ripple and noise (at 20 MHz BW) 75 mV p-p, max. Short circuit protection Momentary Line voltage regulation +/- 1,2 % / 1,0 % of Vin Load voltage regulation +/- 10 %, load = 20 ~ 100 % Temperature coefficient +/- 0,02 % / °C General Specifications Efficiency 70 % to 80 % Switching frequency 125 KHz, typ. Environmental Specifications Operating temperature (ambient) - 40° C to + 85° C Storage temperature - 55 °C to + 125 °C Derating See graph Humidity Up to 90 %, non condensing Cooling Free air convection Physical Characteristics Dimensions SIP 19,50 x 6,00 x 9,50 mm 0,76 x 0,24 x 0,37 inches Weight 2 g, 3 g for the 48 VDC variants Case material Non conductive black plastic Examples for Partnumbers PART NO. INPUT VOLTAGE (VDC) INPUT CURRENT NO LOAD INPUT CURRENT FULL LOAD OUTPUT VOLTAGE (VDC) OUTPUT CURRENT (max. mA) EFFICIENCY FULL LOAD (% TYP.) P6LU-0505EH52 5 16 277 5 200 72 P6LU-0512EH52 5 18 254 12 84 79 P6LU-1205EH52 12 11 119 5 200 70 P6LU-1212EH52 12 10 104 12 84 80 P6LU-2405EH52 24 6 55 5 200 76 P6LU-2412EH52 24 7 54 12 84 77 P6LU-2415EH52 24 8 55 15 67 76 |
Similar Part No. - P6LU-2412EH52 |
|
Similar Description - P6LU-2412EH52 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |