Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA2B064 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MA2B064
Description  Silicon planar type trigger device
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA2B064 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MA2B064 Datasheet HTML 1Page - Panasonic Semiconductor MA2B064 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Trigger Devices
2
MA2B064
VBO  Ta
IBO  VBO
VO  Ta
0
10
20
30
40
50
45
35
25
15
5
020
40
80
60
140
120
100
160
Ambient temperature T
a
(
°C)
0
0
40
120
160
140
100
60
20
80
2
4
6
8
10
12
14
16
Ambient temperature T
a
(
°C)
400
400
200
200
800
800
1 000
1 000
600
600
0
0
10
40
10
30
20
40 30 20
Breakover voltage V
BO
(V)
Ta
= 25°C


Similar Part No. - MA2B064

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2B001 PANASONIC-MA2B001 Datasheet
40Kb / 2P
   Silicon planar type trigger device
MA2B027 PANASONIC-MA2B027 Datasheet
45Kb / 2P
   Silicon epitaxial planar type variable resistor
MA2B0270A PANASONIC-MA2B0270A Datasheet
45Kb / 2P
   Silicon epitaxial planar type variable resistor
MA2B0270B PANASONIC-MA2B0270B Datasheet
45Kb / 2P
   Silicon epitaxial planar type variable resistor
MA2B027B PANASONIC-MA2B027B Datasheet
45Kb / 2P
   Silicon epitaxial planar type variable resistor
More results

Similar Description - MA2B064

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2B001 PANASONIC-MA2B001 Datasheet
40Kb / 2P
   Silicon planar type trigger device
logo
Toshiba Semiconductor
1S2093 TOSHIBA-1S2093 Datasheet
37Kb / 1P
   SILICON PLANAR TYPE TRIGGER DIODE
logo
NXP Semiconductors
BR100 PHILIPS-BR100 Datasheet
14Kb / 3P
   Silicon Bi-directional Trigger Device
February 1996 Rev 1.000
logo
General Semiconductor
IDB31 GE-IDB31 Datasheet
144Kb / 3P
   PLANAR SILICON BIDIRECTIONAL TRIGGER DIODE
logo
Panasonic Semiconductor
MAZU000 PANASONIC-MAZU000 Datasheet
41Kb / 2P
   Silicon planar type
MAZX000 PANASONIC-MAZX000 Datasheet
41Kb / 2P
   Silicon planar type
MA4X348 PANASONIC-MA4X348 Datasheet
41Kb / 2P
   Silicon planar type
MAZ8000 PANASONIC-MAZ8000 Datasheet
69Kb / 5P
   Silicon planar type
PNA1605F PANASONIC-PNA1605F Datasheet
83Kb / 3P
   Silicon planar type
PNZ323 PANASONIC-PNZ323 Datasheet
82Kb / 3P
   Silicon planar type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com