Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX77301 Datasheet(PDF) 10 Page - Skyworks Solutions Inc.

Part # CX77301
Description  PA Module Dual-band EGSM900 DCS1800 / GPRS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

CX77301 Datasheet(HTML) 10 Page - Skyworks Solutions Inc.

Back Button CX77301 Datasheet HTML 6Page - Skyworks Solutions Inc. CX77301 Datasheet HTML 7Page - Skyworks Solutions Inc. CX77301 Datasheet HTML 8Page - Skyworks Solutions Inc. CX77301 Datasheet HTML 9Page - Skyworks Solutions Inc. CX77301 Datasheet HTML 10Page - Skyworks Solutions Inc. CX77301 Datasheet HTML 11Page - Skyworks Solutions Inc. CX77301 Datasheet HTML 12Page - Skyworks Solutions Inc. CX77301 Datasheet HTML 13Page - Skyworks Solutions Inc. CX77301 Datasheet HTML 14Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Data Sheet • CX77301
PA Module for Dual-band EGSM900 DCS1800 / GPRS
10
Skyworks Solutions, Inc. Proprietary Information
SEPTEMBER 19, 2003
[781] 376-7000 • FAX [781] 376-3100 • SALES@SKYWORKSINC.COM • WWW.SKYWORKSINC.COM
100956E
ELECTROSTATIC DISCHA
ELECTROSTATIC DISCHA
ELECTROSTATIC DISCHA
ELECTROSTATIC DISCHARGE SENSITIVITY
RGE SENSITIVITY
RGE SENSITIVITY
RGE SENSITIVITY
The CX77301 is a Class I device. Figure 6 lists the Electrostatic
Discharge (ESD) immunity level for each pin of the CX77301
product. The numbers for each pin in Figure 6 specify the ESD
threshold level where the I-V curve between the pin and ground
starts to show degradation. If ESD damage threshold magnitude
is found to consistently exceed 2000 volts on a given pin, this so
is indicated. If ESD damage threshold below 2000 volts is
measured for either polarity, numbers are indicated that
represent worst case values observed in product
characterization.
+450 V
–500 V
GND 1
EGSM IN
DCS IN
> +2000 V
< –2000 V
GND 2
GND 3
GND 4
GND 5
GND 6
GND 7
GND 8
VCC1
VCC2
EGSM OUT
DCS OUT
APC
BS
> +2000 V
< –2000 V
> +2000 V
< –2000 V
100956_007
> +2000 V
< –2000 V
> +2000 V
< –2000 V
> +2000 V
< –2000 V
> +2000 V
< –2000 V
2
3
4
5
67
8
14
16
15
13
12
11
10
9
1
Figure
Figure
Figure
Figure 6
6
6
6. ESD Sensitivity Areas (Top View)
. ESD Sensitivity Areas (Top View)
. ESD Sensitivity Areas (Top View)
. ESD Sensitivity Areas (Top View)
Various failure criteria can be utilized when performing ESD
testing. Many vendors employ relaxed ESD failure standards
which fail devices only after “the pin fails the electrical
specification limits” or “the pin becomes completely non-
functional”. Skyworks employs most stringent criteria, fails
devices as soon as the pin begins to show any degradation on a
curve tracer.
To avoid ESD damage, both latent and visible, it is very important
that the product assembly and test areas follow the Class-1 ESD
handling precautions listed in
Table 5.
Table
Table
Table
Table 5
5
5
5.... Precautions for Handling GaAs IC
Precautions for Handling GaAs IC
Precautions for Handling GaAs IC
Precautions for Handling GaAs IC----based Products to Avoid Induced Damage
based Products to Avoid Induced Damage
based Products to Avoid Induced Damage
based Products to Avoid Induced Damage
Personne
Personne
Personne
Personnel Grounding
l Grounding
l Grounding
l Grounding
Facility
Facility
Facility
Facility
Wrist Straps
Conductive Smocks, Gloves and Finger Cots
Antistatic ID Badges
Relative Humidity Control and Air Ionizers
Dissipative Floors (less than 109
Ω to GND)
Protective Workstation
Protective Workstation
Protective Workstation
Protective Workstation
Protective Packaging & Transportation
Protective Packaging & Transportation
Protective Packaging & Transportation
Protective Packaging & Transportation
Dissipative Table Tops
Protective Test Equipment (Properly Grounded)
Grounded Tip Soldering Irons
Conductive Solder Suckers
Static Sensors
Bags and Pouches (Faraday Shield)
Protective Tote Boxes (Conductive Static Shielding)
Protective Trays
Grounded Carts
Protective Work Order Holders


Similar Part No. - CX77301

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CX77304-15 SKYWORKS-CX77304-15 Datasheet
611Kb / 20P
   PA Module for Dual-band GSM850 PCS1900 / GPRS Applications
CX77304-16 SKYWORKS-CX77304-16 Datasheet
1Mb / 18P
   CX77304-16 PA Module for Tri-Band EGSM DCS PCS / GPRS
CX77304-17 SKYWORKS-CX77304-17 Datasheet
605Kb / 15P
   CX77304-17 PA Module for Tri-band EGSM DCS PCS / GPRS
More results

Similar Description - CX77301

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
BA01303 MITSUBISHI-BA01303 Datasheet
88Kb / 3P
   Triple Band(EGSM900/DCS1800/PCS1900) InGaP HBT Front-end module
logo
Skyworks Solutions Inc.
RM008 SKYWORKS-RM008 Datasheet
507Kb / 12P
   PA Module for Dual-band GSM900 and DCS1800 Applications
CX77304-15 SKYWORKS-CX77304-15 Datasheet
611Kb / 20P
   PA Module for Dual-band GSM850 PCS1900 / GPRS Applications
logo
RF Micro Devices
RF7161 RFMD-RF7161 Datasheet
871Kb / 20P
   QUAD-BAND GSM850/EGSM900/DCS1800/PCS1900 TRANSMIT MODULEThe
logo
Skyworks Solutions Inc.
SKY77321 SKYWORKS-SKY77321 Datasheet
66Kb / 2P
   PA Module for Tri-Band EGSM / GPRS
SKY77321 SKYWORKS-SKY77321 Datasheet
490Kb / 17P
   PA Module for Tri-Band EGSM / GPRS
logo
RF Micro Devices
RF3283 RFMD-RF3283 Datasheet
296Kb / 16P
   DUAL-BAND GSM900/DCS1800 TRANSMIT MODULE
RF4180 RFMD-RF4180 Datasheet
124Kb / 2P
   DUAL-BAND GSM900/DCS1800 TRANSMIT MODULE
logo
Skyworks Solutions Inc.
SKY77346 SKYWORKS-SKY77346 Datasheet
107Kb / 2P
   iPAC??PA Module for Quad-Band GSM / GPRS
RM009 SKYWORKS-RM009 Datasheet
296Kb / 17P
   Power Amplifier Module for Dual-band GSM900 DCS1800
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com