Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M64897GP Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # M64897GP
Description  PLL FREQUENCY SYNTHESIZER WITH DC-DC CONVERTER FOR PC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M64897GP Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

  M64897GP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M64897GP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M64897GP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M64897GP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M64897GP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M64897GP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M64897GP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M64897GP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MITSUBISHI ICs (TV)
M64897GP
PLL FREQUENCY SYNTHESIZER WITH DC-DC CONVERTER FOR PC
8
APPLICATION EXAMPLE
Note) Filter constant is
1000pF
4-BAND TUNER
UHF
VHF
VCC1 to 9V
+5V
1000pF
20
13
8
7
6
5
4
3
19
15
4MHz
IF
AGC
18pF
∗100pF
1500pF
0.1
µF
56k
56k
2
LOCK
DETECTOR
SWALLOW
COUNTER
MAIN
COUNTER
BAND
DRIVER
1/8
1/32
1/33
PHASE
DETECTOR
CHARGE
PUMP
5
10
114
22k
AMP
CHIP
SELECT
5LEVEL
A/DC
S
R
Q
+ -
Vreg
12
10
11
9
1.5
µF
∗ Add a capacitor to stabilize
MCU
SCL
ADS
SDA
LD/ftest
17
18
I2C RECIEVER
51k
VCC1
4
=5V
0.01
µF
43
0.1
µF
33
µH
68
µH
+B
BS4
BS3
BS2
BS1
LO
VT
AFT
AGC
IF
M64897GP
BUILT-IN PLL TUNER
Units Resistance :
Capacitance : F
for reference.
the filter circuit.
-
-


Similar Part No. - M64897GP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M64897GP RENESAS-M64897GP Datasheet
233Kb / 14P
   PLL Frequency Synthesizer with DC/DC Converter for PC
More results

Similar Description - M64897GP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M64898GP RENESAS-M64898GP Datasheet
231Kb / 14P
   PLL Frequency Synthesizer with DC/DC Converter For PC
logo
Mitsubishi Electric Sem...
M64898GP MITSUBISHI-M64898GP Datasheet
61Kb / 8P
   PLL FREQUENCY SYNTHESIZER WITH DC-DC CONVERTER FOR PC
logo
Renesas Technology Corp
M64897GP RENESAS-M64897GP Datasheet
233Kb / 14P
   PLL Frequency Synthesizer with DC/DC Converter for PC
logo
Rohm
BU2611A ROHM-BU2611A Datasheet
73Kb / 4P
   PLL frequency synthesizer for tuners
logo
Sanyo Semicon Device
LC7020AT SANYO-LC7020AT Datasheet
480Kb / 21P
   Controller for PLL Frequency Synthesizer?
logo
Rohm
BU2616F ROHM-BU2616F Datasheet
108Kb / 5P
   PLL frequency synthesizer for tuners
logo
Toshiba Semiconductor
TB31245FN TOSHIBA-TB31245FN Datasheet
267Kb / 8P
   PLL FREQUENCY SYNTHESIZER FOR PHS
logo
Rohm
BU2615S ROHM-BU2615S Datasheet
143Kb / 9P
   PLL frequency synthesizer for tuners
BU2624AF ROHM-BU2624AF Datasheet
136Kb / 9P
   PLL frequency synthesizer for tuners
BU2618FV ROHM-BU2618FV Datasheet
138Kb / 8P
   PLL frequency synthesizer for tuners
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com