Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJ78L12-SOT-89 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJ78L12-SOT-89
Description  Three-terminal positive voltage regulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJ78L12-SOT-89 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJ78L12-SOT-89 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ78L12-SOT-89 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2
C0
0.1μF
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-89 Encapsulate Three Terminal Voltage Regulator
CJ78L12 Three-terminal positive voltage regulator
FEATURES
Maximum Output current
IOM: 0.1 A
Output voltage
Vo: 12 V
ABSOLUTE MAXIMUM RATINGS(Operating temperature range applies
unless otherwise specified)
Parameter
Symbol
Value
Unlts
Input Voltage
V l
35
V
Operating Junction Temperature Range
TOPR
0—+125
Storage Temperature Range
TSTG
-5—5-+150
UTC78L05 ELECTRICAL CHARACTERISTICS
(VI=19V,Io=40mA,0℃<Tj<125℃,C1=0.33μF,Co=0.1μF, unless otherwise specified )
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Tj=25℃
11.5
12
12.5
V
14V≤V l≤27V, Io=1mA-40mA
11.4
12
12.6
V
Output voltage
Vo
14.5V≤V l≤VMAX, Io=1mA-70mA
11.4
12
12.6
V
(note)
Tj=25℃, Io=1mA-100mA
22
100
mV
Load Regulation
△Vo
Tj=25℃, Io=1mA-40mA
13
50
mV
14.5V≤V l≤27V, Tj=25℃
55
250
mV
Line regulation
△Vo
16V≤V l≤27V, Tj=25℃
49
200
mV
Quiescent Current
Iq
4.3
6.5
mA
△Iq
16V≤V l≤27V
1.5
mA
Quiescent Current Change
△Iq
1mA≤I O ≤40mA
0.1
mA
Output Noise VoItage
VN
10Hz≤f≤100KHz
70
uV
Ripple Rejection
RR
15V≤V l≤25V,f=120Hz,Tj=25℃
37
42
dB
Dropout Voltage
Vd
Tj=25℃
1.7
V
TYPICAL APPLICATION
vi
3
1
Vo
UTC
C1
0.33μF
Note : Bypass capacitors are recommended for optimum stability and transient response and should be located as close as
possible to the regulators.
CJ78L12
SOT-89 
1.OUT 
 
2.GND 
 
3.IN 
 


Similar Part No. - CJ78L12-SOT-89

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CJ78L12-SOT-23-3L JIANGSU-CJ78L12-SOT-23-3L Datasheet
94Kb / 1P
   Three-terminal positive voltage regulator
More results

Similar Description - CJ78L12-SOT-89

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CJ7806-TO-220 JIANGSU-CJ7806-TO-220 Datasheet
187Kb / 2P
   Three-terminal positive voltage regulator
CJ7915-TO-220 JIANGSU-CJ7915-TO-220 Datasheet
127Kb / 2P
   Three-terminal positive voltage regulator
CJ78L05-SOT-23-3L JIANGSU-CJ78L05-SOT-23-3L Datasheet
136Kb / 2P
   Three-terminal positive voltage regulator
CJ78L09-TO-92 JIANGSU-CJ78L09-TO-92 Datasheet
110Kb / 2P
   Three-terminal positive voltage regulator
CJ78L18 JIANGSU-CJ78L18 Datasheet
103Kb / 1P
   Three-terminal positive voltage regulator
CJ7806F-TO-220 JIANGSU-CJ7806F-TO-220 Datasheet
117Kb / 1P
   Three-terminal positive voltage regulator
CJ7918-TO-220 JIANGSU-CJ7918-TO-220 Datasheet
80Kb / 1P
   Three-terminal positive voltage regulator
logo
SHENZHEN YONGERJIA INDU...
WEJ78M05-TO-252 WINNERJOIN-WEJ78M05-TO-252 Datasheet
80Kb / 1P
   Three-terminal positive voltage regulator
logo
Shenzhen Luguang Electr...
LGE78D05 LUGUANG-LGE78D05 Datasheet
263Kb / 2P
   Three-terminal positive voltage regulator
logo
Jiangsu Changjiang Elec...
CJ78M09 JIANGSU-CJ78M09 Datasheet
2Mb / 4P
   Three-terminal positive voltage regulator
CJ7809F JIANGSU-CJ7809F Datasheet
3Mb / 3P
   Three-terminal positive voltage regulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com