Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSK5920-2.8KRHD Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK5920-2.8KRHD
Description  RAD TOLERANT ULTRA LOW DROPOUT POSITIVE LINEAR REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5920-2.8KRHD Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK5920-2.8KRHD Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5920-2.8KRHD Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5920-2.8KRHD Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5920-2.8KRHD Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5920-2.8KRHD Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5920-2.8KRHD Datasheet HTML 6Page - M.S. Kennedy Corporation MSK5920-2.8KRHD Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Input Voltage Range
Quiescent Current
Output Voltage Tolerance
Line Regulation
Load Regulation
Dropout Voltage
Output Current Limit
Shutdown Threshold
Ripple Rejection
Thermal Resistance
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Power Dissipation
Junction Temperature
ABSOLUTE MAXIMUM RATINGS
+10V
5A
-55°C to +125°C
-40°C to +85°C
Supply Voltage
Output Current
Case Operating Temperature Range
MSK5920K/H/E RH
MSK5920RH
-65°C to +150°C
300°C
See SOA Curve
150°C
1
2
3
4
5
6
7
8
9
10
11
TST
TLD
PD
TC
+VIN
IOUT
TC
Unless otherwise specified, VIN=VOUT+1V, VSHUTDOWN=0V and IOUT=10mA. See figure 2 for typical test circuit.
Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
Industrial grade and "E" suffix devices shall be tested to subgroups 1 and 4 unless otherwise requested.
Military grade devices ("H" and "K" suffix) shall be 100% tested to subgroups 1,2,3 and 4.
Subgroup 5 and 6 testing available upon request.
Subgroup 1,4
TC=+25°C
Subgroup 2,5
TC=+125°C
Subgroup 3,6
TA=-55°C
Output current limit is dependent upon the values of VIN and VOUT. See Figure 1 and typical performance curves.
Continuous operation at or above absolute maximum ratings may adversely effect the device performance and/or life cycle.
VIN shall be as specified or VIN min., whichever is greater.
Not applicable to versions where VIN = VIN Min.
Consult factory for post radiation limits.
NOTES:
Group A
Subgroup
1
2,3
1
2,3
1
2,3
1
2,3
1
2,3
1
2,3
1
2,3
1
2,3
4
5,6
-
10mA
≤ IOUT ≤ 1.0A
VIN=6.5V
Not including IOUT
VIN=VOUT+1V
IOUT=1A
IOUT=50mA
VOUT+0.4V
≤ VIN ≤ VOUT+1.3V
50mA
≤ IOUT ≤ 3.0A
VIN
= VOUT+1V
Delta VOUT=1% IOUT=2.5A
VIN=VOUT+1V Overcurrent Latch Up
VOUT
≤ 0.2V (OFF)
VOUT=Nominal (ON)
f=120Hz
IOUT
= 50mA
Junction to Case @ 125°C Output Device
Typ.
-
-
14
14
±0.1
-
±0.1
-
±0.06
-
0.22
0.26
-
-
1.3
1.3
-
-
2.2
Test Conditions
Max.
6.5
6.5
20
20
±1.0
±2.5
±0.50
±2.5
±0.80
±2.5
0.40
0.40
5
5
1.6
1.6
-
-
4.0
Min.
2.9
2.9
-
-
-
-
-
-
-
-
-
-
3.0
3.0
1.0
1.0
65
65
-
Min.
2.9
-
-
-
-
-
-
-
-
-
-
-
3.0
-
1.0
-
65
-
-
Max.
6.5
-
20
-
±1.2
-
±0.60
-
±1.0
-
0.45
-
5
-
1.6
-
-
-
4.0
Typ.
-
-
14
-
±0.1
-
0.01
-
0.06
-
0.22
-
-
-
1.3
-
-
-
2.2
V
V
mA
mA
%
%
%
%
%
%
V
V
A
A
V
V
dB
dB
°C/W
MSK5920K/H/E RH
MSK5920RH
Parameter
ELECTRICAL SPECIFICATIONS
2
Units
1
2
2
7
2
8
PART NUMBER
MSK5920-1.5
MSK5920-1.9
MSK5920-2.5
MSK5920-2.8
MSK5920-3.3
MSK5920-5.0
OUTPUT VOLTAGE
+1.5V
+1.9V
+2.5V
+2.8V
+3.3V
+5.0V
9
9
9
7
Rev. G
1/06
10
11


Similar Part No. - MSK5920-2.8KRHD

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5920-2.8KRHGW ANAREN-MSK5920-2.8KRHGW Datasheet
480Kb / 9P
   RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
More results

Similar Description - MSK5920-2.8KRHD

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5921KRHU MSK-MSK5921KRHU Datasheet
331Kb / 7P
   RAD TOLERANT ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
5921RH MSK-5921RH Datasheet
317Kb / 7P
   RAD TOLERANT ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5900RH MSK-MSK5900RH Datasheet
338Kb / 7P
   RAD TOLERANT ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5910RHG MSK-MSK5910RHG Datasheet
416Kb / 8P
   RAD TOLERANT ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
logo
Anaren Microwave
MSK5823 ANAREN-MSK5823 Datasheet
659Kb / 8P
   RAD HARD ULTRA LOW DROPOUT POSITIVE LINEAR REGULATOR
MSK5820 ANAREN-MSK5820 Datasheet
548Kb / 9P
   RAD HARD ULTRA LOW DROPOUT POSITIVE LINEAR REGULATOR
MSK5825 ANAREN-MSK5825 Datasheet
666Kb / 8P
   RAD HARD ULTRA LOW DROPOUT POSITIVE LINEAR REGULATOR
MSK5922 ANAREN-MSK5922 Datasheet
325Kb / 7P
   RAD HARD ULTRA LOW DROPOUT POSITIVE LINEAR REGULATOR
MSK5822 ANAREN-MSK5822 Datasheet
1Mb / 9P
   RAD HARD ULTRA LOW DROPOUT POSITIVE LINEAR REGULATOR
MSK5800RH ANAREN-MSK5800RH Datasheet
960Kb / 10P
   RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com