Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B0520LW Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # B0520LW
Description  SCHOTTKY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

B0520LW Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  B0520LW Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd B0520LW Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd B0520LW Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
2.70
3.70
SOD-123
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOD-123 Plastic-Encapsulate Diode
·
Low Forward Voltage Drop
·
Guard Ring Construction for
Transient Protection
·
High Conductance
Maximum Ratings @ TA = 25°C unless otherwise specified
Characteristic
Symbol
B0520LW
B0530W
B0540W
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
V
RMS Reverse Voltage
VR(RMS)
14
21
28
V
Average Rectified Output Current
@ TL = 100°C
IO
0.5
A
Non-Repetitive Peak Forward Surge Current
8.3ms single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
5.5
A
Power Dissipation (Note 1)
Pd
410
mW
Typical Thermal Resistance Junction to Ambient (Note 1)
RqJA
244
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +125
°C
Voltage Rate of Change
dv/dt
1000
V/ms
Notes:
1. Valid provided that leads are kept at ambient temperature.
2. Pulse Test: Pulse width = 300ms, Duty Cycle £ 2%.
Electrical Characteristics@ TA = 25°C unless otherwise specified
Characteristic
Symbol
B0520LW
B0530W
B0540W Unit
Test Conditions
Minimum Reverse Breakdown Voltage (Note 2)
V(BR)R
20
¾
¾
¾
30
¾
¾
¾
40
V
IR = 250mA
IR = 130mA
IR = 20mA
Maximum Forward Voltage Drop
(Note 2)
VFM
0.300
0.385
¾
0.220
0.330
¾
0.375
0.430
¾
¾
¾
¾
¾
0.510
0.620
¾
0.460
0.610
V
IF = 0.1A, Tj = 25°C
IF = 0.5A, Tj = 25°C
IF = 1.0A, Tj = 25°C
IF = 0.1A, Tj = 100°C
IF = 0.5A, Tj = 100°C
IF = 1.0A, Tj = 100°C
Maximum Leakage Current
(Note 2)
IRM
75
¾
250
¾
¾
¾
20
¾
130
¾
¾
¾
10
¾
20
mA
VR = 10V, Tj = 25°C
VR = 15V, Tj = 25°C
VR = 20V, Tj = 25°C
VR = 30V, Tj = 25°C
VR = 40V, Tj = 25°C
5.0
8.0
¾
¾
¾
¾
¾
5.0
13
mA
VR = 10V, Tj = 100°C
VR = 20V, Tj = 100°C
VR = 40V, Tj = 100°C
Junction Capacitance
Cj
170
pF f = 1MHz, VR = 0V DC
Marking:
B0520LW,B0530W,B0540W SCHOTTKY RECTIFIER
1 /2
Unit:mm
B0520LW:SD
B0530W:SE
B0540W:SF


Similar Part No. - B0520LW

ManufacturerPart #DatasheetDescription
logo
SAMYANG ELECTRONICS CO....
B0520LW SAMYANG-B0520LW Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
B0520LW DIODES-B0520LW Datasheet
63Kb / 2P
   0.5A SURFACE ACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30051 Rev. 7 - 2
logo
Shenzhen Jin Yu Semicon...
B0520LW HTSEMI-B0520LW Datasheet
718Kb / 2P
   SCHOTTKY BARRIER DIODE
logo
Foshan Blue Rocket Elec...
B0520LW FOSHAN-B0520LW Datasheet
597Kb / 6P
   Silicon Diode in a SOD-123 Plastic Package
logo
Weitron Technology
B0520LW WEITRON-B0520LW Datasheet
171Kb / 3P
   Surface Mount Schottky Barrier Diodes
More results

Similar Description - B0520LW

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com