Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSK5332-5.0ETU Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK5332-5.0ETU
Description  NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5332-5.0ETU Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK5332-5.0ETU Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5332-5.0ETU Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5332-5.0ETU Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5332-5.0ETU Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5332-5.0ETU Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5332-5.0ETU Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
%
%
V
%
%
%
%
mA
mA
A
dB
°C/W
PART
NUMBER
Dropout Voltage
Short Circuit Current
Ripple Rejection
Thermal Resistance
Max.
1.0
2.0
1.2
1.0
2.0
0.5
0.75
10
10
-3.3
-
7.0
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Case Operating Temperature
MSK 5332H/E
MSK 5332
-30V
Internally Limited
-3A
+175°C
-65°C to +150°C
300°C
-55°C to +125°C
-40°C to +85°C
ABSOLUTE MAXIMUM RATINGS
TST
TLD
TC
Input Voltage (WRT VOUT)
Power Dissipation
Output Current
Junction Temperature
-VIN
PD
IOUT
TJ
Output is decoupled to ground using 33µF minimum, low ESR capacitors unless otherwise specified.
Guaranteed by design but not tested. Typical parameters are representative of actual device
performance but are for reference only.
All output parameters are tested using a low duty cycle pulse to maintain TJ = TC.
Industrial grade and "E" suffix devices shall be tested to subgroup 1 unless otherwise specified.
Military grade devices ("H" suffix) shall be 100% tested to subgroups 1,2 and 3.
Subgroup 1
TA=TC=+25°C
2
TA=TC=+125°C
3
TA=TC=-55°C
Please consult the factory if alternate output voltages are required.
Input voltage (VIN= VOUT + a specified voltage) is implied to be more negative than VOUT.
Min.
-
-
-
-
-
-
-
-
-
-
60
-
Group A
Subgroup
1
2,3
1
1
2,3
1
2,3
1
2,3
-
-
-
Min.
-
-
-
-
-
-
-
-
-
-
60
-
Typ.
0.1
0.1
0.8
0.2
0.3
0.1
0.2
4.5
4.5
-3.6
75
5.6
Typ.
0.1
-
0.8
0.2
-
0.1
-
4.5
-
-3.6
75
5.6
Max.
2.0
-
1.3
2.0
-
0.6
-
12
-
-3.0
-
7.5
Parameter
ELECTRICAL SPECIFICATIONS
Test Conditions
Units
MSK 5332
MSK 5332H/E
3
2
2
0A
≤IOUT≤3A; ∆VOUT=1%
10mA
≤IOUT≤3A
VIN=VOUT+3V
IOUT=10mA
(VOUT+3V)
≤VIN≤(VOUT+15V)
VIN=VOUT+5V
IOUT=3A; COUT=25µF; f=120Hz
JUNCTION TO CASE @ 125°C
-5.0V
-5.2V
-10.0V
-12.0V
-15.0V
MSK5332-5.0
MSK5332-5.2
MSK5332-10
MSK5332-12
MSK5332-15
OUTPUT VOLTAGE
7
2
Rev. B 8/05
1
2
3
4
5
6
7
8
2
NOTES:
Output Voltage Tolerance
Load Regulation
Line Regulation
IOUT=10mA; VIN=VOUT+3V
Quiescent Current
VIN=VOUT+3V; IOUT=10mA
2


Similar Part No. - MSK5332-5.0ETU

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5332-5.0 ANAREN-MSK5332-5.0 Datasheet
137Kb / 6P
   NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
MSK5332-5.0HTD ANAREN-MSK5332-5.0HTD Datasheet
137Kb / 6P
   NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
MSK5332-5.0HTS ANAREN-MSK5332-5.0HTS Datasheet
137Kb / 6P
   NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
MSK5332-5.0HTU ANAREN-MSK5332-5.0HTU Datasheet
137Kb / 6P
   NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - MSK5332-5.0ETU

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5330 ANAREN-MSK5330 Datasheet
229Kb / 5P
   NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
logo
M.S. Kennedy Corporatio...
MSK5330-5.0H MSK-MSK5330-5.0H Datasheet
233Kb / 5P
   NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
logo
Anaren Microwave
MSK5332 ANAREN-MSK5332 Datasheet
137Kb / 6P
   NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
MSK5940 ANAREN-MSK5940 Datasheet
415Kb / 6P
   RAD HARD NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
logo
STMicroelectronics
LHC7913-4 STMICROELECTRONICS-LHC7913-4 Datasheet
274Kb / 3P
   3 AMP NEGATIVE LOW DROP VOLTAGE REGULATOR
logo
Seme LAB
IP2990 SEME-LAB-IP2990 Datasheet
210Kb / 5P
   1 AMP NEGATIVE LOW DROPOUT REGULATOR FOR
logo
List of Unclassifed Man...
PJ1085 ETC-PJ1085 Datasheet
300Kb / 7P
   3 Amp Low Dropout Positive Voltage Regulator
logo
Seme LAB
LT1085220M05 SEME-LAB-LT1085220M05 Datasheet
29Kb / 3P
   LOW DROPOUT 3 AMP POSITIVE VOLTAGE REGULATOR
logo
First Components Intern...
CS5203 FCI-CS5203 Datasheet
522Kb / 6P
   3 Amp Low Dropout Postitive Voltage Regulator
logo
Microchip Technology
TC59 MICROCHIP-TC59_13 Datasheet
336Kb / 20P
   Low Dropout, Negative Output Voltage Regulator
11/29/12 2001-2012
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com