Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSK5116-1.7ETU Datasheet(PDF) 5 Page - M.S. Kennedy Corporation

Part # MSK5116-1.7ETU
Description  HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5116-1.7ETU Datasheet(HTML) 5 Page - M.S. Kennedy Corporation

  MSK5116-1.7ETU Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5116-1.7ETU Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5116-1.7ETU Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5116-1.7ETU Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5116-1.7ETU Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
The information contained herein is believed to be accurate at the time of printing. MSK reserves the right to make
changes to its products or specifications without notice, however, and assumes no liability for the use of its products.
Please visit our website for the most recent revision of this datasheet.
Contact MSK for MIL-PRF-38534 qualification status.
MECHANICAL SPECIFICATIONS
M.S. Kennedy Corp.
4707 Dey Road, Liverpool, New York 13088
Phone (315) 701-6751
FAX (315) 701-6752
www.mskennedy.com
ORDERING INFORMATION
LEAD CONFIGURATIONS
S= STRAIGHT; U= BENT UP; D= BENT DOWN
PACKAGE STYLE
T= TOP TAB; Z= Z PACK
SCREENING
BLANK= INDUSTRIAL; E=EXTENDED RELIABILITY
H=MIL-PRF 38534 CLASS H
OUTPUT VOLTAGE
1.5=+1.5V; 1.7=+1.7V; 1.9=+1.9V; 2.5=+2.5V
3.3=+3.3V; 5.0=+5.0V; 12=+12.0V
GENERAL PART NUMBER
MSK5116-3.3 H T U
The above example is a +3.3V, Military regulator using the top tab package with leads bent up.
NOTE: ALL DIMENSIONS ARE ±0.010 INCHES UNLESS OTHERWISE LABELED.
ESD Triangle indicates Pin 1.
Rev. A 1/06


Similar Part No. - MSK5116-1.7ETU

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5116-1.7HTD ANAREN-MSK5116-1.7HTD Datasheet
748Kb / 7P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5116-1.7HTS ANAREN-MSK5116-1.7HTS Datasheet
748Kb / 7P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5116-1.7HTU ANAREN-MSK5116-1.7HTU Datasheet
748Kb / 7P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - MSK5116-1.7ETU

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5130 MSK-MSK5130 Datasheet
240Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5100-3.3B MSK-MSK5100-3.3B Datasheet
299Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5115-00 ANAREN-MSK5115-00 Datasheet
828Kb / 7P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5131-3.3HTU MSK-MSK5131-3.3HTU Datasheet
271Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5101 ANAREN-MSK5101 Datasheet
537Kb / 6P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5115 MSK-MSK5115 Datasheet
326Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5102 ANAREN-MSK5102 Datasheet
375Kb / 6P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5116 ANAREN-MSK5116 Datasheet
748Kb / 7P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5130 ANAREN-MSK5130 Datasheet
748Kb / 7P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5101-3.3H MSK-MSK5101-3.3H Datasheet
289Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com