Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P87C51RD+JB Datasheet(PDF) 2 Page - NXP Semiconductors

Part # P87C51RD+JB
Description  8-bit CMOS (low voltage, low power and high speed) microcontroller families
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C51RD+JB Datasheet(HTML) 2 Page - NXP Semiconductors

  P87C51RD+JB Datasheet HTML 1Page - NXP Semiconductors P87C51RD+JB Datasheet HTML 2Page - NXP Semiconductors P87C51RD+JB Datasheet HTML 3Page - NXP Semiconductors P87C51RD+JB Datasheet HTML 4Page - NXP Semiconductors P87C51RD+JB Datasheet HTML 5Page - NXP Semiconductors P87C51RD+JB Datasheet HTML 6Page - NXP Semiconductors P87C51RD+JB Datasheet HTML 7Page - NXP Semiconductors P87C51RD+JB Datasheet HTML 8Page - NXP Semiconductors P87C51RD+JB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 55 page
background image
Philips Semiconductors
Product specification
8XC52/54/58/80C32
8XC51FA/FB/FC/80C51FA
8XC51RA+/RB+/RC+/RD+/80C51RA+
80C51 8-bit microcontroller family
8K–64K/256–1K OTP/ROM/ROMless, low voltage (2.7V–5.5V),
low power, high speed (33 MHz)
2
1999 Apr 01
853-2068 21142
DESCRIPTION
Three different Single-Chip 8-Bit Microcontroller families are
presented in this datasheet:
80C32/8XC52/8XC54/8XC58
80C51FA/8XC51FA/8XC51FB/8XC51FC
80C51RA+/8XC51RA+/8XC51RB+/8XC51RC+/8XC51RD+
For applications requiring 4K ROM/EPROM, see the 8XC51/80C31
8-bit CMOS (low voltage, low power, and high speed)
microcontroller families datasheet.
All the families are Single-Chip 8-Bit Microcontrollers manufactured
in advanced CMOS process and are derivatives of the 80C51
microcontroller family. All the devices have the same instruction set
as the 80C51.
These devices provide architectural enhancements that make them
applicable in a variety of applications for general control systems.
ROM/EPROM
Memory Size
(X by 8)
RAM Size
(X by 8)
Programmable
Timer Counter
(PCA)
Hardware
Watch Dog
Timer
80C31/8XC51
0K/4K
128
No
No
80C32/8XC52/54/58
0K/8K/16K/32K
256
No
No
80C51FA/8XC51FA/FB/FC
0K/8K/16K/32K
256
Yes
No
80C51RA+/8XC51RA+/RB+/RC+
0K/8K/16K/32K
512
Yes
Yes
8XC51RD+
64K
1024
Yes
Yes
The ROMless devices, 80C32, 80C51FA, and 80C51RA+ can
address up to 64K of external memory. All the devices have four
8-bit I/O ports, three 16-bit timer/event counters, a multi-source,
four-priority-level, nested interrupt structure, an enhanced UART
and on-chip oscillator and timing circuits. For systems that require
extra memory capability up to 64k bytes, each can be expanded
using standard TTL-compatible memories and logic.
Its added features make it an even more powerful microcontroller for
applications that require pulse width modulation, high-speed I/O and
up/down counting capabilities such as motor control. It also has a
more versatile serial channel that facilitates multiprocessor
communications.
FEATURES
80C51 Central Processing Unit
Speed up to 33MHz
Full static operation
Operating voltage range: 2.7V to 5.5V @ 16MHz
Security bits:
– ROM – 2 bits
– OTP–EPROM – 3 bits
Encryption array – 64 bytes
RAM expandable to 64K bytes
4 level priority interrupt
6 or7 interrupt sources, depending on device
Four 8-bit I/O ports
Full-duplex enhanced UART
– Framing error detection
– Automatic address recognition
Power control modes
– Clock can be stopped and resumed
– Idle mode
– Power down mode
Programmable clock out
Second DPTR register
Asynchronous port reset
Low EMI (inhibit ALE)


Similar Part No. - P87C51RD+JB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P87C51RD+JB PHILIPS-P87C51RD+JB Datasheet
355Kb / 56P
   80C51 8-bit microcontroller family 8K-4K/256-1K OTP/ROM/ROMless, low voltage (2.7V-5.5V), low power, high speed (33 MHz)
2000 Aug 07
More results

Similar Description - P87C51RD+JB

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN80CL31N INTEGRAL-IN80CL31N Datasheet
119Kb / 2P
   CMOS LOW-VOLTAGE SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Integrated Silicon Solu...
IS80LV52 ISSI-IS80LV52 Datasheet
385Kb / 48P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
logo
Integrated Circuit Solu...
IC80LV52 ICSI-IC80LV52 Datasheet
131Kb / 22P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IC80LV51 ICSI-IC80LV51 Datasheet
124Kb / 20P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
logo
Integrated Silicon Solu...
IS80C52 ISSI-IS80C52 Datasheet
382Kb / 48P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IS80LV51 ISSI-IS80LV51 Datasheet
339Kb / 43P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
LEM78P153 EMC-LEM78P153 Datasheet
1Mb / 19P
   8-bit microprocessor with low-power and high-speed CMOS technology
EM78P156E EMC-EM78P156E Datasheet
141Kb / 28P
   8-bit microprocessor with low-power and high-speed CMOS technology
EM78P156EH EMC-EM78P156EH Datasheet
344Kb / 39P
   8-bit microprocessor with low-power and high-speed CMOS technology
logo
Exar Corporation
XRD87L75 EXAR-XRD87L75 Datasheet
1Mb / 15P
   Low-Voltage CMOS 8-Bit High-Speed Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com