Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSK5131-1.7TU Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK5131-1.7TU
Description  HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5131-1.7TU Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK5131-1.7TU Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5131-1.7TU Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5131-1.7TU Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5131-1.7TU Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5131-1.7TU Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Output Current Limit
Output Noise
Shutdown Output Current
Thermal Resistance
Thermal Shutdown
Max.
±1.0
±2.0
175
600
±1.0
±2.0
±0.5
±1.0
5.0
45
-
-
-
0.8
600
2
500
2.4
-
Output Voltage Tolerance
Dropout Voltage
Load Regulation
Line Regulation
Ground Current
Enable Input Voltage
Enable Input Current
Storage Temperature Range
Lead Temperature
(10 Seconds Soldering)
Operating Temperature
MSK 5131 Series
MSK 5131H/E Series
%
%
mV
mV
%
%
%
%
A
mA
mA
µV
V
V
µA
µA
µA
°C/W
°C
∆VOUT=-1%; IOUT=100mA
∆VOUT=-1%; IOUT=3A
VIN=VOUT+1.5V
10mA
≤ IOUT ≤ 2.5A
(VOUT +1V)
≤ VIN ≤ 26V
IOUT=10mA
VOUT=0V; VIN=VOUT+1V
VIN=VOUT+1V; IOUT=1.5A
VIN=VOUT+1V; IOUT=3A
CL=20µF; 10Hz
≤ f ≤ 100KHz
VENABLE
≤ 0.8V
Junction to Case @ 125°C
TJ
Input Voltage (100mS 1%D.C.)
Input Voltage
Enable Voltage
Output Current
VINP
VIN
VEN
IOUT
Parameter
TST
TLD
TJ
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
-65°C to +150°C
300°C
-40°C to +85°C
-55°C to +125°C
1
Test Conditions
1
2
3
4
5
6
7
8
9
NOTES:
Output decoupled to ground using 27µF minimum capacitance unless otherwise specified.
This parameter is guaranteed by design but need not be tested.
Typical parameters are representative of actual device performance but are for reference only.
All output parameters are tested using a low duty cycle pulse to maintain TJ = TC.
Industrial grade and "E" suffix devices shall be tested to subgroup 1 unless otherwise specified.
Military grade devices ('H' suffix) shall be 100% tested to subgroups 1,2 and 3.
Subgroup 1
Subgroup 2
Subgroup 3
Please consult the factory if alternate output voltages are required.
Due to current limit, maximum output current may not be available at all values of VIN-VOUT and
temperatures. See typical performance curves for clarification.
Continuous operation at or above absolute maximum ratings may adversely effect the device
performance and/or life cycle.
TC=+25°C
TJ=+125°C
TA=-55°C
HIGH/ON
LOW/OFF
HIGH/ON
LOW/OFF
MSK 5131H/E SERIES
Min.
-
-
-
-
-
-
-
-
-
-
-
-
2.4
-
-
-
-
-
-
Typ.
±0.5
±1.0
80
350
±0.2
±0.3
±0.05
±0.5
4.5
20
42
400
1.2
1.2
20
-
10
2.1
135
Typ.
±0.5
-
80
350
±0.2
±0.3
±0.05
±0.5
4.5
20
42
400
1.2
1.2
20
-
10
2.1
135
MSK 5131 SERIES
Min.
-
-
-
-
-
-
-
-
-
-
-
-
2.4
-
-
-
-
-
-
Max.
±1.0
-
200
625
±1.2
-
±0.6
-
5.0
45
-
-
-
0.8
600
2
500
2.5
-
Units
2
2
2
2
3
Group A
Subgroup
1
2,3
1
1
1
2,3
1
2,3
-
-
-
-
1
1
1
1
-
-
-
2
IOUT=10mA; VIN=VOUT+1V
2
-20V to +60V
26V
-0.3V to 26V
3.5A
2
2
2
2
Rev. B 2/06
8
9


Similar Part No. - MSK5131-1.7TU

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5131-1.7HTD ANAREN-MSK5131-1.7HTD Datasheet
122Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5131-1.7HTS ANAREN-MSK5131-1.7HTS Datasheet
122Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5131-1.7HTU ANAREN-MSK5131-1.7HTU Datasheet
122Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - MSK5131-1.7TU

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5116-3.3HTU MSK-MSK5116-3.3HTU Datasheet
277Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5130 MSK-MSK5130 Datasheet
240Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5100-3.3B MSK-MSK5100-3.3B Datasheet
299Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5115-00 ANAREN-MSK5115-00 Datasheet
828Kb / 7P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5101 ANAREN-MSK5101 Datasheet
537Kb / 6P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5115 MSK-MSK5115 Datasheet
326Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5102 ANAREN-MSK5102 Datasheet
375Kb / 6P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5116 ANAREN-MSK5116 Datasheet
748Kb / 7P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5130 ANAREN-MSK5130 Datasheet
748Kb / 7P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5101-3.3H MSK-MSK5101-3.3H Datasheet
289Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com