Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSK5332-10HTS Datasheet(PDF) 6 Page - M.S. Kennedy Corporation

Part # MSK5332-10HTS
Description  NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5332-10HTS Datasheet(HTML) 6 Page - M.S. Kennedy Corporation

  MSK5332-10HTS Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5332-10HTS Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5332-10HTS Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5332-10HTS Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5332-10HTS Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5332-10HTS Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
The information contained herein is believed to be accurate at the time of printing. MSK reserves the right to make
changes to its products or specifications without notice, however, and assumes no liability for the use of its products.
Please visit our website for the most recent revision of this datasheet.
M.S. Kennedy Corp.
4707 Dey Road, Liverpool, New York 13088
Phone (315) 701-6751
FAX (315) 701-6752
www.mskennedy.com
6
Rev. A 7/05
MSK5332-5.0 H
G
MECHANICAL SPECIFICATIONS
ORDERING INFORMATION
The above example is a -5.0V, Class H Military regulator with gull wing leads.
NOTE:
ALL DIMENSIONS ARE ±0.010 INCHES UNLESS OTHERWISE LABELED.
LEAD CONFIGURATIONS
(GULL WING NOT AVAILABLE WITH TOP TAB VERSION)
S= STRAIGHT; U= BENT UP; D= BENT DOWN; G=GULL WING
PACKAGE STYLE
T=TOP TAB; BLANK=NO TAB
SCREENING
BLANK= INDUSTRIAL; E=EXTENDED RELIABILITY
H= MIL-PRF-38534 CLASS H
OUTPUT VOLTAGE
5.0=-5.0V; 5.2=-5.2V; 10=-10.0V; 12=-12.0V; 15=-15.0V
GENERAL PART NUMBER
ESD Triangle Indicates Pin 1.


Similar Part No. - MSK5332-10HTS

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5332-10HTS ANAREN-MSK5332-10HTS Datasheet
137Kb / 6P
   NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - MSK5332-10HTS

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5330 ANAREN-MSK5330 Datasheet
229Kb / 5P
   NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
logo
M.S. Kennedy Corporatio...
MSK5330-5.0H MSK-MSK5330-5.0H Datasheet
233Kb / 5P
   NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
logo
Anaren Microwave
MSK5332 ANAREN-MSK5332 Datasheet
137Kb / 6P
   NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
MSK5940 ANAREN-MSK5940 Datasheet
415Kb / 6P
   RAD HARD NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
logo
STMicroelectronics
LHC7913-4 STMICROELECTRONICS-LHC7913-4 Datasheet
274Kb / 3P
   3 AMP NEGATIVE LOW DROP VOLTAGE REGULATOR
logo
Seme LAB
IP2990 SEME-LAB-IP2990 Datasheet
210Kb / 5P
   1 AMP NEGATIVE LOW DROPOUT REGULATOR FOR
logo
List of Unclassifed Man...
PJ1085 ETC-PJ1085 Datasheet
300Kb / 7P
   3 Amp Low Dropout Positive Voltage Regulator
logo
Seme LAB
LT1085220M05 SEME-LAB-LT1085220M05 Datasheet
29Kb / 3P
   LOW DROPOUT 3 AMP POSITIVE VOLTAGE REGULATOR
logo
First Components Intern...
CS5203 FCI-CS5203 Datasheet
522Kb / 6P
   3 Amp Low Dropout Postitive Voltage Regulator
logo
Microchip Technology
TC59 MICROCHIP-TC59_13 Datasheet
336Kb / 20P
   Low Dropout, Negative Output Voltage Regulator
11/29/12 2001-2012
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com