Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P10IU-2405E Datasheet(PDF) 2 Page - PEAK electronics GmbH

Part # P10IU-2405E
Description  3KV ISOLATED 2W UNREGULATED SINGLE OUTPUT SIP4
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P10IU-2405E Datasheet(HTML) 2 Page - PEAK electronics GmbH

  P10IU-2405E Datasheet HTML 1Page - PEAK electronics GmbH P10IU-2405E Datasheet HTML 2Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
P10IU-2405E
24
11
108
05
400
77
P10IU-2409E
24
11
106
09
222
79
P10IU-2415E
24
11
106
15
133
79
P10IU-2424E
24
11
106
24
83
79
P10IU-4805E
48
6
55
05
400
76
P10IU-4812E
48
6
53
12
167
78
P10IU-4815E
48
6
53
15
133
78
P10IU-4818E
48
6
53
18
111
79
Dimensions
Derating Graph and Pinning
Temperature Derating Graph
Ambient Temperature ° C
2.00 W
- 40
0
40
80
100
85
Output
Pin
Connection
#
Single
1
- V Input
2
+ V Input
3
- V Output
4
+ V Output
Specification can be changed without notice.
Copyright PEAK electronics GmbH
REV:2 / 09.2001
ME SERIES
P10IU-XXXXE 3KV ISOLATED 2W UNREGULATED SINGLE OUTPUT SIP4


Similar Part No. - P10IU-2405E

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P10IU-2405ELF PEAK-P10IU-2405ELF Datasheet
146Kb / 3P
   PME-SERIES
More results

Similar Description - P10IU-2405E

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P6IU-0505E PEAK-P6IU-0505E Datasheet
214Kb / 2P
   3KV ISOLATED 1 W UNREGULATED SINGLE OUTPUT SIP4
P10AU-053R3E PEAK-P10AU-053R3E Datasheet
241Kb / 2P
   1KV ISOLATED 2W UNREGULATED SINGLE OUTPUT SIP4
P10MU-0505E PEAK-P10MU-0505E Datasheet
253Kb / 2P
   3KV ISOLATED 2W UNREGULATED SINGLE OUTPUT DIP14
P10LU-0505E PEAK-P10LU-0505E Datasheet
225Kb / 2P
   3KV ISOLATED 2W UNREGULATED SINGLE OUTPUT SIP7
P10MU-0505Z PEAK-P10MU-0505Z Datasheet
264Kb / 2P
   3KV ISOLATED 2W UNREGULATED DUAL OUTPUT DIP14
P10LU-0505Z PEAK-P10LU-0505Z Datasheet
233Kb / 2P
   3KV ISOLATED 2W UNREGULATED DUAL OUTPUT SIP7
P3AU PEAK-P3AU Datasheet
199Kb / 2P
   1KV ISOLATED 0,5W UNREGULATED SINGLE OUTPUT SIP4
P6AU-0505 PEAK-P6AU-0505 Datasheet
229Kb / 2P
   1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP4
P6MU-0505E PEAK-P6MU-0505E Datasheet
255Kb / 2P
   3KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP14
P6KU-0505E PEAK-P6KU-0505E Datasheet
245Kb / 2P
   3KV ISOLATED 1 W UNREGULATED SINGLE OUTPUT DIP8
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com