Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSK5332-15ETS Datasheet(PDF) 5 Page - M.S. Kennedy Corporation

Part # MSK5332-15ETS
Description  NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5332-15ETS Datasheet(HTML) 5 Page - M.S. Kennedy Corporation

  MSK5332-15ETS Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5332-15ETS Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5332-15ETS Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5332-15ETS Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5332-15ETS Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5332-15ETS Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
MECHANICAL SPECIFICATIONS
ORDERING INFORMATION
Rev. B 8/05
NOTE:
ALL DIMENSIONS ARE ±0.010 INCHES UNLESS OTHERWISE LABELED.
ESD Triangle Indicates Pin 1.
MSK5332-5.0 H T D
LEAD CONFIGURATIONS
(GULL WING NOT AVAILABLE WITH TOP TAB VERSION)
S= STRAIGHT; U= BENT UP; D= BENT DOWN
PACKAGE STYLE
T=TOP TAB; BLANK=NO TAB
SCREENING
BLANK= INDUSTRIAL; E=EXTENDED RELIABILITY
H= MIL-PRF-38534 CLASS H
OUTPUT VOLTAGE
5.0=-5.0V; 5.2=-5.2V; 10=-10.0V; 12=-12.0V; 15=-15.0V
GENERAL PART NUMBER


Similar Part No. - MSK5332-15ETS

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5332-15 ANAREN-MSK5332-15 Datasheet
137Kb / 6P
   NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
MSK5332-15HTD ANAREN-MSK5332-15HTD Datasheet
137Kb / 6P
   NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
MSK5332-15HTS ANAREN-MSK5332-15HTS Datasheet
137Kb / 6P
   NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
MSK5332-15HTU ANAREN-MSK5332-15HTU Datasheet
137Kb / 6P
   NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - MSK5332-15ETS

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5330 ANAREN-MSK5330 Datasheet
229Kb / 5P
   NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
logo
M.S. Kennedy Corporatio...
MSK5330-5.0H MSK-MSK5330-5.0H Datasheet
233Kb / 5P
   NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
logo
Anaren Microwave
MSK5332 ANAREN-MSK5332 Datasheet
137Kb / 6P
   NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
MSK5940 ANAREN-MSK5940 Datasheet
415Kb / 6P
   RAD HARD NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
logo
STMicroelectronics
LHC7913-4 STMICROELECTRONICS-LHC7913-4 Datasheet
274Kb / 3P
   3 AMP NEGATIVE LOW DROP VOLTAGE REGULATOR
logo
Seme LAB
IP2990 SEME-LAB-IP2990 Datasheet
210Kb / 5P
   1 AMP NEGATIVE LOW DROPOUT REGULATOR FOR
logo
List of Unclassifed Man...
PJ1085 ETC-PJ1085 Datasheet
300Kb / 7P
   3 Amp Low Dropout Positive Voltage Regulator
logo
Seme LAB
LT1085220M05 SEME-LAB-LT1085220M05 Datasheet
29Kb / 3P
   LOW DROPOUT 3 AMP POSITIVE VOLTAGE REGULATOR
logo
First Components Intern...
CS5203 FCI-CS5203 Datasheet
522Kb / 6P
   3 Amp Low Dropout Postitive Voltage Regulator
logo
Microchip Technology
TC59 MICROCHIP-TC59_13 Datasheet
336Kb / 20P
   Low Dropout, Negative Output Voltage Regulator
11/29/12 2001-2012
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com