Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSK5332-15S Datasheet(PDF) 3 Page - M.S. Kennedy Corporation

Part # MSK5332-15S
Description  NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5332-15S Datasheet(HTML) 3 Page - M.S. Kennedy Corporation

  MSK5332-15S Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5332-15S Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5332-15S Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5332-15S Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5332-15S Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5332-15S Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
APPLICATION NOTES
HEAT SINKING
To determine if a heat sink is required for your application
and if so, what type, refer to the thermal model and govern-
ing equation below.
Governing Equation: Tj = Pd x (Rθjc + Rθcs + Rθsa) + Ta
WHERE
Tj = Junction Temperature
Pd = Total Power Dissipation
Rθjc = Junction to Case Thermal Resistance
Rθcs = Case to Heat Sink Thermal Resistance
Rθsa = Heat Sink to Ambient Thermal Resistance
Tc = Case Temperature
Ta = Ambient Temperature
Ts = Heat Sink Temperature
EXAMPLE:
This example demonstrates an analysis where the regulator is at
one-half of its maximum rated power dissipation, which occurs
when the output current is at 1.5 amps.
Conditions for MSK 5332-5:
Vin = -7.0V; Iout = -1.5A
1.) Assume 45° heat spreading model.
2.) Find regulator power dissipation:
Pd = (Vin - Vout)(Iout)
Pd = (-7-(-5))(-1.5)
= 3.0W
3.) For conservative design, set Tj = +125°C Max.
4.) For this example, worst case Ta = +90°C.
5.) Rθjc = 7.0°C/W from the Electrical Specification Table.
6.) Rθcs = 0.15°C/W for most thermal greases.
7.) Rearrange governing equation to solve for Rθsa:
Rθsa =
((Tj - Ta)/Pd) - (Rθjc) - (Rθcs)
=
(125°C - 90°C)/3.0W - 7.0°C/W - 0.15°C/W
=
4.5°C/W
In this case the result is 4.5°C/W. Therefore, a heat sink with a
thermal resistance of no more than 4.5°C/W must be used in
this application to maintain the regulator junction temperature
under 125°C.
OVERLOAD SHUTDOWN
The MSK 5332 features both power and thermal overload
protection. When the maximum power dissipation is not ex-
ceeded, the regulator will current limit slightly above its 3 amp
rating. As the Vin-Vout voltage increases, however, shutdown
occurs in relation to the maximum power dissipation curve. If
the device heats enough to exceed its rated die junction tem-
perature due to excessive ambient temperature, improper heat
sinking etc., the regulator will shutdown until an appropriate
junction temperature is maintained. It should also be noted that
in the case of an extreme overload, such as a sustained direct
short, the device may not be able to recover. In these instances,
the device must be shut off and power reapplied to eliminate the
shutdown condition.
LOAD REGULATION
For best results the ground pin should be connected directly
to the load as shown below, this effectively reduces the ground
loop effect and eliminates excessive voltage drop in the sense
leg. It is also important to keep the output connection between
the regulator and the load as short as possible since this directly
affects the load regulation. For example, if 20 gauge wire were
used which has a resistance of about .008 ohms per foot, this
would result in a drop of 8mV/ft at 1Amp of load current. It is
also important to follow the capacitor selection guidelines to
achieve best performance. Refer to Figure 1 for connection dia-
gram.
BYPASS CAPACITORS
For most applications a 33uF minimum, low ESR (0.5-2 ohm)
tantalum capacitor should be attached as close to the regulator's
output as possible. This will effectively lower the regulator's
output impedance, increase transient response and eliminate any
oscillations that are normally associated with low dropout regu-
lators. Additional bypass capacitors can be used at the remote
load locations to further improve regulation. These can be either
of the tantalum or the electrolytic variety. Unless the regulator
is located very close to the power supply filter capacitor(s), a
4.7uF minimum low ESR (0.5-2 ohm) tantalum capacitor should
also be added to the regulator's input. An electrolytic may also
be substituted if desired. When substituting electrolytic in place
of tantalum capacitors, a good rule of thumb to follow is to
increase the size of the electrolytic by a factor of 10 over the
tantalum value.
Low Dropout Negative Power Supply
MSK 5332 TYPICAL APPLICATION:
FIGURE 1
3
Rev. B 8/05


Similar Part No. - MSK5332-15S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5332-15 ANAREN-MSK5332-15 Datasheet
137Kb / 6P
   NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
MSK5332-15HTD ANAREN-MSK5332-15HTD Datasheet
137Kb / 6P
   NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
MSK5332-15HTS ANAREN-MSK5332-15HTS Datasheet
137Kb / 6P
   NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
MSK5332-15HTU ANAREN-MSK5332-15HTU Datasheet
137Kb / 6P
   NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - MSK5332-15S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5330 ANAREN-MSK5330 Datasheet
229Kb / 5P
   NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
logo
M.S. Kennedy Corporatio...
MSK5330-5.0H MSK-MSK5330-5.0H Datasheet
233Kb / 5P
   NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
logo
Anaren Microwave
MSK5332 ANAREN-MSK5332 Datasheet
137Kb / 6P
   NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
MSK5940 ANAREN-MSK5940 Datasheet
415Kb / 6P
   RAD HARD NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
logo
STMicroelectronics
LHC7913-4 STMICROELECTRONICS-LHC7913-4 Datasheet
274Kb / 3P
   3 AMP NEGATIVE LOW DROP VOLTAGE REGULATOR
logo
Seme LAB
IP2990 SEME-LAB-IP2990 Datasheet
210Kb / 5P
   1 AMP NEGATIVE LOW DROPOUT REGULATOR FOR
logo
List of Unclassifed Man...
PJ1085 ETC-PJ1085 Datasheet
300Kb / 7P
   3 Amp Low Dropout Positive Voltage Regulator
logo
Seme LAB
LT1085220M05 SEME-LAB-LT1085220M05 Datasheet
29Kb / 3P
   LOW DROPOUT 3 AMP POSITIVE VOLTAGE REGULATOR
logo
First Components Intern...
CS5203 FCI-CS5203 Datasheet
522Kb / 6P
   3 Amp Low Dropout Postitive Voltage Regulator
logo
Microchip Technology
TC59 MICROCHIP-TC59_13 Datasheet
336Kb / 20P
   Low Dropout, Negative Output Voltage Regulator
11/29/12 2001-2012
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com