Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSK5275-5.0 Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK5275-5.0
Description  VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5275-5.0 Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK5275-5.0 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5275-5.0 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5275-5.0 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5275-5.0 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5275-5.0 Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Input Voltage (100mS 1%D.C.)
Input Voltage
Enable Voltage
Output Current
-20V to +60V
26V
-0.3V to 26V
8A
Storage Temperature Range . . -65°C to +150°C
Lead Temperature . . . . . . . .... .... ..300°C
(10 Seconds Soldering)
Operating Temperature
MSK 5275 Series . . . . . . . . . -40°C to +85°C
MSK 5275H/E Series . . . . . . . -55°to +125°C
VINP
VIN
VEN
IOUT
TST
TLD
TJ
ABSOLUTE MAXIMUM RATINGS
2
Rev. H 2/06
Output Current Limit 2
Output Noise 2
Thermal Resistance 2
Thermal Shutdown 2
∆VOUT = -1%; IOUT = 250 mA
∆VOUT = -1%; IOUT = 7.0A
VIN = VOUT+1V
10 mA
≤ IOUT ≤ 7.0A
(VOUT +1V)
≤ VIN ≤ 26V
IOUT = 10 mA
VOUT = 0V; VIN = VOUT +1V
VIN = VOUT +1V; IOUT = 4A
VIN = VOUT +1V; IOUT = 7.0A
CL = 33µF; 10 HZ
≤ f ≤ 100 KHZ
Junction to Case
TJ
Ground Current
2
1
2, 3
1
1
1
2, 3
1
2, 3
-
-
-
-
-
-
Parameter
ELECTRICAL SPECIFICATIONS
-
-
-
-
-
-
-
-
-
-
-
-
-
-
±0.5
±1.0
80
425
±0.2
±0.3
±0.05
±0.5
9.5
45
130
260
1.0
130
±1.0
±2.0
200
600
±1.0
±2.0
±0.5
±1.0
15
85
-
-
1.2
-
%
%
mV
mV
%
%
%
%
A
mA
mA
µV
°C/W
°C
-
-
-
-
-
-
-
-
-
-
-
-
-
-
±0.5
-
80
425
±0.2
±0.3
±0.05
±0.5
9.5
45
130
260
1.0
130
±1.0
-
225
625
±1.2
-
±0.6
-
15
90
-
-
1.5
-
Group A
Subgroup
MSK 5275H/E SERIES
Min.
Typ.
Max.
MSK 5275 SERIES
Min.
Typ.
Max.
Units
Test Conditions 1 3
Output Voltage Tolerance
Dropout Voltage
2
Load Regulation
Line Regulation
IOUT = 10mA; VIN = VOUT +1V
1
2
3
4
5
6
7
8
9
NOTES:
Output decoupled to ground using 33µF minimum capacitor unless otherwise specified.
This parameter is guaranteed by design but need not be tested.
Typical parameters are representative of actual device performance but are for reference only.
All output parameters are tested using a low duty cycle pulse to maintain TJ = TC.
Industrial grade and 'E' suffix devices shall be tested to subgroup 1 unless otherwise specified.
Military grade devices ('H' suffix) shall be 100% tested to subgroups 1,2,3.
Subgroup 1
Subgroup 2
Subgroup 3
Please consult the factory if alternate output voltages are required.
Due to current limit, maximum output current may not be available at all values of VIN-VOUT and temperatures.
See typical perfomance curves for clarification.
Continuous operation at or above absolute maximum ratings may adversely effect the device performance and/or life cycle.
TC = +25°C
TJ = +125°C
TA = -55°C
8
9


Similar Part No. - MSK5275-5.0

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5275-5.0H ANAREN-MSK5275-5.0H Datasheet
115Kb / 5P
   VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
More results

Similar Description - MSK5275-5.0

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5250-3.3H MSK-MSK5250-3.3H Datasheet
213Kb / 5P
   VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5250 ANAREN-MSK5250 Datasheet
112Kb / 5P
   VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5275 ANAREN-MSK5275 Datasheet
115Kb / 5P
   VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5150 ANAREN-MSK5150 Datasheet
796Kb / 7P
   VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5151 MSK-MSK5151 Datasheet
275Kb / 5P
   VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5150-3.3BTU MSK-MSK5150-3.3BTU Datasheet
315Kb / 5P
   VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5176-3.3HTU MSK-MSK5176-3.3HTU Datasheet
276Kb / 5P
   VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5175 MSK-MSK5175 Datasheet
235Kb / 5P
   VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5176 ANAREN-MSK5176 Datasheet
753Kb / 7P
   VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5175 ANAREN-MSK5175 Datasheet
792Kb / 7P
   VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com