Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSK5200-TU Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK5200-TU
Description  DUAL POSITIVE/NEGATIVE, 3 AMP, ULTRA LOW DROPOUT FIXED VOLTAGE REGULATORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5200-TU Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK5200-TU Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5200-TU Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5200-TU Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5200-TU Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5200-TU Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1
2
3
4
5
6
7
8
9
10
Outputs are decoupled to ground using 33µF minimum
tantalum capacitance unless otherwise specified.
This parameter is guaranteed by design but need not be tested.
Typical parameters are representative of actual device performance but are for reference only.
All output parameters are tested using a low duty cycle pulse to maintain TJ = TC.
Industrial grade and "E suffix devices shall be tested to subgroups 1 and 4 unless otherwise specified.
Military grade devices ('H' suffix) shall be 100% tested to subgroups 1,2,3 and 4.
Subgroup 5 and 6 testing available upon request.
Subgroup 1,4
TC = +25°C
Subgroup 2,5
TJ
= +125°C
Subgroup 3,6
TA = -55°C
Please consult the factory if alternate output voltages are required.
Input voltage (VIN =VOUT + a specified voltage) is implied to be more negative than VOUT.
Due to current limit, maximum output current may not be available at all values of VIN-VOUT and temperatures.
See typical performance curves for clarification.
VIN=VOUT+1V
IOUT=0A
IOUT
=2A; ∆VOUT=-1%
100mA
≤IOUT≤2.5A
VIN=VOUT+1V
IOUT=0A
(VOUT+1V)
≤VIN≤(26V)
VIN=VOUT+1V; IOUT=0A
VIN=VOUT+1V
IOUT=3A; COUT=25µF; f=120Hz
Junction to Case @ 125°C
VIN=VOUT+1.5V
IOUT
= OA
IOUT
=2A; ∆VOUT=-1%
VIN=VOUT+1.5V
100mA
≤IOUT≤2.5A
IOUT=0A
(VOUT+1.5V)
≤VIN≤(26V)
VIN=VOUT+1.5V; IOUT=0A
VIN=VOUT+1.5V
IOUT=3A; COUT=25µF; f=120Hz
Junction to Case @ 125°C
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Case Operating Temperature
MSK5200-5210
MSK5200H-5210H/E
±26V
Internally Limited
±3.5A
+175°C
-65°C to +150°C
300°C
-40°C to +125°C
-55°C to +125°C
ABSOLUTE MAXIMUM RATINGS
TST
TLD
TC
Input Voltage
Power Dissipation
Output Current
Junction Temperature
±VIN
PD
IOUT
TJ
POSITIVE OUTPUT REGULATORS:
Dropout Voltage
Quiescent Current
Short Circuit Current
Ripple Rejection
Thermal Resistance
NEGATIVE OUTPUT REGULATORS:
Output Voltage Tolerance
Dropout Voltage
Quiescent Current
Short Circuit Current
Ripple Rejection
Thermal Resistance
NOTES:
Min.
-
-
-
-
-
-
-
-
-
60
-
-
-
-
-
-
-
-
-
-
60
-
Group A
Subgroup
1
2,3
1
1
2,3
1
2,3
1,2,3
1
4
-
1
2,3
1
1
2,3
1
2,3
1,2,3
1
4
-
Typ.
0.5
1.0
350
0.2
0.3
0.1
0.5
10
4.5
75
2.5
0.1
0.1
550
0.3
0.5
0.1
0.5
4.5
3.6
75
4.7
Typ.
0.5
1.0
350
0.2
0.3
0.1
0.5
10
4.5
75
2.5
0.1
-
550
0.3
0.5
0.1
0.5
4.5
3.6
75
4.7
Parameter
ELECTRICAL SPECIFICATIONS
Test Conditions
Units
MSK 5200 SERIES
MSK 5200H/E SERIES
1
2
2
2
2
2
%
%
mV
%
%
%
%
mA
A
dB
°C/W
%
%
mV
%
%
%
%
mA
A
dB
°C/W
2
3
2
2
2
Rev. F 11/04
Min.
-
-
-
-
-
-
-
-
-
60
-
-
-
-
-
-
-
-
-
-
60
-
Max.
1.0
2.0
600
1.0
2.0
0.5
1.0
15
5.0
-
3.0
1.0
2.0
700
1.5
2.5
0.5
1.0
10
5.0
-
5.9
Max.
1.5
-
625
1.2
-
0.6
-
15
5.0
-
3.2
2.0
-
750
1.7
-
0.6
-
10
5.0
-
5.9
-5.2V
-5.0V
-5.2V
-5.0V
-12.0V
-15.0V
-5.0V
-12.0V
-15.0V
-10.0V
-5.2V
PART
NUMBER
OUTPUT VOLTAGES
+3.3V
+5.0V
+5.0V
+12.0V
+12.0V
+15.0V
+15.0V
+5.0V
+5.0V
+10.0V
+5.2V
MSK 5200
MSK 5201
MSK 5202
MSK 5203
MSK 5204
MSK 5205
MSK 5206
MSK 5207
MSK 5208
MSK 5209
MSK 5210
8
NEGATIVE
POSITIVE
9
Output Voltage Tolerance
Load Regulation
Line Regulation
Load Regulation
Line Regulation
10
10


Similar Part No. - MSK5200-TU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSK5200 ETC1-MSK5200 Datasheet
246Kb / 5P
   DUAL POSITIVE/NEGATIVE 3 AMP, ULTRA LOW DROPOUT FIXED VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5200 ANAREN-MSK5200 Datasheet
387Kb / 7P
   DUAL POSITIVE/NEGATIVE, 3 AMP, ULTRA LOW DROPOUT FIXED VOLTAGE REGULATORS
logo
List of Unclassifed Man...
MSK5200HTD ETC1-MSK5200HTD Datasheet
246Kb / 5P
   DUAL POSITIVE/NEGATIVE 3 AMP, ULTRA LOW DROPOUT FIXED VOLTAGE REGULATORS
MSK5200HTS ETC1-MSK5200HTS Datasheet
246Kb / 5P
   DUAL POSITIVE/NEGATIVE 3 AMP, ULTRA LOW DROPOUT FIXED VOLTAGE REGULATORS
MSK5200HTU ETC1-MSK5200HTU Datasheet
246Kb / 5P
   DUAL POSITIVE/NEGATIVE 3 AMP, ULTRA LOW DROPOUT FIXED VOLTAGE REGULATORS
More results

Similar Description - MSK5200-TU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSK5200 ETC1-MSK5200 Datasheet
246Kb / 5P
   DUAL POSITIVE/NEGATIVE 3 AMP, ULTRA LOW DROPOUT FIXED VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5200 ANAREN-MSK5200 Datasheet
387Kb / 7P
   DUAL POSITIVE/NEGATIVE, 3 AMP, ULTRA LOW DROPOUT FIXED VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
5000 MSK-5000 Datasheet
352Kb / 5P
   DUAL POSITIVE/NEGATIVE, 3 AMP, LOW DROPOUT FIXED VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5000 ANAREN-MSK5000 Datasheet
780Kb / 7P
   DUAL POSITIVE/NEGATIVE, DUAL POSITIVE/NEGATIVE, FIXED VOLTAGE REGULATORS
logo
Seme LAB
IP1R17A SEME-LAB-IP1R17A Datasheet
32Kb / 4P
   3 AMP FIXED NEGATIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
OM7505S ETC-OM7505S Datasheet
36Kb / 5P
   DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS
OM7500SC ETC-OM7500SC Datasheet
52Kb / 5P
   DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS
logo
Advanced Power Electron...
APU8852 A-POWER-APU8852 Datasheet
210Kb / 6P
   150mA ULTRA LOW DROPOUT POSITIVE FIXED REGULATORS
logo
Diotec Semiconductor
LDI812C-3.3SFA DIOTEC-LDI812C-3.3SFA Datasheet
666Kb / 3P
   Low Dropout Positive Fixed Voltage Regulators Low-Dropout Positive Festspannungsregler
logo
Richtek Technology Corp...
RT9164B RICHTEK-RT9164B Datasheet
146Kb / 7P
   1A Fixed Low Dropout Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com