Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSK5102-3.3B Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK5102-3.3B
Description  MSK5102-3.3H LOW DROPOUT VOLTAGE REGULATORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5102-3.3B Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK5102-3.3B Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5102-3.3B Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5102-3.3B Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5102-3.3B Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5102-3.3B Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
4707 Dey Road Liverpool, N.Y. 13088
M.S.KENNEDY CORP.
(315) 701-6751
FEATURES:
5102
SERIES
HIGH CURRENT,
LOW DROPOUT
VOLTAGE REGULATORS
Extremely Compact 10 Pin Flatpack With Metal Base
Extremely Low Dropout Voltage: 350mV @ 1.5 Amps
Available in +1.5V, +1.7V, +1.9V, +2.5V, +3.3V, +5.0V and +12.0V
TTL Level Enable Pin: Zero Current Shutdown Mode
Reverse Battery and Load Dump Protection
Low Ground Current: 32mA Typical at Full Load
1% Guaranteed Accuracy
Output Current to 1.5 Amps
MIL-PRF-38534 CERTIFIED
DESCRIPTION:
The MSK 5102 series voltage regulators are available in +1.5V, +1.7V, +1.9V, +2.5V, +3.3V, +5.0V and +12.0V
configurations. All boast ultra low dropout specifications due to the utilization of a super PNP output pass transistor with
monolithic technology. Dropout voltages of 350mV at 1.5 amps are typical in this configuration, which drives efficiency up
and power dissipation down. Accuracy is guaranteed with a 1% output voltage tolerance. The series also offers a TTL/
CMOS compatible on/off enable function. The MSK 5102 series is packaged in a space efficient 10 pin ceramic flatpack
with a built in metal base.
EQUIVALENT SCHEMATIC
TYPICAL APPLICATIONS
PIN-OUT INFORMATION
High Efficiency, High Current Linear Regulators
Constant Voltage/Current Regulators
System Power Supplies
Switching Power Supply Post Regulators
Battery Powered Equipment
NC
Enable
Vin A
Vin B
NC
Vout A
Vout B
Vout C
NC
NC
1
2
3
4
5
6
7
8
9
10
BASE
The base of the package is electrically
connected to ground.
Rev. B 2/06
1


Similar Part No. - MSK5102-3.3B

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5102-3.3H ANAREN-MSK5102-3.3H Datasheet
375Kb / 6P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - MSK5102-3.3B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
   LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL750M05 TI-TL750M05_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_08 Datasheet
858Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7133Q TI-TPS7133Q Datasheet
690Kb / 31P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com