Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSK5046-1.9HRH Datasheet(PDF) 9 Page - M.S. Kennedy Corporation

Part # MSK5046-1.9HRH
Description  RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5046-1.9HRH Datasheet(HTML) 9 Page - M.S. Kennedy Corporation

  MSK5046-1.9HRH Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5046-1.9HRH Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5046-1.9HRH Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5046-1.9HRH Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5046-1.9HRH Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5046-1.9HRH Datasheet HTML 6Page - M.S. Kennedy Corporation MSK5046-1.9HRH Datasheet HTML 7Page - M.S. Kennedy Corporation MSK5046-1.9HRH Datasheet HTML 8Page - M.S. Kennedy Corporation MSK5046-1.9HRH Datasheet HTML 9Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
The information contained herein is believed to be accurate at the time of printing. MSK reserves the right to make
changes to its products or specifications without notice, however, and assumes no liability for the use of its products.
Please visit our website for the most recent revision of this datasheet.
Contact MSK for MIL-PRF-38534 Qualification and Appendix G (radiation) status.
MECHANICAL SPECIFICATIONS CONTINUED
M.S. Kennedy Corp.
4707 Dey Road, Liverpool, New York 13088
Phone (315) 701-6751
FAX (315) 701-6752
www.mskennedy.com
PRELIMINARY Rev. G 2/06
The above example is a +3.3V, Class H screened regulator.
ESD Triangle indicates Pin 1.
NOTE: ALL DIMENSIONS ARE ±0.010 INCHES UNLESS OTHERWISE LABELED.
ORDERING INFORMATION
9
MSK5046-3.3 H RH
LEAD FORM OPTIONS
BLANK=STRAIGHT; G=GULL WING
RADIATION HARDENED
SCREENING
BLANK= INDUSTRIAL; E=EXTENDED RELIABILITY
H=MIL-PRF-38534 CLASS H; K= MIL-PRF-38534 CLASS K
OUTPUT VOLTAGE
1.5=+1.5V; 1.7=+1.7V; 1.8=+1.8V; 1.9=+1.9V; 2.0=+2.0V;
2.5=+2.5V; 3.0=+3.0V; 3.3=+3.3V; 3.4=+3.4V; 5.0=+5.0V
GENERAL PART NUMBER
WEIGHT= 17 GRAMS TYPICAL


Similar Part No. - MSK5046-1.9HRH

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5046-1.9HRH MSK-MSK5046-1.9HRH Datasheet
757Kb / 10P
   RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS
MSK5046-1.9HRHG MSK-MSK5046-1.9HRHG Datasheet
757Kb / 10P
   RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS
More results

Similar Description - MSK5046-1.9HRH

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
5046RH MSK-5046RH Datasheet
757Kb / 10P
   RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS
MSK106RH MSK-MSK106RH Datasheet
449Kb / 9P
   RADIATION HARDENED HIGH POWER OP-AMP
logo
Anaren Microwave
MSK106RH ANAREN-MSK106RH Datasheet
474Kb / 8P
   RADIATION HARDENED HIGH POWER OP-AMP
logo
National Semiconductor ...
LH1605C NSC-LH1605C Datasheet
120Kb / 4P
   5 Amp, High Efficiency Switching Regulator
logo
M.S. Kennedy Corporatio...
MSK5030-3.3B MSK-MSK5030-3.3B Datasheet
245Kb / 6P
   HIGH EFFICIENCY, 4 AMP STEP-DOWN SWITCHING REGULATORS
logo
Anaren Microwave
MSK5030 ANAREN-MSK5030 Datasheet
791Kb / 7P
   HIGH EFFICIENCY, 4 AMP STEP-DOWN SWITCHING REGULATORS
logo
International Rectifier
GH2803R3SCKX IRF-GH2803R3SCKX Datasheet
197Kb / 9P
   HIGH RELIABILITY, HIGH EFFICIENCY RADIATION HARDENED DC-DC CONVERTER
GH2801S IRF-GH2801S Datasheet
397Kb / 10P
   HIGH RELIABILITY, HIGH EFFICIENCY RADIATION HARDENED DC-DC CONVERTER
logo
Anaren Microwave
MSK5045 ANAREN-MSK5045 Datasheet
449Kb / 11P
   HIGH EFFICIENCY, HIGH VOLTAGE 4 AMP SURFACE MOUNT SWITCHING REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5045-3.3H MSK-MSK5045-3.3H Datasheet
801Kb / 9P
   HIGH EFFICIENCY, HIGH VOLTAGE 4 AMP SURFACE MOUNT SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com