Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A94 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # A94
Description  TRANSISTOR竊?PNP
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

A94 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  A94 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd A94 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd A94 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO.,LTD
TO-92 Plastic-Encapsulate Transistors
A94
TRANSISTOR( PNP )
FEATURES
Power dissipation
PCM: 0.625 W
(Tamb=25℃)
Collector current
ICM:
-0.2 A
Collector-base voltage
V(BR)CBO :
-400 V
Operating and storage junction temperature range
TJ,Tstg: -55℃ to +150℃
ELECTRICAL
CHARACTERISTICS ( Tamb=25 ℃
unless
otherwise
specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V (BR) CBO
Ic= -100μA, IE=0
-400
V
Collector-emitter breakdown voltage
V (BR) CEO
IC= -1 mA,IB=0
-400
V
Emitter-base breakdown voltage
V (BR) EBO
IE=-100μA,IC=0
-5
  V
Collector cut-off current
ICBO
VCB=-400 V, IE=0
-0.1
 μA
Collector cut-off current
ICEO
VCE=-400 V, IB=0
-5
 μA
Emitter cut-off current
IEBO
VEB= -4 V, IC=0
-0.1
 μA
hFE1
VCE=-10V, IC=-10 mA
80
300
hFE2
VCE=-10V, IC=-1m A
70
DC current gain
hFE3
VCE=-10V, IC=-100 mA
60
VCE (sat)
IC=-10 mA,IB=-1m A
-0.2
V
Collector-emitter saturation voltage
VCE (sat)
IC=-50 mA,IB=-5m A
-0.3
V
Base-emitter saturation voltage
VBE (sat)
IC=-10 mA,IB= -1 mA
-0.75
V
Transition frequency
fT
VCE=-20V, IC=-10mA
f =30MHz
50
MHz
1 2 3
TO—92
1.EMITTER
2.BASE
3. COLLECTOR


Similar Part No. - A94

ManufacturerPart #DatasheetDescription
logo
Daya Electric Group Co....
A94 DAYA-A94 Datasheet
207Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
logo
Shenzhen Jin Yu Semicon...
A94 HTSEMI-A94 Datasheet
430Kb / 2P
   TRANSISTOR (PNP)
logo
SeCoS Halbleitertechnol...
A94 SECOS-A94 Datasheet
72Kb / 1P
   PNP Plastic Encapsulated Transistor
logo
GUANGDONG HOTTECH INDUS...
A94 HOTTECH-A94 Datasheet
263Kb / 2P
   Plastic-Encapsulate Transistors
logo
Galaxy Semi-Conductor H...
A94 BILIN-A94 Datasheet
133Kb / 3P
   High Voltage Transistor
More results

Similar Description - A94

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
A733LT1 JIANGSU-A733LT1 Datasheet
131Kb / 2P
   TRANSISTOR竊?PNP 竊
A1015LT1 JIANGSU-A1015LT1 Datasheet
131Kb / 2P
   TRANSISTOR竊?PNP 竊
S9015LT1 JIANGSU-S9015LT1 Datasheet
131Kb / 2P
   TRANSISTOR竊?PNP 竊
KSA928A-TO-92L JIANGSU-KSA928A-TO-92L Datasheet
233Kb / 2P
   TRANSISTOR竊?PNP 竊
M8550 JIANGSU-M8550 Datasheet
34Kb / 1P
   TRANSISTOR 竊?PNP 竊
8550S JIANGSU-8550S Datasheet
353Kb / 3P
   TRANSISTOR竊?PNP 竊
A92 JIANGSU-A92 Datasheet
276Kb / 3P
   TRANSISTOR竊?PNP 竊
SS8550LT1 JIANGSU-SS8550LT1 Datasheet
131Kb / 2P
   TRANSISTOR竊?PNP 竊
S9011 JIANGSU-S9011 Datasheet
125Kb / 2P
   TRANSISTOR竊?NPN 竊
S9011LT1 JIANGSU-S9011LT1 Datasheet
131Kb / 2P
   TRANSISTOR竊?NPN 竊
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com