Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSK5041-1.9 Datasheet(PDF) 7 Page - M.S. Kennedy Corporation

Part # MSK5041-1.9
Description  HIGH EFFICIENCY, 8 AMP 1% ACCURATE SURFACE MOUNT SWITCHING REGULATORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5041-1.9 Datasheet(HTML) 7 Page - M.S. Kennedy Corporation

  MSK5041-1.9 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5041-1.9 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5041-1.9 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5041-1.9 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5041-1.9 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5041-1.9 Datasheet HTML 6Page - M.S. Kennedy Corporation MSK5041-1.9 Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
The information contained herein is believed to be accurate at the time of printing. MSK reserves the right to make
changes to its products or specifications without notice, however, and assumes no liability for the use of its products.
Please visit our website for the latest revision of this datasheet.
Contact MSK for MIL-PRF-38534 qualification status.
MECHANICAL SPECIFICATIONS CONTINUED
M.S. Kennedy Corp.
4707 Dey Road, Liverpool, New York 13088
Phone (315) 701-6751
FAX (315) 701-6752
www.mskennedy.com
LEAD FORM OPTIONS
BLANK=STRAIGHT; G=GULL WING
SCREENING
BLANK=INDUSTRIAL; H=MIL-PRF-38534
E=EXTENDED RELIABILITY
OUTPUT VOLTAGE
1.9V=+1.9V; 2.5=+2.5V; 3.3=+3.3V; 5.0=+5.0V
GENERAL PART NUMBER
The above example is a +3.3V, MIL-PRF-38534 Class H regulator.
WEIGHT=16 GRAMS TYPICAL
ESD Triangle indicates Pin 1
NOTE: ALL DIMENSIONS ARE ±0.010 INCHES UNLESS OTHERWISE LABELED.
MSK5041-3.3 H
ORDERING INFORMATION
7
Rev. B 2/06


Similar Part No. - MSK5041-1.9

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5040-1.9 MSK-MSK5040-1.9 Datasheet
327Kb / 7P
   HIGH EFFICIENCY, 4 AMP 1% ACCURATE SURFACE MOUNT SWITCHING REGULATORS
MSK5040-1.9E MSK-MSK5040-1.9E Datasheet
327Kb / 7P
   HIGH EFFICIENCY, 4 AMP 1% ACCURATE SURFACE MOUNT SWITCHING REGULATORS
MSK5040-1.9EG MSK-MSK5040-1.9EG Datasheet
327Kb / 7P
   HIGH EFFICIENCY, 4 AMP 1% ACCURATE SURFACE MOUNT SWITCHING REGULATORS
MSK5040-1.9G MSK-MSK5040-1.9G Datasheet
327Kb / 7P
   HIGH EFFICIENCY, 4 AMP 1% ACCURATE SURFACE MOUNT SWITCHING REGULATORS
MSK5040-1.9H MSK-MSK5040-1.9H Datasheet
327Kb / 7P
   HIGH EFFICIENCY, 4 AMP 1% ACCURATE SURFACE MOUNT SWITCHING REGULATORS
More results

Similar Description - MSK5041-1.9

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5040-3.3H MSK-MSK5040-3.3H Datasheet
327Kb / 7P
   HIGH EFFICIENCY, 4 AMP 1% ACCURATE SURFACE MOUNT SWITCHING REGULATORS
logo
Anaren Microwave
MSK5045 ANAREN-MSK5045 Datasheet
449Kb / 11P
   HIGH EFFICIENCY, HIGH VOLTAGE 4 AMP SURFACE MOUNT SWITCHING REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5045-3.3H MSK-MSK5045-3.3H Datasheet
801Kb / 9P
   HIGH EFFICIENCY, HIGH VOLTAGE 4 AMP SURFACE MOUNT SWITCHING REGULATORS
logo
Anaren Microwave
MSK5043 ANAREN-MSK5043 Datasheet
192Kb / 8P
   HIGH EFFICIENCY, 8 AMP ADJUSTABLE SURFACE MOUNT SWITCHING REGULATOR
logo
M.S. Kennedy Corporatio...
MSK5043H MSK-MSK5043H Datasheet
353Kb / 7P
   HIGH EFFICIENCY, 8 AMP ADJUSTABLE SURFACE MOUNT SWITCHING REGULATOR
logo
List of Unclassifed Man...
LAS6380 ETC1-LAS6380 Datasheet
266Kb / 5P
   8 AMP SWITCHING REGULATORS
LAS6580 ETC1-LAS6580 Datasheet
398Kb / 8P
   8 AMP SWITCHING REGULATORS
LAS-6380 ETC1-LAS-6380 Datasheet
305Kb / 5P
   8 AMP SWITCHING REGULATORS
logo
M.S. Kennedy Corporatio...
5046RH MSK-5046RH Datasheet
757Kb / 10P
   RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS
MSK5030-3.3B MSK-MSK5030-3.3B Datasheet
245Kb / 6P
   HIGH EFFICIENCY, 4 AMP STEP-DOWN SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com