Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS-EVAL4 Datasheet(PDF) 4 Page - C&D Technologies

Part # ADS-EVAL4
Description  14-Bit, 1MHz Sampling A/D Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

ADS-EVAL4 Datasheet(HTML) 4 Page - C&D Technologies

  ADS-EVAL4 Datasheet HTML 1Page - C&D Technologies ADS-EVAL4 Datasheet HTML 2Page - C&D Technologies ADS-EVAL4 Datasheet HTML 3Page - C&D Technologies ADS-EVAL4 Datasheet HTML 4Page - C&D Technologies ADS-EVAL4 Datasheet HTML 5Page - C&D Technologies ADS-EVAL4 Datasheet HTML 6Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
®
®
ADS-941
4
Figure 3. ADS-941 Connection Diagram
Figure 2. ADS-941 Timing Diagram
Removing System Errors
Use external potentiometers to remove system errors or to
reduce the small initial errors to zero. Use a 100
Ω trimpot in
series with the analog input for gain adjustment. Use a fixed
50
Ω resistor instead of the trimpot for operation without
adjustment. Use a 20k
Ω trimpot with the wiper tied to OFFSET
ADJUST (pin 5) for zero/offset adjustment. Connect pin 5 to
ANALOG GROUND (pin 6) for operation without zero/offset
adjustment.
ADS-941
20k
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
7
16
BIT 1 (MSB)
BIT 1 (MSB)
BIT2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
BIT 8
BIT 9
BIT 10
BIT 11
BIT 12
BIT 13
BIT 14 (LSB)
OVERFLOW
EOC
ANALOG
GROUND
DIGITAL
GROUND
0.1µF
4.7µF
0.1µF
ENABLE
4.7µF
+10V
REF. OUT
CODING SELECT
10
11
9
1
8
+5V
–5V
+5V
OFFSET
ADJUST
5
3
0.1µF
4.7µF
6, 14, 15
13
0.1µF
4.7µF
12
–15V
+15V
32
START CONVERT
ANALOG INPUT
100
2
BIPOLAR
4 SIGNAL GROUND
ZERO/OFFSET
ADJUST
0 to +10V
GAIN ADJUST
Scale is approximately 50ns per division.
START
CONVERT
INTERNAL S/H
N
N+1
35ns max.
EOC
10ns typ.
Conversion Time
600ns typ.
OUTPUT
DATA
DATA N VALID
Hold
DATA N-1 VALID
30ns max.
50ns min., 100ns max
350ns max.
Aquisition Time
INVALID DATA
600ns min.
400ns max.


Similar Part No. - ADS-EVAL4

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ADS-EVAL4 MURATA-PS-ADS-EVAL4 Datasheet
156Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
More results

Similar Description - ADS-EVAL4

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ADS-941 MURATA-PS-ADS-941 Datasheet
77Kb / 6P
   14-Bit, 1MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-927 ETC-ADS-927 Datasheet
150Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-917 MURATA-PS-ADS-917 Datasheet
191Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
ADS-927 MURATA-PS-ADS-927 Datasheet
152Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
ADS-931 MURATA-PS-ADS-931 Datasheet
170Kb / 10P
   16-Bit, 1MHz Sampling A/D Converters
ADS-937 MURATA-PS-ADS-937 Datasheet
740Kb / 8P
   16-Bit, 1MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-951 ETC2-ADS-951 Datasheet
87Kb / 6P
   18-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-944 MURATA-PS-ADS-944 Datasheet
174Kb / 8P
   14-Bit, 5MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS944 ETC-ADS944 Datasheet
172Kb / 8P
   14-Bit, 5MHz Sampling A/D Converters
ADS-947 ETC-ADS-947 Datasheet
169Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com