Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSK4462U Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK4462U
Description  30 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4462U Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK4462U Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4462U Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4462U Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4462U Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4462U Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4462U Datasheet HTML 6Page - M.S. Kennedy Corporation MSK4462U Datasheet HTML 7Page - M.S. Kennedy Corporation MSK4462U Datasheet HTML 8Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
75 Volt Motor Supply Voltage
30 Amp Output Switch Capability
100% Duty Cycle High Side Conduction Capable
Shoot-Through/Cross Conduction Protection
Hall Sensing and Commutation Circuitry on Board
"Real" Four Quadrant Torque Control Capability
Good Accuracy Around the Null Torque Point
Isolated Package Design for High Voltage Isolation Plus Good Thermal Transfer
60°/ 120º Phasing Selectable
Plus and Minus 15 Volt Regulated Voltage Outputs are available for Powering Other Circuitry.
4707 Dey Road Liverpool, N.Y. 13088
(315) 701-6751
M.S.KENNEDY CORP.
4462
30 AMP, 75V, 3 PHASE
MOSFET BRUSHLESS
MOTOR CONTROLLER
BLOCK DIAGRAM
DESCRIPTION:
The MSK 4462 is a complete 3 Phase MOSFET Bridge Brushless Motor Control System in a low cost convenient
isolated non-hermetic package. The hybrid is capable of 30 amps of output current and 75 volts of DC bus voltage. It has
the normal features for protecting the bridge. Included is all the bridge drive circuitry, hall sensing circuitry, commutation
circuitry and all the current sensing and analog circuitry necessary for closed loop current mode (torque) control.
When PWM'ing, the transistors are modulated in locked anti-phase (complementary) mode for the tightest control and
the most bandwidth. Provisions for applying different compensation schemes are included. The MSK 4462 has good
thermal conductivity of the MOSFET's due to isolated package design that allows direct heat sinking of the hybrid
without insulators.
FEATURES:
Rev. F 5/05
TYPICAL APPLICATIONS
3 Phase Brushless DC Motor Control
Servo Control
Fin Actuator Control
Gimbal Control
AZ-EL Control
PIN-OUT INFORMATION
MIL-PRF-38534 CERTIFIED
ISO 9001 CERTIFIED BY DSCC
1
2
3
4
5
6
7
8
9
10
11
12
N/C
REFOUT
HALL A
HALL B
HALL C
60/120
BRAKE
CLOCK SYNC
DIS
GND
N/C
N/C
13
14
15
16
17
18
19
20
21
22
23
24
E/A OUT
E/A-
GND
+Current Command
-Current Command
+15 VIN
Current Monitor Out
-15 VIN
-REG IN
L1
-15 VOUT
GND
25
26
27
28
29
30
31
32
33
34
35
36
+15 VOUT
+REG IN
LGND
N/C
N/C
RTN
RTN
N/C
CVS
CVS
N/C
CO
37
38
39
40
41
42
43
44
45
46
47
48
CO
N/C
CV+
CV+
N/C
BVS
BVS
N/C
BO
BO
N/C
BV+
49
50
51
52
53
54
55
56
57
58
BV+
N/C
AVS
AVS
N/C
AO
AO
N/C
AV+
AV+


Similar Part No. - MSK4462U

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4462 MSK-MSK4462_15 Datasheet
244Kb / 8P
   75V Absolute Max, 52V Maximum Motor Voltage
More results

Similar Description - MSK4462U

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4362HU MSK-MSK4362HU Datasheet
409Kb / 8P
   30 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
logo
Anaren Microwave
MSK4362 ANAREN-MSK4362 Datasheet
948Kb / 9P
   30 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
logo
List of Unclassifed Man...
MSK4362 ETC-MSK4362 Datasheet
512Kb / 8P
   30 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
logo
M.S. Kennedy Corporatio...
MSK4361HU MSK-MSK4361HU Datasheet
297Kb / 7P
   30 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4363 MSK-MSK4363 Datasheet
253Kb / 7P
   10 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
logo
Anaren Microwave
MSK4363 ANAREN-MSK4363 Datasheet
196Kb / 7P
   10 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
logo
M.S. Kennedy Corporatio...
MSK4360 MSK-MSK4360 Datasheet
294Kb / 7P
   10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
logo
Anaren Microwave
MSK4364 ANAREN-MSK4364 Datasheet
193Kb / 7P
   5 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4460 ANAREN-MSK4460 Datasheet
138Kb / 7P
   10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4324 ANAREN-MSK4324 Datasheet
936Kb / 8P
   10 AMP, 200V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com