Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33998D Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MC33998D
Description  Switching Power Supply with Linear Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33998D Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MC33998D Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33998D Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33998D Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33998D Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33998D Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33998D Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33998D Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33998D Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33998D Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33998
7
STATIC ELECTRICAL CHARACTERISTICS (continued)
Characteristics noted under conditions 9.0 V VPWR 16 V, -40°C TJ = TA 125°C, using the typical application circuit (see
Figure 8) unless otherwise noted. Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal
conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
LINEAR REGULATOR VDDL
VDDL Output Voltage
VPWR = KA_VPWR = 14 V, IVDDL = 200 mA
VDDL
2.5
2.6
2.7
V
VDDL Line Regulation
VDDH = 4.8 V to 5.2 V, IVDDL = 400 mA
RegLnVDDL
-30
30
mV
VDDL Load Regulation
VPWR = KA_VPWR = 14 V, IVDDL = 10 mA to 400 mA
RegLdVDDL
-70
70
mV
DRVL Output Current
VPWR = KA_VPWR = 14 V, VDRVL = 1.0 V
IDRVL
5.0
11
25
mA
VDDL Active Discharge Resistance
VPWR = KA_VPWR = 14 V, EN = 0 V, IFBL = 10 mA
RLDisch
1.0
10
VDDH to VDDL Active Clamp Resistance
VPWR = KA_VPWR = 14 V, EN = 0 V, IVDDH = 50 mA, VFBKB = 0 V
RCLAMP
0.6
10
VDDL Output Capacitor Capacitance (Note 12)
CVDDL
68
µF
VDDL Output Capacitor ESR (Note 12)
ESRVDDL
0.125
KEEP-ALIVE (STANDBY) REGULATOR VKAM
VKAM Output Voltage
IVKAM = 5.0 mA, VPWR = KA_VPWR = 18 V, EN = 5.0 V
VKAM
2.5
2.7
V
VKAM Output Voltage, EN = 0 V (Standby Mode)
VPWR = KA_VPWR = 26 V, IVKAM = 0.5 mA
VPWR = KA_VPWR = 18 V, IVKAM = 5.0 mA
VPWR = KA_VPWR = 5.0 V, IVKAM = 10.0 mA
VPWR = 0 V, KA_VPWR = 3.5 V, IVKAM = 5.0 mA
VKAM
2.5
2.5
2.5
2.0
2.7
2.7
2.7
2.7
V
VKAM Line Regulation, EN = 0 V (Standby Mode)
VPWR = KA_VPWR = 5.0 V to 18 V, IVKAM = 2.0 mA
RegLnVKAM
-20
20
mV
VKAM Load Regulation, EN = 0 V (Standby Mode)
VPWR = KA_VPWR = 14 V, IVKAM = 1.0 mA to 10 mA
RegLdVKAM
0
100
mV
Differential Voltage VKAM - VDDL
EN = 5.0 V, IVKAM = 5.0 mA, VPWR = KA_VPWR = 14 V, IVDDL = 200 mA
RegVKAM
-20
60
mV
VKAM Output Capacitor Capacitance (Note 12)
CVKAM
4.7
µF
VKAM Output Capacitor ESR (Note 12)
ESRVKAM
1.4
Notes
12.
Recommended value.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33998D

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33998DW/R2 FREESCALE-MC33998DW/R2 Datasheet
623Kb / 20P
   Switching Power Supply with Linear Regulators
More results

Similar Description - MC33998D

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33997 FREESCALE-33997 Datasheet
455Kb / 20P
   Switching Power Supply with Linear Regulators
logo
Motorola, Inc
MC33997 MOTOROLA-MC33997 Datasheet
454Kb / 20P
   Switching Power Supply with Linear Regulators
logo
Freescale Semiconductor...
MC33998 FREESCALE-MC33998_06 Datasheet
623Kb / 20P
   Switching Power Supply with Linear Regulators
33730 FREESCALE-33730_12 Datasheet
687Kb / 28P
   Switch Mode Power Supply with Multiple Linear Regulators
33730 FREESCALE-33730_10 Datasheet
854Kb / 26P
   Switch Mode Power Supply with Multiple Linear Regulators
MCZ33730EK FREESCALE-MCZ33730EK Datasheet
687Kb / 28P
   Switch Mode Power Supply with Multiple Linear Regulators
logo
Texas Instruments
TPS71501-Q1 TI1-TPS71501-Q1 Datasheet
1Mb / 20P
[Old version datasheet]   Supply Current Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX1982 MAXIM-MAX1982_08 Datasheet
236Kb / 13P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Rev 1; 10/08
MAX1982 MAXIM-MAX1982 Datasheet
383Kb / 12P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
19-2560; Rev 0; 7/02
MAX1983EUT MAXIM-MAX1983EUT Datasheet
236Kb / 13P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Rev 1; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com