Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSK4362HU Datasheet(PDF) 4 Page - M.S. Kennedy Corporation

Part # MSK4362HU
Description  30 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4362HU Datasheet(HTML) 4 Page - M.S. Kennedy Corporation

  MSK4362HU Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4362HU Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4362HU Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4362HU Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4362HU Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4362HU Datasheet HTML 6Page - M.S. Kennedy Corporation MSK4362HU Datasheet HTML 7Page - M.S. Kennedy Corporation MSK4362HU Datasheet HTML 8Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BRAKE - is a pin for commanding the output bridge
into a motor BRAKE mode. When pulled low, nor-
mal operation commences. When pulled high, the
3 high side bridge switches turn off and the 3 low
side bridge switches turn on, causing rapid decel-
eration of the motor and will cease motor operation
until pulled high again. Logic levels for this input
are TTL compatible. It is internally pulled high.
DIS - is a pin for externally disabling the output
bridge. A TTL logic low will enable the bridge and a
TTL logic high will disable it. It is internally pulled
up by a 100 µAmp pullup.
60/120- is a pin for selecting the orientation of the
commutation scheme of the motor. A high state
will produce 60/300 degree commutation, whereas
a low state will produce 120/240 degree commuta-
tion. Logic levels for this input are TTL compatible.
It is internally pulled high.
APPLICATION NOTES CONTINUED
4
VOLTAGE REGULATOR POWER DISSIPATION - To figure volt-
age regulator power dissipation and junction temperature, use
the following as an example:
Given:
V+ = 28V, MSK 4362 +15V IQ = 85mA, -15V IQ = 40mA.
External Loads: +15V = 25 mA, -15V = 25 mA
-15V Converter Efficiency = 50%
PDISS due to +15V IQ, 85 mA x 13V = 1.11 W
PDISS due to -15V IQ, (40 mA / 0.5) x 13V = 1.04 W
PDISS due to +15V Ext load, 25 mA x 13V = 325 mW
PDISS due to -15V Ext load, (25 mA / 0.5) x 13V = 650 mW
PDISS Total = 1.11 W + 1.04 W + 325 mW+650 mW=3.13W
3.13 W x 9°C/W = 28.1°C RISE above case temperature
Maximum Case Temperature = 150°C - 28.1°C = 121.9°C
To lower power dissipation in the regulator, a dropping resistor
can be added in series from V+ to the +REG IN pin. Using the
above example, if V+ = 39V and there is no dropping resistor,
total power dissipation rises to about 5.76 watts. Temperature
rise is now 51.8°C above case temperature, limiting maximum
case temperature to 98.2°C. By adding a dropping resistor to
lower the +REG IN pin voltage to 24.1V, the regulator power
dissipation is lowered to 2.19 watts. Temperature rise is now
19.7°C above case temperature, allowing a maximum case tem-
perature all the way to +125°C.
Rev. G 2/05
ALTERNATE REGULATOR CONNECTION OPTIONS
By connecting the regulators in different ways, various capabilities can be obtained.
1.
Higher than 55 volt operation -
For operation at higher than 55 volt motor bus voltages, there are three options available:


Similar Part No. - MSK4362HU

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK4362HU ANAREN-MSK4362HU Datasheet
948Kb / 9P
   30 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
More results

Similar Description - MSK4362HU

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4462U MSK-MSK4462U Datasheet
400Kb / 8P
   30 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
logo
Anaren Microwave
MSK4362 ANAREN-MSK4362 Datasheet
948Kb / 9P
   30 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
logo
List of Unclassifed Man...
MSK4362 ETC-MSK4362 Datasheet
512Kb / 8P
   30 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
logo
M.S. Kennedy Corporatio...
MSK4361HU MSK-MSK4361HU Datasheet
297Kb / 7P
   30 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4363 MSK-MSK4363 Datasheet
253Kb / 7P
   10 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
logo
Anaren Microwave
MSK4363 ANAREN-MSK4363 Datasheet
196Kb / 7P
   10 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
logo
M.S. Kennedy Corporatio...
MSK4360 MSK-MSK4360 Datasheet
294Kb / 7P
   10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
logo
Anaren Microwave
MSK4364 ANAREN-MSK4364 Datasheet
193Kb / 7P
   5 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4460 ANAREN-MSK4460 Datasheet
138Kb / 7P
   10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4324 ANAREN-MSK4324 Datasheet
936Kb / 8P
   10 AMP, 200V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com