Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBI5029CN Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MBI5029CN
Description  16-Bit Constant Current LED Sink Driver with Error Detection and Current Adjust
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MBI5029CN Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MBI5029CN Datasheet HTML 1Page - List of Unclassifed Manufacturers MBI5029CN Datasheet HTML 2Page - List of Unclassifed Manufacturers MBI5029CN Datasheet HTML 3Page - List of Unclassifed Manufacturers MBI5029CN Datasheet HTML 4Page - List of Unclassifed Manufacturers MBI5029CN Datasheet HTML 5Page - List of Unclassifed Manufacturers MBI5029CN Datasheet HTML 6Page - List of Unclassifed Manufacturers MBI5029CN Datasheet HTML 7Page - List of Unclassifed Manufacturers MBI5029CN Datasheet HTML 8Page - List of Unclassifed Manufacturers MBI5029CN Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Macroblock, Inc. 2005
Floor 6-4, No. 18, Pu-Ting Rd., Hsinchu, Taiwan 30077, ROC.
TEL: +886-3-579-0068, FAX: +886-3-579-7534, E-mail: info@mblock.com.tw
- 1 -
Macroblock
Datasheet
MBI5029
16-Bit Constant Current LED Sink Driver
with Error Detection and Current Adjust
April 2005, VA.02
Features
Compatible with MBI5026 in electrical characteristics and package
Exploiting Share-I-O™ technique to provide two operation modes:
- Normal Mode with the same functionality as MBI5026
- Special Mode to detect individual LED errors, like MBI5027
and program output current gain, like MBI5028
16 constant-current output channels
Constant output current invariant to load voltage change
Constant output current range: 5 -90 mA
Excellent output current accuracy,
between channels: < ±3% (max.), and
between ICs: < ±6% (max.)
Output current adjusted through an external resistor
128-step programmable output current gain for White Balance,
low current band: gain = 1/9 ~ 95/288, linearly divided into 64 steps
high current band: gain = 1/3 ~ 95/96, linearly divided into 64 steps
Fast response of output current,
OE
(min.): 200 ns
25MHz clock frequency
Schmitt trigger input
5V supply voltage
Optional for “Pb-free & Green” Package
Current Accuracy
Between Channels
Between ICs
Conditions
< ±3%
< ±6%
IOUT = 10 ~ 60 mA
MBI5016CNS
I5016CNS
Dual In-Line Package
CN: P-DIP24-300-2.54
GN: P-DIP24-300-2.54
CNS: SP-DIP24-300-1.78
GNS: SP-DIP24-300-1.78
I5016CF
Small Outline Package
CD: SOP24-300-1.27
GD: SOP24-300-1.27
CF: SOP24-300-1.00
GF: SOP24-300-1.00
BI5016CP
CP\CPA: SSOP24-150-0.64
GP\GPA: SSOP24-150-0.64
Shrink SOP


Similar Part No. - MBI5029CN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5024 ETC1-MBI5024 Datasheet
263Kb / 18P
   16 constant-current output channels Staggered delay of output
MBI5024GF ETC1-MBI5024GF Datasheet
263Kb / 18P
   16 constant-current output channels Staggered delay of output
MBI5024GP ETC1-MBI5024GP Datasheet
263Kb / 18P
   16 constant-current output channels Staggered delay of output
MBI5024GPA ETC1-MBI5024GPA Datasheet
263Kb / 18P
   16 constant-current output channels Staggered delay of output
MBI5025 ETC2-MBI5025 Datasheet
277Kb / 13P
   16-bit Constant Current LED Sink Driver
More results

Similar Description - MBI5029CN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5027 ETC-MBI5027 Datasheet
450Kb / 24P
   16 BIT CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION
MBI5169 ETC-MBI5169 Datasheet
1Mb / 19P
   8 bit CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION
logo
STMicroelectronics
STP16DP05 STMICROELECTRONICS-STP16DP05 Datasheet
598Kb / 28P
   Low voltage 16-bit constant current LED sink driver with outputs error detection
STP16DP05 STMICROELECTRONICS-STP16DP05_08 Datasheet
671Kb / 29P
   Low voltage 16-bit constant current LED sink driver with outputs error detection
STP16DPS05 STMICROELECTRONICS-STP16DPS05 Datasheet
1Mb / 34P
   Low voltage 16-bit constant current LED Sink driver with outputs error detection
STP16DPP05 STMICROELECTRONICS-STP16DPP05 Datasheet
1Mb / 34P
   Low voltage 16-bit constant current LED sink driver with output error detection
April 2017 Rev 4
STP24DP05 STMICROELECTRONICS-STP24DP05 Datasheet
470Kb / 26P
   24-bit constant current LED sink driver with output error detection
logo
Silicon Touch Technolog...
DM11C SITI-DM11C Datasheet
668Kb / 34P
   8-bit Constant Current LED Driver with Error Detection
DD312 SITI-DD312 Datasheet
543Kb / 20P
   HIGH CONSTANT CURRENT LED DRIVER with ERROR DETECTION
logo
List of Unclassifed Man...
MBI5171 ETC1-MBI5171 Datasheet
513Kb / 31P
   8-Bit Constant Current LED Driver with LED Error Detection and Run-Time Current Adjustment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com