Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNK563GN-TL Datasheet(PDF) 3 Page - Power Integrations, Inc.

Part # LNK563GN-TL
Description  Energy Effi cient Off-Line Switcher IC for Linear Transformer Replacement
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK563GN-TL Datasheet(HTML) 3 Page - Power Integrations, Inc.

  LNK563GN-TL Datasheet HTML 1Page - Power Integrations, Inc. LNK563GN-TL Datasheet HTML 2Page - Power Integrations, Inc. LNK563GN-TL Datasheet HTML 3Page - Power Integrations, Inc. LNK563GN-TL Datasheet HTML 4Page - Power Integrations, Inc. LNK563GN-TL Datasheet HTML 5Page - Power Integrations, Inc. LNK563GN-TL Datasheet HTML 6Page - Power Integrations, Inc. LNK563GN-TL Datasheet HTML 7Page - Power Integrations, Inc. LNK563GN-TL Datasheet HTML 8Page - Power Integrations, Inc. LNK563GN-TL Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LNK562-564
F
10/05
The oscillator incorporates circuitry that introduces a small
amount of frequency jitter, typically 5% of the switching
frequency, to minimize EMI. The modulation rate of the
frequency jitter is set to 1 kHz to optimize EMI reduction
for both average and quasi-peak emissions. The frequency
jitter, which is proportional to the oscillator frequency, should
be measured with the oscilloscope triggered at the falling
edge of the DRAIN voltage waveform. The waveform in
Figure 4 illustrates the frequency jitter. The oscillator frequency
is reduced when the FB pin voltage is less than 1.69 V as
described below.
Feedback Input Circuit
The feedback input circuit at the FB pin consists of a low
impedance source follower output set at 1.69 V. When the current
delivered into this pin exceeds 70
µA, a low logic level (disable)
is generated at the output of the feedback circuit. This output
is sampled at the beginning of each cycle on the rising edge of
the clock signal. If high, the power MOSFET is turned on for
that cycle (enabled), otherwise the power MOSFET remains
off (disabled). Since the sampling is done only at the beginning
of each cycle, subsequent changes in the FB pin voltage or
current during the remainder of the cycle are ignored. When
the FB pin voltage falls below 1.69 V, the oscillator frequency
linearly reduces to typically 48% at the auto-restart threshold
voltage of 0.8 V. This function limits the power supply output
current at output voltages below the rated voltage regulation
threshold V
R (see Figure 1).
5.8 V Regulator and 6.3 V Shunt Voltage Clamp
The 5.8 V regulator charges the bypass capacitor connected to
the BYPASS pin to 5.8 V by drawing a current from the voltage
on the DRAIN, whenever the MOSFET is off. The BYPASS
pin is the internal supply voltage node. When the MOSFET
is on, the device runs off of the energy stored in the bypass
capacitor. Extremely low power consumption of the internal
circuitry allows LinkSwitch-LP to operate continuously from the
current drawn from the DRAIN pin.Abypass capacitor value of
0.1
µF is sufficient for both high frequency decoupling and
energy storage.
In addition, there is a 6.3 V shunt regulator clamping the
BYPASS pin at 6.3 V when current is provided to the BYPASS
pin externally. This facilitates powering the device externally
through a resistor from the bias winding to decrease the no-
load consumption.
BYPASS Pin Under-Voltage
The BYPASS pin under-voltage circuitry disables the power
MOSFET when the BYPASS pin voltage drops below 4.85 V.
Once the BYPASS pin voltage drops below 4.85 V, it must rise
back to 5.8 V to enable (turn-on) the power MOSFET.
Over-Temperature Protection
The thermal shutdown circuitry senses the die temperature.
The threshold is set at 142
°C typical with a 75 °C hysteresis.
When the die temperature rises above this threshold (142
°C)
the power MOSFET is disabled and remains disabled until the
die temperature falls by 75
°C, at which point the MOSFET
is re-enabled.
Current Limit
The current limit circuit senses the current in the power MOSFET.
When this current exceeds the internal threshold (I
LIMIT), the
power MOSFET is turned off for the remainder of that cycle. The
leading edge blanking circuit inhibits the current limit comparator
for a short time (t
LEB) after the power MOSFET is turned on. This
leading edge blanking time has been set so that current spikes
caused by capacitance and rectifier reverse recovery time will
not cause premature termination of the MOSFET conduction.
Auto Restart
In the event of a fault condition such as output short circuit or
an open loop condition, LinkSwitch-LP enters into auto-restart
operation.An internal counter clocked by the oscillator gets reset
every time the FB pin voltage exceeds the FEEDBACK Pin
Auto-Restart Threshold Voltage (V
FB(AR)). If the FB pin voltage
drops below V
FB(AR) for more than 100 ms, the power MOSFET
switching is disabled. The auto-restart alternately enables and
disables the switching of the power MOSFET at a duty cycle
of typically 12% until the fault condition is removed.
Figure 4. Frequency Jitter at f
OSC.
600
020
68 kHz
64 kHz
V
DRAIN
Time (
µs)
500
400
300
200
100
0


Similar Part No. - LNK563GN-TL

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK563GN-TL POWERINT-LNK563GN-TL Datasheet
1Mb / 20P
   Energy Efficient Off-Line Switcher IC for Linear Transformer Replacement
December 2021
More results

Similar Description - LNK563GN-TL

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK562 POWERINT-LNK562_08 Datasheet
1,018Kb / 16P
   Energy Effi cient Off-Line Switcher IC for Linear Transformer Replacement
LNK562DN POWERINT-LNK562DN Datasheet
1,018Kb / 16P
   LinkSwitch-LP Energy Effi cient Off-Line Switcher IC for Linear Transformer Replacement
logo
FERYSTER Inductive Comp...
LNK362-364 FERYSTER-LNK362-364 Datasheet
769Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
logo
Power Integrations, Inc...
LNK364DN POWERINT-LNK364DN Datasheet
789Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK363DN POWERINT-LNK363DN Datasheet
789Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK362PG POWERINT-LNK362PG Datasheet
793Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK362 POWERINT-LNK362 Datasheet
739Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK562 POWERINT-LNK562_V01 Datasheet
1Mb / 20P
   Energy Efficient Off-Line Switcher IC for Linear Transformer Replacement
December 2021
LNK304DN POWERINT-LNK304DN Datasheet
711Kb / 20P
   Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK305GN POWERINT-LNK305GN Datasheet
717Kb / 20P
   Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com