Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNK520 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # LNK520
Description  Energy Efficient, CV or CV/CC Switcher for Very Low Cost Adapters and Chargers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK520 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  LNK520 Datasheet HTML 1Page - Power Integrations, Inc. LNK520 Datasheet HTML 2Page - Power Integrations, Inc. LNK520 Datasheet HTML 3Page - Power Integrations, Inc. LNK520 Datasheet HTML 4Page - Power Integrations, Inc. LNK520 Datasheet HTML 5Page - Power Integrations, Inc. LNK520 Datasheet HTML 6Page - Power Integrations, Inc. LNK520 Datasheet HTML 7Page - Power Integrations, Inc. LNK520 Datasheet HTML 8Page - Power Integrations, Inc. LNK520 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LNK520
E
2/05
Pin Functional Description
DRAIN (D) Pin:
Power MOSFET drain connection. Provides internal operating
current for start-up. Internal current limit sense point for drain
current.
CONTROL (C) Pin:
Error amplifier and feedback current input pin for duty cycle
and current limit control. Internal shunt regulator connection
to provide internal bias current during normal operation. It is
also used as the connection point for the supply bypass and
auto-restart/compensation capacitor.
SOURCE (S) Pin:
Output MOSFET source connection for high voltage power
return. Primary side control circuit common and reference
point.
Figure 3. Pin Configuration.
Figure 2. Block Diagram.
PI-2777-032503
SHUTDOWN/
AUTO-RESTART
PWM
COMPARATOR
CLOCK
SAW
OSCILLATOR
INTERNAL
SUPPLY
5.6 V
4.7 V
SOURCE
S
R
Q
DMAX
-
+
CONTROL
-
+
5.6 V
IFB
Z C
VC
+
-
EDGE
0
1
HYSTERETIC
THERMAL
SHUTDOWN
LEADING
EDGE
BLANKING
CURRENT
LIMIT
ADJUST
LOW
FREQUENCY
OPERATION
SHUNT REGULATOR/
ERROR AMPLIFIER
+
-
DRAIN
IDCS
CURRENT LIMIT
COMPARATOR
RE
÷ 8
PI-3790-121503
S
D
S
S
S
C
5
7
8
S
4
2
3
1
P Package (DIP-8B)
G Package (SMD-8B)
LNK520


Similar Part No. - LNK520

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK520 POWERINT-LNK520 Datasheet
1Mb / 20P
   Energy Efficient, CV or CV/CC Switcher for Very Low Cost Chargers and Adapters
September 2016
LNK520G POWERINT-LNK520G Datasheet
1Mb / 20P
   Energy Efficient, CV or CV/CC Switcher for Very Low Cost Chargers and Adapters
September 2016
LNK520G-TL POWERINT-LNK520G-TL Datasheet
1Mb / 20P
   Energy Efficient, CV or CV/CC Switcher for Very Low Cost Chargers and Adapters
September 2016
LNK520GN-TL POWERINT-LNK520GN-TL Datasheet
1Mb / 20P
   Energy Efficient, CV or CV/CC Switcher for Very Low Cost Chargers and Adapters
September 2016
LNK520P POWERINT-LNK520P Datasheet
1Mb / 20P
   Energy Efficient, CV or CV/CC Switcher for Very Low Cost Chargers and Adapters
September 2016
More results

Similar Description - LNK520

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK520 POWERINT-LNK520_V01 Datasheet
1Mb / 20P
   Energy Efficient, CV or CV/CC Switcher for Very Low Cost Chargers and Adapters
September 2016
LNK500GN POWERINT-LNK500GN Datasheet
835Kb / 10P
   Energy Efficient, CV or CV/CC Switcher for Very Low Cost Adapters and Chargers
LNK500 POWERINT-LNK500 Datasheet
505Kb / 20P
   Energy Efficient, CV or CV/CC Switcher for Very Low Cost Adapters and Chargers
LNK501GN POWERINT-LNK501GN Datasheet
817Kb / 10P
   Energy Efficient, CV/CC Switcher for Very Low Cost Chargers and Adapters
LNK501 POWERINT-LNK501 Datasheet
155Kb / 20P
   Energy Efficient, CV/CC Switcher for Very Low Cost Chargers and Adapters
LNK501PN POWERINT-LNK501PN Datasheet
817Kb / 20P
   LinkSwitch Family Energy Efficient, CV/CC Switcher for Very Low Cost Chargers and Adapters
LNK605PG POWERINT-LNK605PG Datasheet
883Kb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
LNK603 POWERINT-LNK603_10 Datasheet
883Kb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
LNK604PG POWERINT-LNK604PG Datasheet
883Kb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
LNK603 POWERINT-LNK603_V01 Datasheet
2Mb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
October 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com