Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNK362P Datasheet(PDF) 9 Page - Power Integrations, Inc.

Part # LNK362P
Description  Energy Effi cient, Low Power Off-Line Switcher IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK362P Datasheet(HTML) 9 Page - Power Integrations, Inc.

Back Button LNK362P Datasheet HTML 5Page - Power Integrations, Inc. LNK362P Datasheet HTML 6Page - Power Integrations, Inc. LNK362P Datasheet HTML 7Page - Power Integrations, Inc. LNK362P Datasheet HTML 8Page - Power Integrations, Inc. LNK362P Datasheet HTML 9Page - Power Integrations, Inc. LNK362P Datasheet HTML 10Page - Power Integrations, Inc. LNK362P Datasheet HTML 11Page - Power Integrations, Inc. LNK362P Datasheet HTML 12Page - Power Integrations, Inc. LNK362P Datasheet HTML 13Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LNK362-364
C
12/05
9
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = -40 to 125 °C
See Figure 7
(Unless Otherwise Specified)
Min
Typ
Max
Units
CONTROL FUNCTIONS (cont)
BYPASS Pin
Supply Current
I
BPSC
See Note D
68
µA
CIRCUIT PROTECTION
Current Limit
I
LIMIT
(See
Note E)
di/dt = 30 mA/
µs
T
J = 25
°C
LNK362
130
140
150
mA
di/dt = 42 mA/
µs
T
J = 25
°C
LNK363
195
210
225
di/dt = 50 mA/
µs
T
J = 25
°C
LNK364
233
250
268
Power Coefficient
I2f
di/dt = 30 mA/
µs
T
J = 25
°C
LNK362
2199
2587
A2Hz
di/dt = 42 mA/
µs
T
J = 25
°C
LNK363
4948
5821
di/dt = 50 mA/
µs
T
J = 25
°C
LNK364
7425
8250
Leading Edge
Blanking Time
t
LEB
T
J = 25
°C
See Note F
LNK362
300
375
ns
LNK363/364
170
250
Current Limit
Delay
t
ILD
T
J = 25
°C
See Note F
125
ns
Thermal
Shutdown
Temperature
T
SD
135
142
150
°C
Thermal
Shutdown
Hysteresis
T
SHD
See Note G
75
°C
OUTPUT
ON-State
Resistance
R
DS(ON)
LNK362
I
D = 14 mA
T
J = 25
°C48
55
T
J = 100
°C76
88
LNK363
I
D = 21 mA
T
J = 25
°C29
33
T
J = 100
°C46
54
LNK364
I
D = 25 mA
T
J = 25
°C24
28
T
J = 100
°C38
45
OFF-State Drain
Leakage Current
I
DSS
V
BP = 6.2 V, VFB
2 V,
V
DS = 560 V,
T
J = 125
°C
50
µA


Similar Part No. - LNK362P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK362P POWERINT-LNK362P Datasheet
913Kb / 16P
   Energy Efficient, Low Power Off-Line Switcher IC
LNK362P POWERINT-LNK362P Datasheet
793Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK362P POWERINT-LNK362P Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-Line Switcher IC
December 2021
logo
FERYSTER Inductive Comp...
LNK362P/G/D FERYSTER-LNK362P/G/D Datasheet
769Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
logo
Power Integrations, Inc...
LNK362PG POWERINT-LNK362PG Datasheet
793Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
More results

Similar Description - LNK362P

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
LNK362-364 FERYSTER-LNK362-364 Datasheet
769Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
logo
Power Integrations, Inc...
LNK364DN POWERINT-LNK364DN Datasheet
789Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK363DN POWERINT-LNK363DN Datasheet
789Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK362PG POWERINT-LNK362PG Datasheet
793Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
TNY263PN POWERINT-TNY263PN Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
TNY266PG POWERINT-TNY266PG Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
TNY267PN POWERINT-TNY267PN Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
LNK362GN-TL POWERINT-LNK362GN-TL Datasheet
789Kb / 16P
   LinkSwitch-XT Family Energy Effi cient, Low Power Off-Line Switcher IC
LNK304DN POWERINT-LNK304DN Datasheet
711Kb / 20P
   Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK305GN POWERINT-LNK305GN Datasheet
717Kb / 20P
   Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com