Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSK4310EU Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK4310EU
Description  10 AMP, 55V, 3 PHASE BRUSHLESS MOTOR SPEED CONTROLLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4310EU Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK4310EU Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4310EU Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4310EU Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4310EU Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4310EU Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4310EU Datasheet HTML 6Page - M.S. Kennedy Corporation MSK4310EU Datasheet HTML 7Page - M.S. Kennedy Corporation MSK4310EU Datasheet HTML 8Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
+55V
±15VIN
+V REF
10A
15A
+16V
-16V
High Voltage Supply
Speed Command (+,-)
Hall A,B,C,Brake
Continuous Output Current
Peak Output Current
+15 Volt Input Voltage
-15 Volt Input Voltage
ABSOLUTE MAXIMUM RATINGS
V+
VIN
IOUT
IpK
+15VIN
-15VIN
4.8°C/W
-65°C to +150°C
+300°C
-40°C to +85°C
-55°C to +125°C
+150°C
OJC
TST
TLD
TC
TJ
Thermal Resistance (@ 125°C)
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Case Operating Temperature
MSK4310
MSK4310H/E
Junction Temperature
Rev. B
2/04
2
±15V INPUT=±15V, V+=28V, BRAKE=GND unless otherwise specified.
Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
Industrial grade and "E" suffix devices shall be tested to subgroups 1 and 4 unless otherwise specified.
Military grade devices ("H" Suffix) shall be 100% tested to Subgroups 1, 2, 3 and 4.
Subgroups 5 and 6 testing available upon request.
Subgroup 1, 4 TA
= TC = +25°C
2, 5 TA
= TC =+125°C
3, 6 TA
= TC =
-55°C
4
5,6
1
2,3
1
2,3
-
-
1
1
-
1
2,3
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
4
1,2,3
PWM
POWER SUPPLY REQUIREMENTS
HALL INPUTS
VIL
VIH
ANALOG SECTION
Speed Command Input Range
Speed Command Input Range
Speed Command Input Current
REFERENCE OUTPUT VOLTAGE
ERROR AMP
Input Offset Voltage
Input Offset Current
Input Bias Current
Input Common Mode Voltage Range
Open-Loop Voltage Gain
Input Common Mode Rejection Ratio
Power Supply Rejection Ratio
OUTPUT SECTION
Voltage Drop Across Bridge (1 Upper & 1 Lower)
Voltage Drop Across Bridge (1 Upper & 1 Lower)
Leakage Current
Diode VSD
trr
Dead Time
TACH OUT
Output Voltage High State
Output Voltage Low State
Output Pulse Width
CURRENT LIMIT
Current Limit
E/A DC Gain=1, Positive Command
E/A DC Gain=1, Negative Command
VIN=5V
VO=3V, RL=15K
10 AMPS
10 AMPS @ 150°C Junction
All switches off, V+=44V, 150°C Junction
I Source = 5mA
I Sink = 10mA
R/C=20K/0.01uF
Current Limit Adjust Pin=Open
ELECTRICAL SPECIFICATIONS
Parameter
Units
MSK 4310
Test Conditions
KHz
KHz
mA
mA
mA
mA
VOLTS
VOLTS
VOLTS
VOLTS
mA
VOLTS
VOLTS
mV
nA
nA
V
db
db
db
VOLTS
VOLTS
µA
VOLTS
nSec
µSec
V
V
µSec
Amps
Min.
Typ.
Max.
MSK 4310H/E
Min.
Typ.
Max.
Group A
Subgroup
21
20
-
-
-
-
-
3.0
1.2
-1.2
-
5.9
5.82
-
-
-
0
70
55
65
-
-
-
-
-
-
3.60
-
150
0.4
25
25
37
41
8
9
-
-
-
-
-
6.24
-
0.4
8.0
-46
-
80
86
105
0.8
1.6
-
-
86
2
3.95
0.25
200
1
29
30
50
60
15
20
0.8
-
4.5
-4.5
1.5
6.5
6.57
10
500
-1000
VREF
-
-
-
-
1.92
750
1.6
-
-
4.20
0.50
250
1.60
20
-
-
-
-
-
-
3.0
1.2
-1.2
-
5.82
-
-
-
-
0
70
55
65
-
-
-
-
-
-
3.60
-
150
0.3
25
-
37
-
8
-
-
-
-
-
-
6.24
-
0.4
8.0
-46
-
80
86
105
0.8
1.6
-
-
86
2
3.95
0.25
200
1
30
-
60
-
18
-
0.8
-
4.5
-4.5
1.5
6.57
-
10
500
-1000
VREF
-
-
-
-
1.92
750
1.6
-
-
4.20
0.50
250
1.70
3
3
Clock Frequency
NOTES:
@ 1mA
1
2
3
4
5
6
VIND
+15 Volt Input Current
-15 Volt Input Current
Reference Voltage
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
1
2


Similar Part No. - MSK4310EU

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK4310 ANAREN-MSK4310 Datasheet
164Kb / 9P
   10 AMP, 55V, 3 PHASE BRUSHLESS MOTOR SPEED CONTROLLER
MSK4310HD ANAREN-MSK4310HD Datasheet
164Kb / 9P
   10 AMP, 55V, 3 PHASE BRUSHLESS MOTOR SPEED CONTROLLER
MSK4310HS ANAREN-MSK4310HS Datasheet
164Kb / 9P
   10 AMP, 55V, 3 PHASE BRUSHLESS MOTOR SPEED CONTROLLER
MSK4310HU ANAREN-MSK4310HU Datasheet
164Kb / 9P
   10 AMP, 55V, 3 PHASE BRUSHLESS MOTOR SPEED CONTROLLER
logo
M.S. Kennedy Corporatio...
MSK4310 MSK-MSK4310_15 Datasheet
164Kb / 5P
   55 Volt Motor Supply Voltage
More results

Similar Description - MSK4310EU

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK4310 ANAREN-MSK4310 Datasheet
164Kb / 9P
   10 AMP, 55V, 3 PHASE BRUSHLESS MOTOR SPEED CONTROLLER
logo
M.S. Kennedy Corporatio...
MSK4410S MSK-MSK4410S Datasheet
273Kb / 8P
   10 AMP, 55V, 3 PHASE BRUSHLESS MOTOR SPEED CONTROLLER
MSK4360 MSK-MSK4360 Datasheet
294Kb / 7P
   10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
logo
Anaren Microwave
MSK4460 ANAREN-MSK4460 Datasheet
138Kb / 7P
   10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
logo
M.S. Kennedy Corporatio...
MSK4460S MSK-MSK4460S Datasheet
283Kb / 7P
   10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
logo
Anaren Microwave
MSK4360 ANAREN-MSK4360 Datasheet
767Kb / 8P
   10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4364 ANAREN-MSK4364 Datasheet
193Kb / 7P
   5 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
logo
M.S. Kennedy Corporatio...
MSK4364 MSK-MSK4364 Datasheet
312Kb / 7P
   5 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4411 MSK-MSK4411 Datasheet
775Kb / 8P
   40 AMP, 34V, 3 PHASE BRUSHLESS MOTOR SPEED CONTROLLER
MSK1695 MSK-MSK1695 Datasheet
335Kb / 7P
   40 AMP, 34V, 3 PHASE BRUSHLESS MOTOR SPEED CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com