Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTA4001N Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTA4001N
Description  Small Signal MOSFET 20 V, 238 mA, Single, N?묬hannel, Gate ESD Protection, SC??5
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTA4001N Datasheet(HTML) 1 Page - ON Semiconductor

  NTA4001N Datasheet HTML 1Page - ON Semiconductor NTA4001N Datasheet HTML 2Page - ON Semiconductor NTA4001N Datasheet HTML 3Page - ON Semiconductor NTA4001N Datasheet HTML 4Page - ON Semiconductor NTA4001N Datasheet HTML 5Page - ON Semiconductor NTA4001N Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2003
September, 2003 − Rev. 0
1
Publication Order Number:
NTA4001N/D
NTA4001N
Small Signal MOSFET
20 V, 238 mA, Single, N−Channel, Gate
ESD Protection, SC−75
Features
Low Gate Charge for Fast Switching
Small 1.6 X 1.6 mm Footprint
ESD Protected Gate
Pb−Free Package for “Green Manufacturing” Compliance
Applications
Power Management Load Switch
Level Shift
Portable Applications such as Cell Phones, Media Players,
Digital Cameras, PDA’s, Video Games, Hand Held Computers, etc.
Maximum Ratings (TJ = 25°C unless otherwise stated)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
20
V
Gate−to−Source Voltage
VGS
±10
V
Continuous Drain
Current (Note 1)
Steady State = 25
°C
ID
238
mA
Power Dissipation
(Note 1)
Steady State = 25
°C
PD
300
mW
Pulsed Drain Current
tP v 10 ms
IDM
714
mA
Operating Junction and Storage Temperature
TJ,
TSTG
−55 to
150
°C
Continuous Source Current (Body Diode)
ISD
238
mA
Lead Temperature for Soldering Purposes
(1/8” from case for 10 s)
TL
260
°C
Thermal Resistance Ratings
Parameter
Symbol
Max
Unit
Junction−to−Ambient – Steady State (Note 1)
RqJA
416
°C/W
1. Surface−mounted on FR4 board using 1 in sq. pad size (Cu area = 1.127 in sq.
[1 oz] including traces).
2.2
W @ 2.5 V
Top View
SC−75 / SOT−416
CASE 463
Style 5
2
1
http://onsemi.com
SC−75 (3−Leads)
Drain
Gate
3
1
2
Source
3
RDS(on)
Typ @ VGS
ID MAX
(Note 1)
V(BR)DSS
1.5
W @ 4.5 V
20 V
238 mA
1
3
2
N−Channel
MARKING DIAGRAM
TF = Specific Device Code
D
= Date Code
TF D
1
3
2
Device
Package
Shipping
ORDERING INFORMATION
NTA4001NT1
SC−75
3000 / Tape & Reel
NTA4001NT1G
SC−75
Pb−Free
3000 / Tape & Reel


Similar Part No. - NTA4001N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTA4001N ONSEMI-NTA4001N Datasheet
137Kb / 5P
   Small Signal MOSFET
October, 2011 ??Rev. 2
logo
ATMEL Corporation
NTA4001NT1G ATMEL-NTA4001NT1G Datasheet
857Kb / 38P
   AT90USB1287 (AVR) 64 QFN device (2.7V < VCC < 5.5V)
logo
ON Semiconductor
NTA4001NT1G ONSEMI-NTA4001NT1G Datasheet
137Kb / 5P
   Small Signal MOSFET
October, 2011 ??Rev. 2
NTA4001N ONSEMI-NTA4001N_11 Datasheet
137Kb / 5P
   Small Signal MOSFET
October, 2011 ??Rev. 2
More results

Similar Description - NTA4001N

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK4001E FS-FTK4001E Datasheet
320Kb / 5P
   Small Signal MOSFET 20 V, 238 mA, Single, N-Channel, Gate ESD Protection
logo
Leshan Radio Company
LNTA4001NT1G LRC-LNTA4001NT1G Datasheet
218Kb / 5P
   Small Signal MOSFET 20 V, 238 mA, Single, N-Channel, Gate ESD Protection
logo
ON Semiconductor
NTA7002N ONSEMI-NTA7002N Datasheet
56Kb / 6P
   Small Signal MOSFET 30 V, 154 mA, Single, N?묬hannel, Gate ESD Protection, SC??5
July, 2005 ??Rev. 1
NTA4153N ONSEMI-NTA4153N Datasheet
74Kb / 6P
   Small Signal MOSFET 20 V, 915 mA, Single N?묬hannel with ESD Protection, SC??5 and SC??9
March, 2007 ??Rev. 5
logo
First Silicon Co., Ltd
FTK7002EN FS-FTK7002EN Datasheet
291Kb / 5P
   Small Signal MOSFET 30 V, 154 mA, Single, N?묬hannel, Gate ESD Protection
logo
ON Semiconductor
NVJD4401NT1G ONSEMI-NVJD4401NT1G Datasheet
124Kb / 5P
   Small Signal MOSFET 20 V, Dual N?묬hannel, SC??8 ESD Protection
October, 2011 ??Rev. 6
NVTA7002NT1G ONSEMI-NVTA7002NT1G Datasheet
105Kb / 5P
   30 V, 154 mA, Single, N?묬hannel, Gate ESD Protection, SC-75
October, 2012 ??Rev. 5
NTA4151P ONSEMI-NTA4151P Datasheet
72Kb / 6P
   Small Signal MOSFET ??0 V, ??60 mA, Single P?묬hannel, Gate Zener, SC??5, SC??9
September, 2006 ??Rev. 5
2N7002W ONSEMI-2N7002W Datasheet
107Kb / 5P
   Small Signal MOSFET 60 V, 340 mA, Single, N?묬hannel, SC??0
April, 2007 ??Rev. 2
logo
Leshan Radio Company
LNTS4409NWT1G LRC-LNTS4409NWT1G Datasheet
216Kb / 5P
   Small Signal MOSFET 25 V, 0.75 A, Single, N?묬hannel, ESD Protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com