Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNP125051 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # LNP125051
Description  PANEL DISPLAY UNITS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LNP125051 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  LNP125051 Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
349
PANEL DISPLAY UNITS
Clock Frequency
Item
Symbol
Ratings
Unit
Supply Voltage for Logic
Supply Voltage for LED
Input Voltage
Operating Ambient Temperature
Storage Temperature
VCC
VLED
Vin
Topr
Tstg
− 0.3 ∼ + 6.0
Max 5.5
− 0.3 ∼ V
CC + 0.3
− 10 ∼ + 45
− 25 ∼ + 85
V
V
V
°C
°C
Display Colors
Dot Diameter
Dots Pitch
Dot Total Number
Display Surface Size
Red, Green, Amber
φ 5.0
6.0
256 (16
× 16)
96
× 96
mm
mm
mm
96
× 96 mm
φ 5 mm 16 × 16 Dots LNP125051
■ Absolute Maximum Ratings (Ta
= 25°C)
■ Main Specifications (Ta
= 25°C)
Item
Symbol
Ratings
Unit
Brightness
(when lighting all lamps)
Operating Method
B
R e d : 250
Green : 250
Controllable
1/16(Duty)
Dynamic lighting
CLK
VCC
ICC
VLED
ILED
cd/m2
Max 20
5.0
± 0.25
Max 30
5.0
for Logic
for LED
Max 2.8 when two colors are
all turned “ON”
Weight
175
MHz
V
mA
V
A
g
Supply Voltage
Supply Current
Supply Voltage
Supply Current
■ Outline Drawing


Similar Part No. - LNP125051

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNP125031 PANASONIC-LNP125031 Datasheet
77Kb / 1P
   PANEL DISPLAY UNITS
LNP125041 PANASONIC-LNP125041 Datasheet
54Kb / 1P
   PANEL DISPLAY UNITS
More results

Similar Description - LNP125051

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN2561244UNB PANASONIC-LN2561244UNB Datasheet
85Kb / 1P
   PANEL DISPLAY UNITS
LNP123031 PANASONIC-LNP123031 Datasheet
54Kb / 1P
   PANEL DISPLAY UNITS
LNP128011 PANASONIC-LNP128011 Datasheet
95Kb / 1P
   PANEL DISPLAY UNITS
LNP143011 PANASONIC-LNP143011 Datasheet
64Kb / 1P
   PANEL DISPLAY UNITS
LNP173014 PANASONIC-LNP173014 Datasheet
55Kb / 1P
   PANEL DISPLAY UNITS
LN5121291UNB PANASONIC-LN5121291UNB Datasheet
64Kb / 1P
   PANEL DISPLAY UNITS
LN5121291UNBH PANASONIC-LN5121291UNBH Datasheet
65Kb / 1P
   PANEL DISPLAY UNITS
LNP120011 PANASONIC-LNP120011 Datasheet
156Kb / 1P
   PANEL DISPLAY UNITS
LNP125031 PANASONIC-LNP125031 Datasheet
77Kb / 1P
   PANEL DISPLAY UNITS
LNP175011 PANASONIC-LNP175011 Datasheet
73Kb / 1P
   PANEL DISPLAY UNITS
LNP175031 PANASONIC-LNP175031 Datasheet
102Kb / 1P
   PANEL DISPLAY UNITS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com