Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDT2010 Datasheet(PDF) 9 Page - Micon Design Technology Corporation

Part # MDT2010
Description  8-bit micro-controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT2010 Datasheet(HTML) 9 Page - Micon Design Technology Corporation

Back Button MDT2010 Datasheet HTML 5Page - Micon Design Technology Corporation MDT2010 Datasheet HTML 6Page - Micon Design Technology Corporation MDT2010 Datasheet HTML 7Page - Micon Design Technology Corporation MDT2010 Datasheet HTML 8Page - Micon Design Technology Corporation MDT2010 Datasheet HTML 9Page - Micon Design Technology Corporation MDT2010 Datasheet HTML 10Page - Micon Design Technology Corporation MDT2010 Datasheet HTML 11Page - Micon Design Technology Corporation MDT2010 Datasheet HTML 12Page - Micon Design Technology Corporation MDT2010 Datasheet HTML 13Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
MDT2010(JE)
This specification are subject to be changed without notice. Any latest information please preview http;//www.mdtic.com.tw
P. 8
2005/6 VER1.3
(D) Leakage Current
@ Vdd=5.0 V, Temperature=25 ℃, the typical value as followings :
Iil
- 0.1
µA (Max.)
Iih
+ 0.1
µA (Max.)
(E) Sleep Current
@WDT-Disable, Temperature=25 ℃, the typical value as followings :
Vdd=2.3 V
Idd<0.1
µA
Vdd=3.0 V
Idd<0.1
µA
Vdd=4.0 V
Idd<0.1.
µA
Vdd=5.0 V
Idd<0.1
µA
Vdd=6.0V
Idd= 75
µA
@WDT-Enable, Temperature=25 ℃, the typical value as followings :
Vdd=2.3 V
Idd<1.0
µA
Vdd=3.0 V
Idd=3.0
µA
Vdd=4.0 V
Idd=9.0
µA
Vdd=5.0 V
Idd=15.0
µA
Vdd=6.0 V
Idd=25.0
µA
(F) Operating Current
Temperature=25 ℃, the typical value as followings :
(i) OSC Type=RC (OSC1&OSC2 Internal Cap about 10P); WDT-Enable;
@ Vdd=5.0 V
Cext. (F)
Rext. (Ohm)
Frequency (Hz)
Current (A)
4.7 K
10 M
1.1 mA
10.0 K
5.5 M
580
µA
0P
47.0 K
1.3 M
220
µA
100.0 K
630 K
165
µA
300.0 K
210 K
135
µA
470.0 K
130 K
130
µA


Similar Part No. - MDT2010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDT2010 ETC1-MDT2010 Datasheet
76Kb / 17P
   8-bit micro-controller uses a fully static CMOS design technology
logo
Micon Design Technology...
MDT2010IB MDTIC-MDT2010IB Datasheet
109Kb / 15P
   8-bit micro-controller
MDT2010JG MDTIC-MDT2010JG Datasheet
126Kb / 15P
   8-bit micro-controller
More results

Similar Description - MDT2010

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com