Electronic Components Datasheet Search |
|
P80C54SFBB Datasheet(PDF) 11 Page - NXP Semiconductors |
|
P80C54SFBB Datasheet(HTML) 11 Page - NXP Semiconductors |
11 / 55 page Philips Semiconductors Product specification 8XC52/54/58/80C32 8XC51FA/FB/FC/80C51FA 8XC51RA+/RB+/RC+/RD+/80C51RA+ 80C51 8-bit microcontroller family 8K–64K/256–1K OTP/ROM/ROMless, low voltage (2.7V–5.5V), low power, high speed (33MHz) 1999 Apr 01 11 Table 2. 8XC51FA/FB/FC, 8XC51RA+/RB+/RC+/RD+ Special Function Registers SYMBOL DESCRIPTION DIRECT ADDRESS BIT ADDRESS, SYMBOL, OR ALTERNATIVE PORT FUNCTION MSB LSB RESET VALUE ACC* Accumulator E0H E7 E6 E5 E4 E3 E2 E1 E0 00H AUXR# Auxiliary 8EH – – – – – – EXTRAM (RX+ only) AO xxxxxx00B AUXR1# Auxiliary 1 A2H – – – LPEP3 GF3 0 – DPS xxx0xxx0B B* B register F0H F7 F6 F5 F4 F3 F2 F1 F0 00H CCAP0H# Module 0 Capture High FAH xxxxxxxxB CCAP1H# Module 1 Capture High FBH xxxxxxxxB CCAP2H# Module 2 Capture High FCH xxxxxxxxB CCAP3H# Module 3 Capture High FDH xxxxxxxxB CCAP4H# Module 4 Capture High FEH xxxxxxxxB CCAP0L# Module 0 Capture Low EAH xxxxxxxxB CCAP1L# Module 1 Capture Low EBH xxxxxxxxB CCAP2L# Module 2 Capture Low ECH xxxxxxxxB CCAP3L# Module 3 Capture Low EDH xxxxxxxxB CCAP4L# Module 4 Capture Low EEH xxxxxxxxB CCAPM0# Module 0 Mode DAH – ECOM CAPP CAPN MAT TOG PWM ECCF x0000000B CCAPM1# Module 1 Mode DBH – ECOM CAPP CAPN MAT TOG PWM ECCF x0000000B CCAPM2# Module 2 Mode DCH – ECOM CAPP CAPN MAT TOG PWM ECCF x0000000B CCAPM3# Module 3 Mode DDH – ECOM CAPP CAPN MAT TOG PWM ECCF x0000000B CCAPM4# Module 4 Mode DEH – ECOM CAPP CAPN MAT TOG PWM ECCF x0000000B DF DE DD DC DB DA D9 D8 CCON*# PCA Counter Control D8H CF CR – CCF4 CCF3 CCF2 CCF1 CCF0 00x00000B CH# PCA Counter High F9H 00H CL# PCA Counter Low E9H 00H CMOD# PCA Counter Mode D9H CIDL WDTE – – – CPS1 CPS0 ECF 00xxx000B DPTR: Data Pointer (2 bytes) DPH Data Pointer High 83H 00H DPL Data Pointer Low 82H 00H AF AE AD AC AB AA A9 A8 IE* Interrupt Enable A8H EA EC ET2 ES ET1 EX1 ET0 EX0 00H BF BE BD BC BB BA B9 B8 IP* Interrupt Priority B8H – PPC PT2 PS PT1 PX1 PT0 PX0 x0000000B B7 B6 B5 B4 B3 B2 B1 B0 IPH# Interrupt Priority High B7H – PPCH PT2H PSH PT1H PX1H PT0H PX0H x0000000B 87 86 85 84 83 82 81 80 P0* Port 0 80H AD7 AD6 AD5 AD4 AD3 AD2 AD1 AD0 FFH 97 96 95 94 93 92 91 90 P1* Port 1 90H CEX4 CEX3 CEX2 CEX1 CEX0 ECI T2EX T2 FFH A7 A6 A5 A4 A3 A2 A1 A0 P2* Port 2 A0H AD15 AD14 AD13 AD12 AD11 AD10 AD9 AD8 FFH B7 B6 B5 B4 B3 B2 B1 B0 P3* Port 3 B0H RD WR T1 T0 INT1 INT0 TxD RxD FFH PCON#1 Power Control 87H SMOD1 SMOD0 – POF2 GF1 GF0 PD IDL 00xx0000B * SFRs are bit addressable. # SFRs are modified from or added to the 80C51 SFRs. – Reserved bits. 1. Reset value depends on reset source. 2. Bit will not be affected by Reset. 3. LPEP – Low Power OTP–EPROM only operation. |
Similar Part No. - P80C54SFBB |
|
Similar Description - P80C54SFBB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |