Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDT1030 Datasheet(PDF) 8 Page - Micon Design Technology Corporation

Part # MDT1030
Description  8-bit micro-controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT1030 Datasheet(HTML) 8 Page - Micon Design Technology Corporation

Back Button MDT1030 Datasheet HTML 4Page - Micon Design Technology Corporation MDT1030 Datasheet HTML 5Page - Micon Design Technology Corporation MDT1030 Datasheet HTML 6Page - Micon Design Technology Corporation MDT1030 Datasheet HTML 7Page - Micon Design Technology Corporation MDT1030 Datasheet HTML 8Page - Micon Design Technology Corporation MDT1030 Datasheet HTML 9Page - Micon Design Technology Corporation MDT1030 Datasheet HTML 10Page - Micon Design Technology Corporation MDT1030 Datasheet HTML 11Page - Micon Design Technology Corporation MDT1030 Datasheet HTML 12Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
MDT1030
This specification are subject to be changed without notice. Any latest information please preview
http;//www.mdtic.com.tw
P. 8
2005 /6
VER1.4
Instruction Code
Mnemonic
Operands
Function
Operating
Status
0000bb brrrrr
BCR
R, b
Bit clear
0→R(b)
None
0010bb brrrrr
BSR
R, b
Bit set
1→R(b)
None
0001bb brrrrr
BTSC R, b
Bit Test, skip if clear
Skip if R(b)=0
None
0011bb brrrrr
BTSS R, b
Bit Test, skip if set
Skip if R(b)=1
None
1100 nnnnnnnn
CALL
n
Call subroutine
n→PC,
PC+1→Stack
None
1010ii iiiiii
RTWI
i
Return, place immediate to W Stack→PC,
i→W
None
100n nnnnnnnn
JUMP
n
JUMP to address
n→PC
None
Note :
W
:
Working register
b
:
Bit position
WT
:
Watchdog timer
t
:
Target
TMODE
:
TMODE mode register
0
:
Working register
CPIO
:
Control I/O port register
1
:
General register
TF
:
Timer overflow flag
R
:
General register address
PF
:
Power loss flag
C
:
Carry flag
PC
:
Program Counter
HC :
Half carry
OSC
:
Oscillator
Z
:
Zero flag
Inclu.
:
Inclusive
‘∪’
/
:
Complement
Exclu.
:
Exclusive
‘♁’
x
:
Don’t care
AND
:
Logic AND ‘
∩’
i
:
Immediate data ( 8 bits )
n
:
Immediate address
9. Electrical Characteristics
(A) Operating Voltage & Frequency
Vdd ﹕2.3 V ~ 6.3 V
Frequency﹕0 Hz ~ 20 MHz
(B) Input Voltage :
@ Vdd=5.0 V, Temperature=25 ℃
Port
Min.
Max.
Vil
PA, PB
RTCC, /MCLR
Vss
Vss
1.0 V
0.8 V
Vih
PA, PB
RTCC, /MCLR
2.0 V
3.4 V
Vdd
Vdd
*Threshold Voltage :


Similar Part No. - MDT1030

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MDT1005 MDTIC-MDT1005 Datasheet
179Kb / 19P
   8-bit micro-controller
MDT1010 MDTIC-MDT1010 Datasheet
178Kb / 19P
   8-bit micro-controller
MDT1020 MDTIC-MDT1020 Datasheet
181Kb / 18P
   8-bit micro-controller
MDT1051 MDTIC-MDT1051 Datasheet
79Kb / 13P
   8-bit micro-controller
MDT10C22 MDTIC-MDT10C22 Datasheet
191Kb / 19P
   8-bit micro-controller
More results

Similar Description - MDT1030

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com